Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC7448VU667N Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MC7448VU667N
Description  MPC7448 Hardware Specifications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC7448VU667N Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC7448VU667N Datasheet HTML 4Page - Freescale Semiconductor, Inc MC7448VU667N Datasheet HTML 5Page - Freescale Semiconductor, Inc MC7448VU667N Datasheet HTML 6Page - Freescale Semiconductor, Inc MC7448VU667N Datasheet HTML 7Page - Freescale Semiconductor, Inc MC7448VU667N Datasheet HTML 8Page - Freescale Semiconductor, Inc MC7448VU667N Datasheet HTML 9Page - Freescale Semiconductor, Inc MC7448VU667N Datasheet HTML 10Page - Freescale Semiconductor, Inc MC7448VU667N Datasheet HTML 11Page - Freescale Semiconductor, Inc MC7448VU667N Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series, Rev. 6
8
Freescale Semiconductor
General Parameters
5.3
Voltage and Frequency Derating
To reduce power consumption, these devices support voltage and frequency derating in which the core
voltage (VDD) may be reduced if the reduced maximum processor core frequency requirements are
observed. The supported derated core voltage, resulting maximum processor core frequency (fcore), and
power consumption are provided in Table 11. Only those parameters in Table 11 are affected; all other
parameter specifications are unaffected.
9.2
Power Supply Design and Sequencing
The power supply design and sequencing requirements of the devices described here are identical to those
described in the MPC7448 RISC Microprocessor Hardware Specifications.
Table 11. Supported Voltage, Core Frequency, and Power Consumption Derating
Maximum Rated
Core Frequency
(Device Marking)
Supported
Derated Core
Voltage (VDD)
Maximum Derated
Core Frequency
(fcore)
Full-Power Mode Power Consumption
Typical
Thermal
Maximum
600
N/A
667
N/A
800
N/A
867
N/A
1000
N/A
1250
N/A
1267
1.0 V ± 50 mV
1000 MHz
6.0 W
7.3 W
8.5 W
1400
1.0 V ± 50 mV
1000 MHz
8.0 W
9.9 W
11.5 W


Similar Part No. - MC7448VU667N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC7448VU667NC NXP-MC7448VU667NC Datasheet
165Kb / 12P
   MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series
MC7448VU667ND NXP-MC7448VU667ND Datasheet
165Kb / 12P
   MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series
MC7448VU667NX NXP-MC7448VU667NX Datasheet
165Kb / 12P
   MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series
More results

Similar Description - MC7448VU667N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC7448ECS02AD NXP-MPC7448ECS02AD Datasheet
513Kb / 8P
   MPC7448 Hardware Specifications Addendum for the MC7448Txxnnnnmx Series
Rev. 2, 04/2007
MPC7448ECS01AD NXP-MPC7448ECS01AD Datasheet
165Kb / 12P
   MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series
logo
Freescale Semiconductor...
MPC859T FREESCALE-MPC859T Datasheet
1Mb / 92P
   Hardware Specifications
MPC885 FREESCALE-MPC885 Datasheet
1Mb / 92P
   Hardware Specifications
MPC5200 FREESCALE-MPC5200 Datasheet
6Mb / 80P
   Hardware Specifications
KMPC8250ACZUMHBC FREESCALE-KMPC8250ACZUMHBC Datasheet
951Kb / 62P
   Hardware Specifications
MPC8250 FREESCALE-MPC8250_05 Datasheet
1Mb / 60P
   Hardware Specifications
MPC852T FREESCALE-MPC852T Datasheet
3Mb / 80P
   Hardware Specifications
MPC860 FREESCALE-MPC860 Datasheet
1Mb / 80P
   Hardware Specifications
MPC875 FREESCALE-MPC875 Datasheet
1Mb / 84P
   Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com