Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC7448VU800N Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MC7448VU800N
Description  MPC7448 Hardware Specifications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC7448VU800N Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC7448VU800N Datasheet HTML 1Page - Freescale Semiconductor, Inc MC7448VU800N Datasheet HTML 2Page - Freescale Semiconductor, Inc MC7448VU800N Datasheet HTML 3Page - Freescale Semiconductor, Inc MC7448VU800N Datasheet HTML 4Page - Freescale Semiconductor, Inc MC7448VU800N Datasheet HTML 5Page - Freescale Semiconductor, Inc MC7448VU800N Datasheet HTML 6Page - Freescale Semiconductor, Inc MC7448VU800N Datasheet HTML 7Page - Freescale Semiconductor, Inc MC7448VU800N Datasheet HTML 8Page - Freescale Semiconductor, Inc MC7448VU800N Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series, Rev. 6
4
Freescale Semiconductor
General Parameters
4
General Parameters
Core power supply
1.15 V
(1400 MHz devices)
1.1 V
(1267, 1250 MHz devices)
1.05 V
(1267 MHz revision level D devices only, See Table 17.)
1.0 V
(1000, 867, 800, 667, 600 MHz devices)
Note: See Section 5.1, “DC Electrical Characteristics,” for information regarding VDD
specifications for 1400 MHz devices.
5.1
DC Electrical Characteristics
Table 4 provides the recommended operating conditions for the MPC7448 part numbers described here.
NOTE
Table 4 describes the nominal operating conditions of the device. For
information on the operation of the device at supported derated core voltage
conditions, see Section 5.3, “Voltage and Frequency Derating.”
Table 4. Recommended Operating Conditions 1
Characteristic
Symbol
Recommended Value
Unit
Notes
600 MHz,
667 MHz,
800 MHz,
867 MHz,
1000 MHz
1250 MHz,
1267 MHz3
Revision Level C
for 1267 only
1267 MHz3
Revision
Level D only
1400 MHz 3, 4
Core supply
voltage
VDD
1.0 V ± 50 mV
1.1 V ± 50 mV
1.05 V ± 50 mV
1.15 V ± 50 mV
V
PLL supply voltage
AVDD
1.0 V ± 50 mV
1.1 V ± 50 mV
1.05 V ± 50 mV
1.15 V ± 50 mV
V
2
Notes:
1. These are the recommended and tested operating conditions. Some speed grades in addition support voltage derating; see
Section 5.3, “Voltage and Frequency Derating.” Proper device operation outside of these conditions and those specified in
Section 5.3, “Voltage and Frequency Derating,” is not guaranteed.
2. This voltage is the input to the filter discussed in Section 9.2.2, “PLL Power Supply Filtering,” in the hardware specifications
and not necessarily the voltage at the AVDD pin, which may be reduced from VDD by the filter.
3.
VDD and AVDD may be reduced in order to reduce power consumption if further maximum core frequency constraints are
observed. See Section 5.3, “Voltage and Frequency Derating,” for specific information.
4.
Effective for 1400 MHz devices with date code of 0613 and later; this includes all devices with the ‘PPC’ product code. VDD
and AVDD were specified at 1.1V ± 50 mV for 1400 MHz devices with date code 0612 and prior. See Section 11, “Part
Numbering and Marking,” for more information.


Similar Part No. - MC7448VU800N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC7448VU800NC NXP-MC7448VU800NC Datasheet
165Kb / 12P
   MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series
MC7448VU800ND NXP-MC7448VU800ND Datasheet
165Kb / 12P
   MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series
MC7448VU800NX NXP-MC7448VU800NX Datasheet
165Kb / 12P
   MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series
More results

Similar Description - MC7448VU800N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC7448ECS02AD NXP-MPC7448ECS02AD Datasheet
513Kb / 8P
   MPC7448 Hardware Specifications Addendum for the MC7448Txxnnnnmx Series
Rev. 2, 04/2007
MPC7448ECS01AD NXP-MPC7448ECS01AD Datasheet
165Kb / 12P
   MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series
logo
Freescale Semiconductor...
MPC859T FREESCALE-MPC859T Datasheet
1Mb / 92P
   Hardware Specifications
MPC885 FREESCALE-MPC885 Datasheet
1Mb / 92P
   Hardware Specifications
MPC5200 FREESCALE-MPC5200 Datasheet
6Mb / 80P
   Hardware Specifications
KMPC8250ACZUMHBC FREESCALE-KMPC8250ACZUMHBC Datasheet
951Kb / 62P
   Hardware Specifications
MPC8250 FREESCALE-MPC8250_05 Datasheet
1Mb / 60P
   Hardware Specifications
MPC852T FREESCALE-MPC852T Datasheet
3Mb / 80P
   Hardware Specifications
MPC860 FREESCALE-MPC860 Datasheet
1Mb / 80P
   Hardware Specifications
MPC875 FREESCALE-MPC875 Datasheet
1Mb / 84P
   Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com