Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX19711ETN Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX19711ETN
Description  10-Bit, 11Msps, Full-Duplex Analog Front-End
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19711ETN Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX19711ETN Datasheet HTML 5Page - Maxim Integrated Products MAX19711ETN Datasheet HTML 6Page - Maxim Integrated Products MAX19711ETN Datasheet HTML 7Page - Maxim Integrated Products MAX19711ETN Datasheet HTML 8Page - Maxim Integrated Products MAX19711ETN Datasheet HTML 9Page - Maxim Integrated Products MAX19711ETN Datasheet HTML 10Page - Maxim Integrated Products MAX19711ETN Datasheet HTML 11Page - Maxim Integrated Products MAX19711ETN Datasheet HTML 12Page - Maxim Integrated Products MAX19711ETN Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
10-Bit, 11Msps, Full-Duplex
Analog Front-End
_______________________________________________________________________________________
9
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 3V, OVDD = 1.8V, internal reference (1.024V), CL
≈ 10pF on all digital outputs, fCLK = 11MHz (50% duty cycle), Rx ADC input
amplitude = -0.5dBFS, Tx DAC output amplitude = 0dBFS, VFS = 410mV, CM1 = 0, CM0 = 0, differential Rx ADC input, differential Tx
DAC output, CREFP = CREFN = CCOM = 0.33µF, CL < 5pF on all aux-DAC outputs, TA = TMIN to TMAX, unless otherwise noted. Typical
values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
BUFFERED EXTERNAL REFERENCE (external VREFIN = 1.024V applied; VREFP, VREFN, VCOM levels are generated internally)
Reference Input Voltage
VREFIN
1.024
V
Differential Reference Output
VDIFF
VREFP - VREFN
0.512
V
Common-Mode Output Voltage
VCOM
VDD / 2
V
Maximum REFP/REFN/COM
Source Current
ISOURCE
2mA
Maximum REFP/REFN/COM
Sink Current
ISINK
2mA
REFIN Input Current
-0.7
µA
REFIN Input Resistance
500
k
Ω
DIGITAL INPUTS (CLK, SCLK, DIN,
CS/WAKE, DA9–DA0)
Input High Threshold
VINH
0.7 x OVDD
V
Input Low Threshold
VINL
0.3 x OVDD
V
CLK, SCLK, DIN,
CS/WAKE = OGND or
OVDD
-1
+1
DA9–DA0 = OVDD
-1
+1
Input Leakage
DIIN
DA9–DA0 = OGND
-5
+5
µA
Input Capacitance
DCIN
5pF
DIGITAL OUTPUTS (AD9–AD0, DOUT)
Output-Voltage Low
VOL
ISINK = 200µA
0.2 x OVDD
V
Output-Voltage High
VOH
ISOURCE = 200µA
0.8 x OVDD
V
Tri-State Leakage Current
ILEAK
-1
+1
µA
Tri-State Output Capacitance
COUT
5pF
Note 1: Specifications from TA = +25°C to +85°C guaranteed by production test. TA < +25°C guaranteed by design and characteri-
zation.
Note 2: The minimum clock frequency (fCLK) for the MAX19711 is 2MHz (typ). The minimum aux-ADC sample rate clock frequency
(ACLK) is determined by fCLK and the chosen aux-ADC clock-divider value. The minimum aux-ADC ACLK > 2MHz / 128 =
15.6kHz. The aux-ADC conversion time does not include the time to clock the serial data out of DOUT. The maximum con-
version time (for no averaging, NAVG = 1) will be tCONV (max) = (12 x 1 x 128) / 2MHz = 768µs.
Note 3: SNR, SINAD, SFDR, HD3, and THD are based on a differential analog input voltage of -0.5dBFS referenced to the amplitude
of the digital outputs. SINAD and THD are calculated using HD2 through HD6.
Note 4: Crosstalk rejection is measured by applying a high-frequency test tone to one channel and a low-frequency tone to the sec-
ond channel. FFTs are performed on each channel. The parameter is specified as the power ratio of the first and second
channel FFT test tones.
Note 5: Amplitude and phase matching are measured by applying the same signal to each channel, and comparing the two output
signals using a sine-wave fit.
Note 6: Guaranteed by design and characterization.


Similar Part No. - MAX19711ETN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19711EVCMODU++ MAXIM-MAX19711EVCMODU+ Datasheet
685Kb / 21P
   Low-Voltage and Low-Power Operation
Rev 1; 6/07
MAX19711EVKIT++ MAXIM-MAX19711EVKIT+ Datasheet
685Kb / 21P
   Low-Voltage and Low-Power Operation
Rev 1; 6/07
More results

Similar Description - MAX19711ETN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19710 MAXIM-MAX19710 Datasheet
818Kb / 37P
   10-Bit, 7.5Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
MAX19713 MAXIM-MAX19713 Datasheet
879Kb / 37P
   10-Bit, 45Msps, Full-Duplex Analog Front-End
Rev 1; 9/06
MAX19712 MAXIM-MAX19712 Datasheet
770Kb / 36P
   10-Bit, 22Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
logo
National Semiconductor ...
TP5510 NSC-TP5510 Datasheet
197Kb / 12P
   Full Duplex Analog Front End for Consumer Applications
logo
Texas Instruments
LM9810 TI1-LM9810 Datasheet
290Kb / 22P
[Old version datasheet]   10/12-Bit Image Sensor Processor Analog Front End
logo
Maxim Integrated Produc...
MAX19707 MAXIM-MAX19707 Datasheet
541Kb / 37P
   10-Bit, 45Msps, Ultra-Low-Power Analog Front-End
Rev 1; 6/07
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
   Analog Front End
ADCDS-1603LC-C DATEL-ADCDS-1603LC-C Datasheet
138Kb / 1P
   Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com