Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX19586 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX19586
Description  High-Dynamic-Range, 16-Bit, 80Msps ADC with -82dBFS Noise Floor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19586 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX19586 Datasheet HTML 1Page - Maxim Integrated Products MAX19586 Datasheet HTML 2Page - Maxim Integrated Products MAX19586 Datasheet HTML 3Page - Maxim Integrated Products MAX19586 Datasheet HTML 4Page - Maxim Integrated Products MAX19586 Datasheet HTML 5Page - Maxim Integrated Products MAX19586 Datasheet HTML 6Page - Maxim Integrated Products MAX19586 Datasheet HTML 7Page - Maxim Integrated Products MAX19586 Datasheet HTML 8Page - Maxim Integrated Products MAX19586 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
High-Dynamic-Range, 16-Bit,
80Msps ADC with -82dBFS Noise Floor
_______________________________________________________________________________________
5
-120
-100
-80
-60
-40
-20
0
010
5
152025303540
FFT PLOT
(32,768-POINT RECORD)
ANALOG INPUT FREQUENCY (MHz)
fCLK = 80.00012288MHz
fIN = 10.10011317MHz
AIN = -2.02dBFS
SNR = 80dB
SINAD = 79.8dB
SFDR1 = 96.2dBc
SFDR2 = 101dBc
HD2 = -99.6dBc
HD3 = -96.2dBc
2
3
-120
-100
-80
-60
-40
-20
0
010
5
152025303540
FFT PLOT
(32,768-POINT RECORD)
ANALOG INPUT FREQUENCY (MHz)
2
3
fCLK = 80.00012288MHz
fIN = 70.16368199MHz
AIN = -2.06dBFS
SNR = 79.3dB
SINAD = 77.7dB
SFDR1 = 83.3dBc
SFDR2 = 98.2dBc
HD2 = -93.5dBc
HD3 = -83.3dBc
-140
-100
-120
-80
-60
-40
-20
0
010
5
152025303540
FFT PLOT
(261,244-POINT DATA RECORD)
ANALOG INPUT FREQUENCY (MHz)
3
2
fCLK = 80.00012288MHz
fIN = 130.00050486MHz
AIN = -1.82dBFS
SNR = 77.7dB
SINAD = 76.4dB
SFDR1 = 83.1dBc
SFDR2 = 91.2dBc
HD2 = -89.4dBc
HD3 = -83.1dBc
70
72
76
80
74
78
82
0
406080
20
100 120 140 160 180
SNR/SINAD vs. ANALOG INPUT FREQUENCY
(fCLK = 80MHz, AIN = -2dBFS)
fIN (MHz)
SNR
SINAD
70
75
85
100
80
90
105
95
110
0
406080
20
100 120 140 160 180
SFDR1/SFDR2 vs. ANALOG INPUT FREQUENCY
(fCLK = 80MHz, AIN = -2dBFS)
fIN (MHz)
SFDR2
SFDR1
-110
-105
-95
-80
-100
-90
-75
-85
-70
0
406080
20
100 120 140 160 180
HD2/HD3 vs. ANALOG INPUT FREQUENCY
(fCLK = 80MHz, AIN = -2dBFS)
fIN (MHz)
HD3
HD2
40
50
70
60
45
55
65
75
80
85
-40
-30
-25
-20
-35
-15
-10
-5
0
SNR vs. ANALOG INPUT AMPLITUDE
(fCLK = 80MHz, fIN = 10.10011MHz)
ANALOG INPUT AMPLITUDE (dBFS)
SNR (dBFS)
SNR (dB)
60
80
110
90
70
100
120
-40
-30
-25
-20
-35
-15
-10
-5
0
SFDR1 vs. ANALOG INPUT AMPLITUDE
(fCLK = 80MHz, fIN = 10.10011MHz)
ANALOG INPUT AMPLITUDE (dBFS)
SFDR1 (dBFS)
SFDR1 (dBc)
SFDR = 90dB
REFERENCE LINE
60
80
110
90
70
100
120
-40
-30
-25
-20
-35
-15
-10
-5
0
SFDR2 vs. ANALOG INPUT AMPLITUDE
(fCLK = 80MHz, fIN = 10.10011MHz)
ANALOG INPUT AMPLITUDE (dBFS)
SFDR2 (dBFS)
SFDR2 (dBc)
SFDR = 90dB
REFERENCE LINE
Typical Operating Characteristics
(AVDD = 3.3V, DVDD = 1.8V, INP and INN driven differentially, internal reference, CLKP and CLKN driven differentially, CL = 5pF at
digital outputs, fCLK = 80MHz, TA = +25°C. Unless otherwise noted, all AC data based on 32k-point FFT records and under coherent
sampling conditions.)


Similar Part No. - MAX19586

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1958 MAXIM-MAX1958 Datasheet
799Kb / 24P
   W-CDMA/N-CDMA Cellular Phone HBT PA Management ICs
Rev 0; 10/02
MAX19588 MAXIM-MAX19588 Datasheet
300Kb / 19P
   High-Dynamic-Range, 16-Bit, 100Msps ADC with -82dBFS Noise Floor
Rev 0; 5/06
MAX19588ETND MAXIM-MAX19588ETND Datasheet
300Kb / 19P
   High-Dynamic-Range, 16-Bit, 100Msps ADC with -82dBFS Noise Floor
Rev 0; 5/06
MAX1958ETP MAXIM-MAX1958ETP Datasheet
799Kb / 24P
   W-CDMA/N-CDMA Cellular Phone HBT PA Management ICs
Rev 0; 10/02
More results

Similar Description - MAX19586

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19588 MAXIM-MAX19588 Datasheet
300Kb / 19P
   High-Dynamic-Range, 16-Bit, 100Msps ADC with -82dBFS Noise Floor
Rev 0; 5/06
MAX1427 MAXIM-MAX1427 Datasheet
368Kb / 18P
   15-Bit, 80Msps ADC with -79.3dBFS Noise Floor for Baseband Applications
2004
MAX1428 MAXIM-MAX1428 Datasheet
717Kb / 18P
   15-Bit, 80Msps ADC with -78.4dBFS Noise Floor for IF Applications
Rev 0; 10/04
logo
Linear Technology
LTC2216 LINER-LTC2216 Datasheet
1Mb / 36P
   16-Bit, 80Msps/65Msps Low Noise ADC
LTC2215 LINER-LTC2215_15 Datasheet
1Mb / 36P
   16-Bit, 80Msps/65Msps Low Noise ADC
LTC2216 LINER-LTC2216_15 Datasheet
1Mb / 36P
   16-Bit, 80Msps/65Msps Low Noise ADC
LTC1747 LINER-LTC1747 Datasheet
491Kb / 20P
   12-Bit, 80Msps Low Noise ADC
LTC1748 LINER-LTC1748_15 Datasheet
534Kb / 20P
   14-Bit, 80Msps Low Noise ADC
LTC1748 LINER-LTC1748 Datasheet
533Kb / 20P
   14-Bit, 80Msps Low Noise ADC
LTC1747 LINER-LTC1747_15 Datasheet
497Kb / 20P
   12-Bit, 80Msps Low Noise ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com