Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX19710ETN Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX19710ETN
Description  10-Bit, 7.5Msps, Full-Duplex Analog Front-End
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX19710ETN Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX19710ETN Datasheet HTML 1Page - Maxim Integrated Products MAX19710ETN Datasheet HTML 2Page - Maxim Integrated Products MAX19710ETN Datasheet HTML 3Page - Maxim Integrated Products MAX19710ETN Datasheet HTML 4Page - Maxim Integrated Products MAX19710ETN Datasheet HTML 5Page - Maxim Integrated Products MAX19710ETN Datasheet HTML 6Page - Maxim Integrated Products MAX19710ETN Datasheet HTML 7Page - Maxim Integrated Products MAX19710ETN Datasheet HTML 8Page - Maxim Integrated Products MAX19710ETN Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 3V, OVDD = 1.8V, internal reference (1.024V), CL
≈ 10pF on all digital outputs, fCLK = 7.5MHz (50% duty cycle), Rx ADC input
amplitude = -0.5dBFS, Tx DAC output amplitude = 0dBFS, CM1 = 0, CM0 = 0, differential Rx ADC input, differential Tx DAC output,
CREFP = CREFN = CCOM = 0.33µF, CL < 5pF on all aux-DAC outputs, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SPI3-Rx mode: fCLK = 7.5MHz, fIN =
1.875MHz on both channels; Tx DAC ON
(Tx DAC outputs at midscale); aux-DACs
ON and at midscale, aux-ADC ON
9.5
12
Standby mode: CLK = 0 or OVDD;
aux-DACs ON and at midscale,
aux-ADC ON
2.7
3.5
Idle mode: fCLK = 7.5MHz; aux-DACs ON
and at midscale, aux-ADC ON
4.6
6
mA
VDD Supply Current
Shutdown mode: CLK = 0 or OVDD, or
aux-ADC OFF
0.5
5
µA
FD mode: fCLK = 7.5MHz, fOUT = 620kHz
on both DAC channels; fIN = 1.875MHz on
both ADC channels; aux-DACs ON and at
midscale, aux-ADC ON
0.94
SPI1-Rx and SPI3-Rx modes: fCLK =
7.5MHz, fIN = 1.875MHz on both ADC
channels; DAC input bus tri-stated; aux-
DACs ON and at midscale, aux-ADC ON
0.90
mA
SPI2-Tx and SPI4-Tx modes: fCLK =
7.5MHz, fOUT = 620kHz on both DAC
channels; ADC output bus tri-stated; aux-
DACs ON and at midscale, aux-ADC ON
52
Standby mode: CLK = 0 or OVDD; aux-
DACs ON and at midscale, aux-ADC ON
0.1
Idle mode: fCLK = 7.5MHz; aux-DACs ON
and at midscale, aux-ADC ON
12.8
OVDD Supply Current
Shutdown mode: CLK = 0 or OVDD, or
aux-ADC OFF
0.1
µA
Rx ADC DC ACCURACY
Resolution
N
10
Bits
Integral Nonlinearity
INL
±0.5
LSB
Differential Nonlinearity
DNL
No missing codes over temperature (Note 2)
-0.8
±0.4
+1.0
LSB
Offset Error
Residual DC offset error
-5
±0.2
+5
%FS
Gain Error
Includes reference error
-5
±0.9
+5
%FS
DC Gain Matching
-0.15
±0.04
+0.15
dB
Offset Matching
±11
LSB
10-Bit, 7.5Msps, Full-Duplex
Analog Front-End
_______________________________________________________________________________________
3


Similar Part No. - MAX19710ETN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19710EVCMODU++ MAXIM-MAX19710EVCMODU+ Datasheet
685Kb / 21P
   Low-Voltage and Low-Power Operation
Rev 1; 6/07
MAX19710EVKIT MAXIM-MAX19710EVKIT Datasheet
685Kb / 21P
   Low-Voltage and Low-Power Operation
Rev 1; 6/07
MAX19710EVKIT++ MAXIM-MAX19710EVKIT+ Datasheet
685Kb / 21P
   Low-Voltage and Low-Power Operation
Rev 1; 6/07
More results

Similar Description - MAX19710ETN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX19711 MAXIM-MAX19711 Datasheet
957Kb / 36P
   10-Bit, 11Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
MAX19713 MAXIM-MAX19713 Datasheet
879Kb / 37P
   10-Bit, 45Msps, Full-Duplex Analog Front-End
Rev 1; 9/06
MAX19712 MAXIM-MAX19712 Datasheet
770Kb / 36P
   10-Bit, 22Msps, Full-Duplex Analog Front-End
Rev 0; 5/06
logo
National Semiconductor ...
TP5510 NSC-TP5510 Datasheet
197Kb / 12P
   Full Duplex Analog Front End for Consumer Applications
logo
Maxim Integrated Produc...
MAX5863 MAXIM-MAX5863 Datasheet
1Mb / 26P
   Ultra-Low-Power, High-Dynamic Performance, 7.5Msps Analog Front End
19-2914; Rev 1; 10/03
logo
Texas Instruments
LM9810 TI1-LM9810 Datasheet
290Kb / 22P
[Old version datasheet]   10/12-Bit Image Sensor Processor Analog Front End
logo
Maxim Integrated Produc...
MAX19707 MAXIM-MAX19707 Datasheet
541Kb / 37P
   10-Bit, 45Msps, Ultra-Low-Power Analog Front-End
Rev 1; 6/07
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
   Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com