Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPM-5208 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-5208
Description  UMTS Band8 (880-915MHz) 3x3mm Power Amplifi er Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-5208 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPM-5208 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPM-5208 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-5208 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-5208 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-5208 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPM-5208 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPM-5208 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPM-5208 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPM-5208 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
Plastic Reel Format (all dimensions are in millimeters)
Reel Drawing
NOTES:
1. Reel shall be labeled with the following
information (as a minimum).
a. manufacturers name or symbol
b. Avago Technologies part number
c. purchase order number
d. date code
e. quantity of units
2. A certificate of compliance (c of c) shall
be issued and accompany each shipment
of product.
3. Reel must not be made with or contain
ozone depleting materials.
4. All dimensions in millimeters (mm)
50 min.
12.4
+2.0
-0.0
18.4 max.
25
min wide (ref)
Slot for carrier tape
insertion for attachment
to reel hub (2 places 180° apart)
BACK VIEW
FRONT VIEW
178
Shading indicates
thru slots
+0.4
-0.2
21.0 ± 0.8
13.0 ± 0.2
1.5 min.


Similar Part No. - ACPM-5208

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5201 AVAGO-ACPM-5201 Datasheet
329Kb / 13P
   Excellent Linearity
logo
Broadcom Corporation.
ACPM-5201 BOARDCOM-ACPM-5201 Datasheet
329Kb / 13P
   UMTS Band1 (1920-1980MHz) 3x3mm Power Amplifi er Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5201-BLK AVAGO-ACPM-5201-BLK Datasheet
329Kb / 13P
   Excellent Linearity
logo
Broadcom Corporation.
ACPM-5201-BLK BOARDCOM-ACPM-5201-BLK Datasheet
329Kb / 13P
   UMTS Band1 (1920-1980MHz) 3x3mm Power Amplifi er Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5201-TR1 AVAGO-ACPM-5201-TR1 Datasheet
329Kb / 13P
   Excellent Linearity
More results

Similar Description - ACPM-5208

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPM-5008 BOARDCOM-ACPM-5008 Datasheet
312Kb / 13P
   UMTS Band8 (880-915MHz) 3x3mm Power Amplifi er Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5008-TR1 AVAGO-ACPM-5008-TR1 Datasheet
312Kb / 13P
   UMTS Band8 (880-915MHz) 3x3mm Power Amplifi er Module
logo
Broadcom Corporation.
ACPM-7372 BOARDCOM-ACPM-7372 Datasheet
1Mb / 16P
   UMTS Band8 (880-915MHz) 4x4 Power Amplifier Module
ACPM-5202 BOARDCOM-ACPM-5202 Datasheet
312Kb / 13P
   UMTS Band2 (1850-1910MHz) 3x3mm Power Amplifi er Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5202 AVAGO-ACPM-5202 Datasheet
323Kb / 13P
   UMTS Band2 (1850-1910MHz) 3x3mm Power Amplifi er Module
ACPM-5204 AVAGO-ACPM-5204 Datasheet
320Kb / 13P
   UMTS Band4 (1710-1755MHz) 3x3mm Power Amplifi er Module
logo
Broadcom Corporation.
ACPM-5201 BOARDCOM-ACPM-5201 Datasheet
329Kb / 13P
   UMTS Band1 (1920-1980MHz) 3x3mm Power Amplifi er Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7371 AVAGO-ACPM-7371 Datasheet
877Kb / 15P
   UMTS 4x4 Power Amplifier (880-915MHz)
logo
Broadcom Corporation.
ACPM-5002 BOARDCOM-ACPM-5002 Datasheet
312Kb / 13P
   Multimode PA - UMTS Band2, LTE Band25 and CDMA PCS 3x3mm Power Amplifi er Module with Coupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5002-TR1 AVAGO-ACPM-5002-TR1 Datasheet
312Kb / 13P
   Multimode PA - UMTS Band2, LTE Band25 and CDMA PCS 3x3mm Power Amplifi er Module with Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com