Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPM-5208-TR1 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-5208-TR1
Description  UMTS Band8 (880-915MHz) 3x3mm Power Amplifi er Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-5208-TR1 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  ACPM-5208-TR1 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPM-5208-TR1 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPM-5208-TR1 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPM-5208-TR1 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPM-5208-TR1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPM-5208-TR1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-5208-TR1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-5208-TR1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-5208-TR1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Electrical Characteristics for WCDMA Mode
– Conditions: Vcc = 3.4V, Ven = 2.6V, Ta = 25°C, Zin/Zout = 50ohm
– Signal Configuration: 3GPP (DPCCH + 1DPDCH) Up-Link unless specified otherwise.
Characteristics
Condition
Min.
Typ.
Max.
Unit
Operating Frequency Range
880
915
MHz
Gain
High Power Mode, Pout=28dBm
24.5
27.5
dB
Mid Power Mode, Pout=18dBm
15
19
dB
Bypass Mode, Pout=12dBm
8
10.5
dB
Power Added Efficiency
High Power Mode, Pout=28dBm
34.7
39
%
Mid Power Mode, Pout=18dBm
16.5
22.5
%
Bypass Mode, Pout=12dBm
8.6
11.5
%
Total Supply Current
High Power Mode, Pout=28dBm
474
534
mA
Mid Power Mode, Pout=18dBm
81.5
111.5
mA
Bypass Mode, Pout=12dBm
37
52
mA
Quiescent Current
High Power Mode
80
105
130
mA
Mid Power Mode
10
19
34
mA
Bypass Mode
1
3.5
5.5
mA
Enable Current
High Power Mode
10
μA
Mid Power Mode
10
μA
Bypass Mode
10
μA
Mode Control Current
Mid Power Mode
5
μA
Bypass Mode
5
μA
Bypass Control Current
Bypass
5
μA
Total Current in Power-down mode
Ven=0V, Vmode=0V, Vbp=0V
5
μA
Adjacent Channel
Leakage Ratio
5 MHz offset
10 MHz offset
High Power Mode, Pout=28dBm
-42
-58
-36
-46
dBc
dBc
5 MHz offset
10 MHz offset
High Power Mode, Pout=27dBm
-40
-56
-35
-46
dBc
dBc
5 MHz offset
10 MHz offset
Mid Power Mode, Pout=18dBm
-42
-61
-36
-46
dBc
dBc
5 MHz offset
10 MHz offset
Mid Power Mode, Pout=18dBm
-40
-59
-36
-46
dBc
dBc
5 MHz offset
10 MHz offset
Bypass Mode, Pout=12dBm
-42
-60
-36
-46
dBc
dBc
5 MHz offset
10 MHz offset
Bypass Mode, Pout=12dBm
-40
-58
-36
-46
dBc
dBc
Harmonic
Suppression
Second
Third
High Power Mode, Pout=28dBm
-38
-48
-35
-42
dBc
dBc
Input VSWR
2.5:1
Stability (Spurious Output)
VSWR 5:1, All phase
-60
dBc
Rx Band Noise Power (Vcc=4.2V)
High Power Mode, Pout=28dBm
-135
dBm/Hz
GPS Band Noise Power (Vcc=4.2V)
High Power Mode, Pout=28dBm
-138
dBm/Hz
ISM Band Noise Power (Vcc=4.2V)
High Power Mode, Pout=28dBm
-140
dBm/Hz
Phase Discontinuity
Bypass mode
↔mid power mode,
at Pout=12dBm
Mid power mode
↔high power mode,
at Pout=18dBm
28
3
deg
deg
Ruggedness
Pout<28dBm, Pin<5dBm, All phase
High Power Mode
10:1
VSWR
Coupling factor
RF Out to CPL port
20
dB
Daisy Chain Insertion Loss
ISO port to CPL port, Ven=Low
dB
Pout Variation on VSWR 2.5:1
All Phases
-1
1
dB


Similar Part No. - ACPM-5208-TR1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5201 AVAGO-ACPM-5201 Datasheet
329Kb / 13P
   Excellent Linearity
logo
Broadcom Corporation.
ACPM-5201 BOARDCOM-ACPM-5201 Datasheet
329Kb / 13P
   UMTS Band1 (1920-1980MHz) 3x3mm Power Amplifi er Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5201-BLK AVAGO-ACPM-5201-BLK Datasheet
329Kb / 13P
   Excellent Linearity
logo
Broadcom Corporation.
ACPM-5201-BLK BOARDCOM-ACPM-5201-BLK Datasheet
329Kb / 13P
   UMTS Band1 (1920-1980MHz) 3x3mm Power Amplifi er Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5201-TR1 AVAGO-ACPM-5201-TR1 Datasheet
329Kb / 13P
   Excellent Linearity
More results

Similar Description - ACPM-5208-TR1

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPM-5008 BOARDCOM-ACPM-5008 Datasheet
312Kb / 13P
   UMTS Band8 (880-915MHz) 3x3mm Power Amplifi er Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5008-TR1 AVAGO-ACPM-5008-TR1 Datasheet
312Kb / 13P
   UMTS Band8 (880-915MHz) 3x3mm Power Amplifi er Module
logo
Broadcom Corporation.
ACPM-7372 BOARDCOM-ACPM-7372 Datasheet
1Mb / 16P
   UMTS Band8 (880-915MHz) 4x4 Power Amplifier Module
ACPM-5202 BOARDCOM-ACPM-5202 Datasheet
312Kb / 13P
   UMTS Band2 (1850-1910MHz) 3x3mm Power Amplifi er Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5202 AVAGO-ACPM-5202 Datasheet
323Kb / 13P
   UMTS Band2 (1850-1910MHz) 3x3mm Power Amplifi er Module
ACPM-5204 AVAGO-ACPM-5204 Datasheet
320Kb / 13P
   UMTS Band4 (1710-1755MHz) 3x3mm Power Amplifi er Module
logo
Broadcom Corporation.
ACPM-5201 BOARDCOM-ACPM-5201 Datasheet
329Kb / 13P
   UMTS Band1 (1920-1980MHz) 3x3mm Power Amplifi er Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7371 AVAGO-ACPM-7371 Datasheet
877Kb / 15P
   UMTS 4x4 Power Amplifier (880-915MHz)
logo
Broadcom Corporation.
ACPM-5002 BOARDCOM-ACPM-5002 Datasheet
312Kb / 13P
   Multimode PA - UMTS Band2, LTE Band25 and CDMA PCS 3x3mm Power Amplifi er Module with Coupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5002-TR1 AVAGO-ACPM-5002-TR1 Datasheet
312Kb / 13P
   Multimode PA - UMTS Band2, LTE Band25 and CDMA PCS 3x3mm Power Amplifi er Module with Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com