Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPM-7311-BLK Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-7311-BLK
Description  UMTS800 4x4 Power Amplifier (824-849MHz)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-7311-BLK Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPM-7311-BLK Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPM-7311-BLK Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPM-7311-BLK Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPM-7311-BLK Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPM-7311-BLK Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPM-7311-BLK Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-7311-BLK Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-7311-BLK Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-7311-BLK Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
Table 1. Absolute Maximum Ratings [1]
Parameter
Symbol
Min
Nominal
Max
Unit
RF Input Power
Pin
0.0
dBm
DC Supply Voltage
Vcc
0
3.4
5.0
V
Enable Voltage
Ven
0
2.6
3.3
V
Mode Control Voltage
Vmode0
0
2.6
3.3
V
Vmode
0
2.6
3.3
V
Storage Temperature
Tstg
-55
+25
°C
Table 2. Recommended Operating Condition
Parameter
Symbol
Min
Nominal
Max
Unit
DC Supply Voltage
Vcc
3.2
3.4
4.2
V
PA Enable (Ven)
Low
0
0
0.5
V
High
.9
2.6
2.9
V
Mode Control Voltage
– Vmode0
– Vmode0
Low
High
Low
High
0
.9
0
.9
0
2.6
0
2.6
0.5
2.9
0.5
2.9
V
V
V
V
Operating Frequency
Fo
824
849
MHz
Ambient Temperature
Ta
-20
25
90
°C
Table 3. Power Range Truth Table
Power Mode
Symbol
Ven
Vmode0
Vmode1
Range
High Power Mode
PR3
High
Low
Low
~ 28dBm
Mid Power Mode
PR2
High
High
Low
~ 6dBm
Low Power Mode
PR
High
High
High
~ 8dBm
Shut Down Mode
Low
-
Notes:
1. No damage assuming only one parameter is set at limit at a time with all other parameters set at or below nominal value.


Similar Part No. - ACPM-7311-BLK

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPM-7311-BLK BOARDCOM-ACPM-7311-BLK Datasheet
1Mb / 18P
   UMTS800 4x4 Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7311-BLKR AVAGO-ACPM-7311-BLKR Datasheet
672Kb / 16P
   Low quiescent current
logo
Broadcom Corporation.
ACPM-7311-BLKR BOARDCOM-ACPM-7311-BLKR Datasheet
672Kb / 16P
   UMTS800 4x4 Power Amplifier Module
More results

Similar Description - ACPM-7311-BLK

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPM-7312 BOARDCOM-ACPM-7312 Datasheet
1Mb / 16P
   UMTS Band5 (824-849MHz) 4x4 Power Amplifier Module
ACPM-7311-TR1 BOARDCOM-ACPM-7311-TR1 Datasheet
1Mb / 18P
   UMTS800 4x4 Power Amplifier
ACPM-7311-OR1 BOARDCOM-ACPM-7311-OR1 Datasheet
672Kb / 16P
   UMTS800 4x4 Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5205 AVAGO-ACPM-5205 Datasheet
327Kb / 13P
   UMTS Band5 (824-849MHz) 3x3mm Power Amplifier Module
logo
Mitsubishi Electric Sem...
M67766A MITSUBISHI-M67766A Datasheet
99Kb / 2P
   824-849MHz, 12.5V, 6W, MOBILE RADIO
M67754 MITSUBISHI-M67754 Datasheet
305Kb / 3P
   824-849MHz, 12.5V, 6W, FM MOBILE RADIO
logo
Broadcom Corporation.
ACPM-7331-TR1 BOARDCOM-ACPM-7331-TR1 Datasheet
1Mb / 18P
   UMTS1900 4x4 Power Amplifier
ACPM-7381-TR1 BOARDCOM-ACPM-7381-TR1 Datasheet
1Mb / 18P
   UMTS2100 4x4 Power Amplifier
ACPM-7381-OR1 BOARDCOM-ACPM-7381-OR1 Datasheet
803Kb / 15P
   UMTS2100 4x4 Power Amplifier Module
ACPM-7331-OR1 BOARDCOM-ACPM-7331-OR1 Datasheet
803Kb / 16P
   UMTS1900 4x4 Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com