Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPM-7355 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-7355
Description  UMTS Dual-Band 4x5mm Power Amplifier Module (Band2/Band5)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-7355 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ACPM-7355 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPM-7355 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPM-7355 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPM-7355 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPM-7355 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPM-7355 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-7355 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-7355 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-7355 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
ACPM-7355
UMTS Dual-Band 4x5mm Power Amplifier Module
(Band2/Band5)
Data Sheet
Description
The ACPM-7355 is a dual-band PAM (Power Amplifier
Module) designed for UMTS Band2 and Band5. The ACPM-
7355 meets stringent UMTS linearity requirements. The
4mmx5mm form factor 14-pin surface mount package
is self contained, incorporating 50ohm input and output
matching networks
The ACPM-7355 features 5th generation of CoolPAM
circuit technology which supports 3 modes – bypass, mid
and high power modes. The CoolPAM is stage bypass
technology which enables power amplifier to lower
power consumption. Active bypass feature is added to
5th generation to enhance power added efficiency at low
output range and this technology extends talk time of
mobiles more by further saving power amplifier’s current
consumption.
The power amplifier is manufactured on an advanced
InGaP HBT (hetero-junction Bipolar Transistor) MMIC
(microwave monolithic integrated circuit) technology
offering state-of-the-art reliability, temperature stability
and ruggedness.
The Module is housed in a cost effective, small and thin
4x5mm package.
Features
x Dual-Band PA (Band2 and Band5)
x Small Size (4x5mm)
x Thin Package (1.0mm typ)
x Excellent Linearity
x 3-mode power control
x Bypass / Mid Power Mode / High Power Mode
High Efficiency at max output power
x 14-pin surface mounting package
x Internal 50ohm matching networks for both RF input
and output
x Lead-free, RoHS compliant, Green
Applications
x UMTS Band2 and Band5
Ordering Information
Part Number
Number of
Devices
Container
ACPM-7355-TR1
1000
178mm (7”) Tape/Reel
ACPM-7355-BLK
100
Bulk
Block Diagram
RFin_LB
RFin_HB
RFout_LB
RFout_HB
Bias Circuit & Control Logic
Bypass
Circuit
Impedance
Transformer
Bypass
Circuit
Impedance
Transformer
Output
Match
Vcc1
Vcc2
Vmode
Vbp
Ven_LB
Ven_HB
Input Match &
Power Divider
Output
Match
Input Match &
Power Divider


Similar Part No. - ACPM-7355

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPM-7355 BOARDCOM-ACPM-7355 Datasheet
378Kb / 19P
   UMTS Dual-Band 4x5mm Power Amplifier Module
ACPM-7355-BLK BOARDCOM-ACPM-7355-BLK Datasheet
378Kb / 19P
   UMTS Dual-Band 4x5mm Power Amplifier Module
ACPM-7355-TR1 BOARDCOM-ACPM-7355-TR1 Datasheet
378Kb / 19P
   UMTS Dual-Band 4x5mm Power Amplifier Module
More results

Similar Description - ACPM-7355

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPM-7355 BOARDCOM-ACPM-7355 Datasheet
378Kb / 19P
   UMTS Dual-Band 4x5mm Power Amplifier Module
ACPM-7357 BOARDCOM-ACPM-7357 Datasheet
390Kb / 19P
   UMTS Dual-Band 4x5mm Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7357 AVAGO-ACPM-7357 Datasheet
390Kb / 19P
   UMTS Dual-Band 4x5mm Power Amplifier Module (Band1/Band8)
ACPM-5205 AVAGO-ACPM-5205 Datasheet
327Kb / 13P
   UMTS Band5 (824-849MHz) 3x3mm Power Amplifier Module
logo
Broadcom Corporation.
ACPM-7312 BOARDCOM-ACPM-7312 Datasheet
1Mb / 16P
   UMTS Band5 (824-849MHz) 4x4 Power Amplifier Module
ACPM-7332 BOARDCOM-ACPM-7332 Datasheet
1Mb / 16P
   UMTS Band2 (1850-1910MHz) 4x4mm Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5202 AVAGO-ACPM-5202 Datasheet
323Kb / 13P
   UMTS Band2 (1850-1910MHz) 3x3mm Power Amplifi er Module
logo
Broadcom Corporation.
ACPM-5202 BOARDCOM-ACPM-5202 Datasheet
312Kb / 13P
   UMTS Band2 (1850-1910MHz) 3x3mm Power Amplifi er Module
logo
WJ Communication. Inc.
AP622 WJCI-AP622 Datasheet
190Kb / 4P
   UMTS-band 4W HBT Amplifier Module
AP502 WJCI-AP502 Datasheet
389Kb / 5P
   UMTS-band 4W HBT Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com