Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPM-7371 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-7371
Description  UMTS 4x4 Power Amplifier (880-915MHz)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-7371 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPM-7371 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPM-7371 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPM-7371 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-7371 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-7371 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-7371 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPM-7371 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPM-7371 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPM-7371 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
CoolPAM
Avago Technologies’CoolPAM is stage-bypass PA technol-
ogy which saves more power compared with convention-
al PA. With this technology, the ACPM-7371 has very low
quiescent current and efficiencies at low and medium
output power ranges are very high.
Incorporation of bias circuit
The ACPM-7371 has internal bias circuit, which removes
the need for external constant voltage source (LDO). PA
on/off is controlled by Ven. This is digitally control pin.
3-mode power control with two mode control pins
The ACPM-7371 supports three power modes (low power
mode/mid power mode/high power mode) with two
mode control pins (Vmode0 and Vmode1). This control
scheme enables the ACPM-7371 to save more power,
which accordingly gives extended talk time.
PDF (probability density function) in below figure
showing distribution of output power of mobile in real
field gives motivation for stage-bypass PA. Output power
is less than 16dBm for most of operating time (during
talking), so it is important to save power consumption at
low and medium output power ranges.
Average current & Talk time
Average current consumed by PA can be calculated by
summing up current at each output power weighted
with probability. So it is expressed with integration of
multiplication of current and probability at each output
power.
Talk time is extended more as average current consump-
tion is lowered.
Mode control pins
Vmode0 and Vmode1 are digitally controlled pins and
they control operating mode of PA and truth table
is summarized in Table 3. These pins do not require
constant voltage for interface, and 1.9V is recommend at
Vmode0 and Vmode1 pins.
Application on mobile board
Below figure shows one application example on mobile.
C4 and C5 should be placed nearby pin1 and pin10.
Transmission line length after PA output should be
minimized to reduce conduction loss. When output
voltage of mode control pins at base-band chipset
is 2.6V, series resistor of 2Kohm is recommended for
Vmode0 and 4.7kohm for Vmode1.
Figure 10. PDF and Current
C7
C8
BB
C3
L1
output matching circuit
ACPM -7371
PA_R1
PA_R0
PA_ON
C2
TX
lter
RF In
Coupler
RF Out
C1
C9
C6
V BATT
C4
C5
R2
4.7k
R1
2k
Ven
Vmode0
Vmode1
IN
Vcc1
Vcc2
GND
GND
GND
OUT
Figure 11. ACPM-7371 Application Example


Similar Part No. - ACPM-7371

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7372 AVAGO-ACPM-7372 Datasheet
1Mb / 16P
   high efficiency at max output power
logo
Broadcom Corporation.
ACPM-7372 BOARDCOM-ACPM-7372 Datasheet
1Mb / 16P
   UMTS Band8 (880-915MHz) 4x4 Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7372-BLK AVAGO-ACPM-7372-BLK Datasheet
1Mb / 16P
   high efficiency at max output power
logo
Broadcom Corporation.
ACPM-7372-BLK BOARDCOM-ACPM-7372-BLK Datasheet
1Mb / 16P
   UMTS Band8 (880-915MHz) 4x4 Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7372-TR1 AVAGO-ACPM-7372-TR1 Datasheet
1Mb / 16P
   high efficiency at max output power
More results

Similar Description - ACPM-7371

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPM-7372 BOARDCOM-ACPM-7372 Datasheet
1Mb / 16P
   UMTS Band8 (880-915MHz) 4x4 Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5208 AVAGO-ACPM-5208 Datasheet
321Kb / 13P
   UMTS Band8 (880-915MHz) 3x3mm Power Amplifi er Module
logo
Broadcom Corporation.
ACPM-5008 BOARDCOM-ACPM-5008 Datasheet
312Kb / 13P
   UMTS Band8 (880-915MHz) 3x3mm Power Amplifi er Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5008-TR1 AVAGO-ACPM-5008-TR1 Datasheet
312Kb / 13P
   UMTS Band8 (880-915MHz) 3x3mm Power Amplifi er Module
logo
Broadcom Corporation.
ACPM-7312 BOARDCOM-ACPM-7312 Datasheet
1Mb / 16P
   UMTS Band5 (824-849MHz) 4x4 Power Amplifier Module
ACPM-7382 BOARDCOM-ACPM-7382 Datasheet
660Kb / 16P
   UMTS Band1 (1920-1980MHz) 4x4 Power Amplifier Module
ACPM-7331-TR1 BOARDCOM-ACPM-7331-TR1 Datasheet
1Mb / 18P
   UMTS1900 4x4 Power Amplifier
ACPM-7311-TR1 BOARDCOM-ACPM-7311-TR1 Datasheet
1Mb / 18P
   UMTS800 4x4 Power Amplifier
ACPM-7381-TR1 BOARDCOM-ACPM-7381-TR1 Datasheet
1Mb / 18P
   UMTS2100 4x4 Power Amplifier
ACPM-7381-OR1 BOARDCOM-ACPM-7381-OR1 Datasheet
803Kb / 15P
   UMTS2100 4x4 Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com