Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERV74100RDT Datasheet(PDF) 1 Page - Tyco Electronics

Part # ERV74100RDT
Description  Type ER/ERV Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ERV74100RDT Datasheet(HTML) 1 Page - Tyco Electronics

  ERV74100RDT Datasheet HTML 1Page - Tyco Electronics ERV74100RDT Datasheet HTML 2Page - Tyco Electronics ERV74100RDT Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Type ER/ERV Series
A tough silicone coated power
resistor. The coating and marking
are resistant to Trichloroethene VG,
Genklene LV Hot and Cold, Freon
TE, Arklone A, Flourosil E, Freon
TMS, Arklone L Hot and Cold and
Arklone F Hot. If the resistor is in
contact with the PCB the maximum
dissipation to avoid damage to the
PCB
may
be
ascertained
by
reference
to
the
hot
spot
temperature
graph.
Vertical
mounting style is available. The ER
series is suited to a wide range of
industrial, control, medical and
consumer applications.
Key Features
High Power Dissipation
Tough Silicone Coating
Special Pulse Styles
Available
0.5% Tolerance Available
Resistant to Most
Solvents
Vertical Mount Styles
Available
Custom Designs
Welcomed
Widely Available via
Distribution
Characteristics - ER Series
Electrical
ER74
ER58
ER16
ER17
Power Rating (W) at 40°C:
3W
7W
11W
14W
Power Rating (W) at 70°C:
2.5W
6W
9W
12W
Resistance Range:
R03-10K
R05 - 20K
R13-68K
R20-100K
Maximum Element Volts:
100V
200V
500V
750V
Characteristics - ERV Series
Electrical
ERV74
ERV58
ERV16
Power Rating (W) at 20°C*:
3W
7W
11W
Power Rating (W) at 70°C*:
1.5W
3W
5W
Resistance Range:
R10-3K9
R10-6K8
R15-27K
Maximum Element Volts:
100V
200V
500V
* When mounted in the horizontal and vertical plane only - inverted mounting may result in heat damage of the PCB
- Consult Technical Department
Power Ratings
Dissipation / Ambient Temperature
Characteristics -
Environmental
Temperature Category:
-55°C to 200°C
Humidity Classification:
56 days
Standard Tolerances:
ER Series < 1 ohm ± 10% ~ > 1 ohm ± 5%
ERV Series E24 - 5% ~ E12 10%
Tolerances of down to:
± 0.5% are available
Load Life Stability:
± 5%
Temperature Coefficient*:
< 1 ohm 0 ± 200ppm/°C maximum
> 1 ohm 0 + 60 ppm/°C typical
*Very low temperature coefficients to ± 20ppm/°C are available to special order
Solderability conforms to:
BS 2011 Test 2.1 Ta Solder bath method
(IEC 68-2-20) Wets in < 2 seconds
Termination Robustness:
BS 2011 Test 2.1 Ua withstands 0.5 kg tensile load
and double bend with 0.25 kg load
Endurance - 1000hrs @ 200°C:
ΔR -0 +2%
Overload:
10 time rated dissipation for 5 seconds ΔR ± 0.5%
Humidity:
56 days/95% R.H./ +_45°C -0 +5%
Temperature Rapid Change:
ΔR ± 0.03%
Power Ratings
Hot Spot Temperature @ 40°C
0
20
50
70
100
150
200
Ambient Temperature (°C)
15
12
9
6
3
14
11
7
ER17
ER16
ER58
ER74
ER74
ER58
ER16
ER17
0
2
4
6
8
101214
16
Rating (Watts)
400
300
200
100
20
Literature No. 1773212
Issued: 11-08
Dimensions are shown for
reference purposes only.
Dimensions are in
millimetres unless
otherwise specified.
Specifications subject to
change.
tycoelectronics.com
passives.tycoelectronics.com
High Power Resistors
Type ER/ERV Series


Similar Part No. - ERV74100RDT

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
ERV-4162 EUROQUARTZ-ERV-4162 Datasheet
171Kb / 2P
   Real Time Clock Module
More results

Similar Description - ERV74100RDT

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
ER42 FERROXCUBE-ER42 Datasheet
44Kb / 3P
   ER cores
ER28 FERROXCUBE-ER28 Datasheet
44Kb / 3P
   ER cores
ER35 FERROXCUBE-ER35 Datasheet
44Kb / 3P
   ER cores
ER48 FERROXCUBE-ER48 Datasheet
42Kb / 3P
   ER cores
ER54 FERROXCUBE-ER54 Datasheet
44Kb / 3P
   ER cores
ER35W FERROXCUBE-ER35W Datasheet
41Kb / 3P
   ER cores
ER40 FERROXCUBE-ER40 Datasheet
44Kb / 3P
   ER cores
logo
Microsemi Corporation
ERF216B1 MICROSEMI-ERF216B1 Datasheet
39Kb / 1P
   3 AMP ENCAPSULATED ASSEMBLIES ER SERIES
logo
API Technologies Corp
BXHF1060 APITECH-BXHF1060 Datasheet
135Kb / 2P
   Microwave Amplifi er
BXHF1059 APITECH-BXHF1059 Datasheet
744Kb / 2P
   Microwave Amplifi er
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com