Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR05AM-16A-A6B00 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # CR05AM-16A-A6B00
Description  Thyristor Low Power Use
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CR05AM-16A-A6B00 Datasheet(HTML) 3 Page - Renesas Technology Corp

  CR05AM-16A-A6B00 Datasheet HTML 1Page - Renesas Technology Corp CR05AM-16A-A6B00 Datasheet HTML 2Page - Renesas Technology Corp CR05AM-16A-A6B00 Datasheet HTML 3Page - Renesas Technology Corp CR05AM-16A-A6B00 Datasheet HTML 4Page - Renesas Technology Corp CR05AM-16A-A6B00 Datasheet HTML 5Page - Renesas Technology Corp CR05AM-16A-A6B00 Datasheet HTML 6Page - Renesas Technology Corp CR05AM-16A-A6B00 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CR05BM-12A
Preliminary
R07DS0992EJ0100 Rev.1.00
Page 3 of 7
Dec 20, 2012
Performance Curves
4
2
6
8
10
0
5
01234
102
101
100
100
101
102
10−1
102
101
100
10−2
10−2
10−1
100
10−2
10−3
10−1
100
101
102
100
101
102
103
10−1
Ta = 25°C
Maximum On-State Characteristics
On-State Voltage (V)
Rated Surge On-State Current
Conduction Time (Cycles at 60Hz)
IGT = 100
μA
(Tj = 25°C)
VGD = 0.2V
Maximum Transient Thermal Impedance
Characteristics (Junction to ambient)
Time (s)
Gate Trigger Voltage vs.
Junction Temperature
Junction Temperature (°C)
Gate Current (mA)
Gate Characteristics
VFGM = 6V
PGM = 0.5W
VGT = 0.8V
(Tj = 25°C)
PG(AV) = 0.1W
IFGM = 0.3V
103
102
101
100
103
102
101
100
Gate Trigger Current vs.
Junction Temperature
Junction Temperature (°C)
160
040
80
120
–40
Typical Example
1.0
0.8
0.6
0.4
0
120
–40 –20
20
80
0.2
60
040
100
Distribution
Typical Example


Similar Part No. - CR05AM-16A-A6B00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR05AM-16A RENESAS-CR05AM-16A_15 Datasheet
117Kb / 7P
   Thyristor Low Power Use
More results

Similar Description - CR05AM-16A-A6B00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR3PM-12 RENESAS-CR3PM-12_05 Datasheet
90Kb / 8P
   Thyristor Low Power Use
CR05AM-16 RENESAS-CR05AM-16 Datasheet
121Kb / 8P
   Thyristor Low Power Use
CR05AS-8 RENESAS-CR05AS-8 Datasheet
154Kb / 9P
   Thyristor Low Power Use
CR3PM-12G RENESAS-CR3PM-12G Datasheet
87Kb / 7P
   Thyristor Low Power Use
CR02AM-8 RENESAS-CR02AM-8 Datasheet
89Kb / 8P
   Thyristor Low Power Use
CR03AM-12 RENESAS-CR03AM-12 Datasheet
89Kb / 8P
   Thyristor Low Power Use
CR05AS-8 RENESAS-CR05AS-8_15 Datasheet
134Kb / 9P
   Thyristor Low Power Use
CR04AM-12A RENESAS-CR04AM-12A Datasheet
111Kb / 9P
   Thyristor Low Power Use
logo
Unisonic Technologies
CR03AM-16 UTC-CR03AM-16 Datasheet
153Kb / 3P
   THYRISTOR LOW POWER USE
logo
Renesas Technology Corp
CR3PM-12G RENESAS-CR3PM-12G_15 Datasheet
99Kb / 7P
   Thyristor Low Power Use
CR08AS-12 RENESAS-CR08AS-12_10 Datasheet
245Kb / 9P
   Thyristor Low Power Use
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com