Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPM-7392-TR1 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-7392-TR1
Description  UTMS1700/2100(1710-1755MHz) and UMTS1700(1750-1785MHz)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-7392-TR1 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  ACPM-7392-TR1 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPM-7392-TR1 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPM-7392-TR1 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPM-7392-TR1 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPM-7392-TR1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPM-7392-TR1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-7392-TR1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-7392-TR1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-7392-TR1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
Electrical Characteristics for WCDMA Mode
- Conditions: Vcc=3.4V, Ven=2.6V, T=25°, Zin/Zout=50ohm
- Signal Configuration: 3GPP (DPCCH + 1DPDCH) Up-Link unless specified otherwise.
Characteristics
Condition
Min.
Typ.
Max.
Unit
Operating Frequency Range
1710
1755
MHz
Gain
High Power Mode, Pout=28.4dBm
24.5
28.5
dB
Mid Power Mode, Pout=17dBm
16
22.5
dB
Bypass Mode, Pout=8dBm
8
12.5
16
dB
GPS Band Gain relative to Tx Gain,
HPM
Ggps@Pin=-15dBm – Gtx@Pout=28.4dBm
-6
-1
dB
Rx Band Gain relative to Tx Gain
Grx@Pin=-15dBm – Gtx@Pout=28.4dBm
-10
-6
dB
ISM Band Gain relative to Tx Gain
Gism@Pin=-15dBm – Gtx@Pout=28.4dBm
-17
-4
dB
Power Added Efficiency
High Power Mode, Pout=28.4dBm
36.3
40.2
%
Mid Power Mode, Pout=17dBm
14.7
19.5
%
Bypass Mode, Pout=8dBm
8.8
13.5
%
Total Supply Current
High Power Mode, Pout=28.4dBm
505
560
mA
Mid Power Mode, Pout=17dBm
75
100
mA
Bypass Mode, Pout=8dBm
13
20
mA
Quiescent Current
High Power Mode
75
100
125
mA
Mid Power Mode
15
25
40
mA
Bypass Mode
1
3
5
mA
Enable Current
High Power Mode
10
25
µA
Mid Power Mode
10
25
µA
Bypass Mode
10
25
µA
Mode Control Current
Mid Power Mode
5
25
µA
Bypass Mode
5
25
µA
Bypass Control Current
Bypass
5
25
µA
Total Current in Power-down mode
Ven=0V, Vmode=0V, Vbp=0V
5
µA
Adjacent Channel
Leakage Ratio
5 MHz offset
10 MHz offset
High Power Mode, Pout=28.4dBm
-41
-51
-36
-46
dBc
dBc
5 MHz offset
10 MHz offset
High Power Mode, Pout=27.4dBm
(HSDPA, HSUPA MPR=0dB)
-38.5
-51
-36
-46
dBc
dBc
5 MHz offset
10 MHz offset
Mid Power Mode, Pout=17dBm
-45
-57
-36
-46
dBc
dBc
5 MHz offset
10 MHz offset
Mid Power Mode, Pout=16dBm
(HSDPA, HSUPA MPR=0dB)
-43
-56
-36
-46
dBc
dBc
5 MHz offset
10 MHz offset
Bypass Mode, Pout=8dBm
-46
-54
-36
-46
dBc
dBc
5 MHz offset
10 MHz offset
Bypass Mode, Pout=7dBm
(HSDPA, HSUPA MPR=0dB)
-43
-53
-36
-46
dBc
dBc


Similar Part No. - ACPM-7392-TR1

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPM-7392-TR1 BOARDCOM-ACPM-7392-TR1 Datasheet
769Kb / 18P
   UTMS1700/2100(1710-1755MHz) and UMTS1700(1750-1785MHz)
More results

Similar Description - ACPM-7392-TR1

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPM-7392 BOARDCOM-ACPM-7392 Datasheet
769Kb / 18P
   UTMS1700/2100(1710-1755MHz) and UMTS1700(1750-1785MHz)
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5204 AVAGO-ACPM-5204 Datasheet
320Kb / 13P
   UMTS Band4 (1710-1755MHz) 3x3mm Power Amplifi er Module
logo
Broadcom Corporation.
ACPM-5004-TR1 BOARDCOM-ACPM-5004-TR1 Datasheet
352Kb / 13P
   Multimode PA - UMTS 1700MHz PA (1710-1785MHz) 3x3mm Power Amplifier Module with Coupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5004-TR1 AVAGO-ACPM-5004-TR1 Datasheet
352Kb / 13P
   Multimode PA - UMTS 1700MHz PA (1710-1785MHz) 3x3mm Power Amplifier Module with Coupler
logo
Vishay Siliconix
2150 VISHAY-2150 Datasheet
125Kb / 1P
   2100 System Rack Adapters and Cabinets
Revision 20-Nov-03
logo
List of Unclassifed Man...
C1700HOAAC ETC2-C1700HOAAC Datasheet
147Kb / 2P
   1700 & 1750 Toggle Switches 16A 250Vac Single and Double Pole
logo
Amphenol Corporation
00175110300 AMPHENOL-00175110300 Datasheet
689Kb / 2P
   Terminal Junctions Modules with Fast and Sealed Terminations Type 1750-1765
logo
Dynex Semiconductor
MA31750 DYNEX-MA31750 Datasheet
436Kb / 42P
   High Performance MIL-STD-1750 Microprocessor
logo
Assmann Electronics Inc...
V6534A-T ASSMANN-V6534A-T Datasheet
40Kb / 1P
   ASS 2100 HS
logo
Fluke Corporation
1750 FLUKE-1750 Datasheet
2Mb / 8P
   Fluke 1750 Three-Phase Power Recorder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com