Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPM-7822 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-7822
Description  JCDMA 4x4 Power Amplifier Module (898-925MHz)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-7822 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ACPM-7822 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPM-7822 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPM-7822 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPM-7822 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPM-7822 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPM-7822 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-7822 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-7822 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-7822 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Absolute Maximum Ratings
No damage assuming only one parameter is set at limit at a time with all other parameters set at or below nominal
value.
Operation of any single parameter outside these conditions with the remaining parameters set at or below nominal
values may result in permanent damage.
Description
Min.
Typ.
Max.
Unit
RF Input Power (Pin)
0
10.0
dBm
DC Supply Voltage (Vcc1, Vcc2)
0
3.4
5.0
V
Enable Voltage (Ven)
0
2.6
3.3
V
Mode Control Voltage (Vmode)
0
2.6
3.3
V
Bypass Control (Vbp)
0
2.6
3.3
V
Storage Temperature (Tstg)
-55
25
+125
°C
Recommended Operating Condition
Description
Min.
Typ.
Max.
Unit
DC Supply Voltage (Vcc1, Vcc2)
3.2
3.4
4.2
V
Enable Voltage (Ven)
Low
High
0
1.35
0
2.6
0.5
2.9
V
V
Mode Control Voltage (Vmode)
Low
High
0
1.35
0
2.6
0.5
2.9
V
V
Bypass Control Voltage (Vbp)
Low
High
0
1.35
0
2.6
0.5
2.9
V
V
Operating Frequency (fo)
898
925
MHz
Ambient Temperature (Ta)
-30
25
85
°C
Operating Logic Table
Power Mode
Ven
Vbp
Vmode
Pout
High Power Mode
High
High
Low
~ 28 dBm
Mid Power Mode
High
High
High
~ 18 dBm
Bypass Mode
High
Low
X
~ 11 dBm
Shut Down Mode
Low
Low
Low


Similar Part No. - ACPM-7822

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7821 AVAGO-ACPM-7821 Datasheet
452Kb / 16P
   4 x 4 Power Amplifier Module for J-CDMA (898 - 925 MHz)
ACPM-7821-BLK AVAGO-ACPM-7821-BLK Datasheet
452Kb / 16P
   4 x 4 Power Amplifier Module for J-CDMA (898 - 925 MHz)
ACPM-7821-TR1 AVAGO-ACPM-7821-TR1 Datasheet
452Kb / 16P
   4 x 4 Power Amplifier Module for J-CDMA (898 - 925 MHz)
More results

Similar Description - ACPM-7822

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1178K SONY-CXG1178K Datasheet
75Kb / 6P
   POWER AMPLIFIER MODULE FOR JCDMA
CXG1108K SONY-CXG1108K Datasheet
69Kb / 6P
   Power Amplifier Module for JCDMA
CXG1156K SONY-CXG1156K Datasheet
84Kb / 6P
   POWER AMPLIFIER MODULE FOR JCDMA
CXG1117K SONY-CXG1117K Datasheet
69Kb / 6P
   Power Amplifier Module for JCDMA
CXG1158K SONY-CXG1158K Datasheet
28Kb / 1P
   Power Amplifier Module for JCDMA
logo
Broadcom Corporation.
ACPM-7381-OR1 BOARDCOM-ACPM-7381-OR1 Datasheet
803Kb / 15P
   UMTS2100 4x4 Power Amplifier Module
ACPM-7311-OR1 BOARDCOM-ACPM-7311-OR1 Datasheet
672Kb / 16P
   UMTS800 4x4 Power Amplifier Module
ACPM-7331-OR1 BOARDCOM-ACPM-7331-OR1 Datasheet
803Kb / 16P
   UMTS1900 4x4 Power Amplifier Module
ACPM-7331-TR1 BOARDCOM-ACPM-7331-TR1 Datasheet
1Mb / 18P
   UMTS1900 4x4 Power Amplifier
ACPM-7382 BOARDCOM-ACPM-7382 Datasheet
660Kb / 16P
   UMTS Band1 (1920-1980MHz) 4x4 Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com