Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR05BM-12A-DA6B00 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # CR05BM-12A-DA6B00
Description  600V - 0.5A - Thyristor Low Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CR05BM-12A-DA6B00 Datasheet(HTML) 6 Page - Renesas Technology Corp

  CR05BM-12A-DA6B00 Datasheet HTML 1Page - Renesas Technology Corp CR05BM-12A-DA6B00 Datasheet HTML 2Page - Renesas Technology Corp CR05BM-12A-DA6B00 Datasheet HTML 3Page - Renesas Technology Corp CR05BM-12A-DA6B00 Datasheet HTML 4Page - Renesas Technology Corp CR05BM-12A-DA6B00 Datasheet HTML 5Page - Renesas Technology Corp CR05BM-12A-DA6B00 Datasheet HTML 6Page - Renesas Technology Corp CR05BM-12A-DA6B00 Datasheet HTML 7Page - Renesas Technology Corp CR05BM-12A-DA6B00 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CR05BM-12A
Preliminary
R07DS0992EJ0100 Rev.1.00
Page 6 of 7
Dec 20, 2012
40
30
15
10
5
35
25
20
0
160
0
40
80
120 140
20
60
100
Distribution
Turn-Off Time vs.
Junction Temperature
Junction Temperature (°C)
VD = 50V, VR = 50V
IT = 2A, RGK = 1k
Ω
160
120
100
40
60
20
0
–40
0
40
80
120
160
80
140
Junction Temperature (°C)
Repetitive Peak Reverse Voltage vs.
Junction Temperature
Typical Example
104
103
102
100
101
102
103
101
Gate Trigger Current vs.
Gate Current Pulse Width
Gate Current Pulse Width (
μs)
Typical Example
VD = 6V
RL = 60
Ω
Ta = 25°C


Similar Part No. - CR05BM-12A-DA6B00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR05BM-12A RENESAS-CR05BM-12A_15 Datasheet
103Kb / 8P
   600V - 0.5A - Thyristor Low Power Use
More results

Similar Description - CR05BM-12A-DA6B00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR05BM-12A RENESAS-CR05BM-12A_15 Datasheet
103Kb / 8P
   600V - 0.5A - Thyristor Low Power Use
CR08AS-12A RENESAS-CR08AS-12A_15 Datasheet
146Kb / 8P
   600V - 0.8A - Thyristor Low Power Use
CR08AS-12A RENESAS-CR08AS-12A Datasheet
145Kb / 8P
   600V - 0.8A - Thyristor Low Power Use
May 22, 2013
CR04AM-12A RENESAS-CR04AM-12A_15 Datasheet
120Kb / 9P
   600V - 0.4A - Thyristor Low Power Use
CR08AS-12A RENESAS-CR08AS-12A_13 Datasheet
146Kb / 8P
   600V - 0.8A - Thyristor Low Power Use
CR5AS-12A RENESAS-CR5AS-12A_15 Datasheet
112Kb / 9P
   600V - 5A - Thyristor Medium Power Use
CR6FM-12B RENESAS-CR6FM-12B Datasheet
102Kb / 8P
   600V-6A-Thyristor Medium Power Use
CR6CM-12A RENESAS-CR6CM-12A_13 Datasheet
128Kb / 8P
   600V - 6A - Thyristor Medium Power Use
CR6CM-12B RENESAS-CR6CM-12B_13 Datasheet
126Kb / 9P
   600V - 6A - Thyristor Medium Power Use
CR8CM-12B RENESAS-CR8CM-12B_15 Datasheet
127Kb / 9P
   600V - 8A - Thyristor Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com