Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPM-7822-TR1 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-7822-TR1
Description  JCDMA 4x4 Power Amplifier Module (898-925MHz)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-7822-TR1 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ACPM-7822-TR1 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPM-7822-TR1 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPM-7822-TR1 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPM-7822-TR1 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPM-7822-TR1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPM-7822-TR1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-7822-TR1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-7822-TR1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-7822-TR1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Footprint
All dimensions are in millimeter
X-RAY TOP VIEW
1.90 1.70
0.85
1.20
1.90
0.40
0.40
PIN Description
Pin #
Name
Description
1
Ven
PA Enable
2
Vmode
Mode Control
3
Vbp
Bypass Control
4
RFin
RF Input
5
Vcc1
DC Supply Voltage
6
Vcc2
DC Supply Voltage
7
GND
Ground
8
RFout
RF Output
9
GND
Ground
10
GND
Ground
Package Dimensions
All dimensions are in millimeter
4 ± 0.1
2
3
4
4 ± 0.1
Pin 1 Mark
1
0.6
0.9 ± 0.1
5
9
8
7
10
6
Marking Specification
Pin 1 Mark
AVAGO
ACPM-7822
PYYWW
AAAAA
Manufacturing Part Number
Lot Number
P
Manufacturing info
YY
Manufacturing Year
WW
Work Week
AAAAA
Assembly Lot Number


Similar Part No. - ACPM-7822-TR1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7821 AVAGO-ACPM-7821 Datasheet
452Kb / 16P
   4 x 4 Power Amplifier Module for J-CDMA (898 - 925 MHz)
ACPM-7821-BLK AVAGO-ACPM-7821-BLK Datasheet
452Kb / 16P
   4 x 4 Power Amplifier Module for J-CDMA (898 - 925 MHz)
ACPM-7821-TR1 AVAGO-ACPM-7821-TR1 Datasheet
452Kb / 16P
   4 x 4 Power Amplifier Module for J-CDMA (898 - 925 MHz)
More results

Similar Description - ACPM-7822-TR1

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1178K SONY-CXG1178K Datasheet
75Kb / 6P
   POWER AMPLIFIER MODULE FOR JCDMA
CXG1108K SONY-CXG1108K Datasheet
69Kb / 6P
   Power Amplifier Module for JCDMA
CXG1156K SONY-CXG1156K Datasheet
84Kb / 6P
   POWER AMPLIFIER MODULE FOR JCDMA
CXG1117K SONY-CXG1117K Datasheet
69Kb / 6P
   Power Amplifier Module for JCDMA
CXG1158K SONY-CXG1158K Datasheet
28Kb / 1P
   Power Amplifier Module for JCDMA
logo
Broadcom Corporation.
ACPM-7381-OR1 BOARDCOM-ACPM-7381-OR1 Datasheet
803Kb / 15P
   UMTS2100 4x4 Power Amplifier Module
ACPM-7311-OR1 BOARDCOM-ACPM-7311-OR1 Datasheet
672Kb / 16P
   UMTS800 4x4 Power Amplifier Module
ACPM-7331-OR1 BOARDCOM-ACPM-7331-OR1 Datasheet
803Kb / 16P
   UMTS1900 4x4 Power Amplifier Module
ACPM-7331-TR1 BOARDCOM-ACPM-7331-TR1 Datasheet
1Mb / 18P
   UMTS1900 4x4 Power Amplifier
ACPM-7382 BOARDCOM-ACPM-7382 Datasheet
660Kb / 16P
   UMTS Band1 (1920-1980MHz) 4x4 Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com