Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPM-7868 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-7868
Description  5 x 5 mm Power Amplifier Module Linear Quad-Band GSM/EDGE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-7868 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPM-7868 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPM-7868 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPM-7868 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-7868 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-7868 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-7868 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPM-7868 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPM-7868 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPM-7868 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
Land Pattern Recommendations
Metallization
Solder Mask Opening
Solder Paste Stencil Aperture
0.30
0.625
0.375
0.575
0.475
Ø 0.3mm
on 0.5mm pitch
0.50
3.45
0.675
0.475
0.625
3.45
0.525
2.30
0.55
0.575
0.375
0.625
3.05
0.475
2.10
0.50
0.35
0.35


Similar Part No. - ACPM-7868

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7800 AVAGO-ACPM-7800 Datasheet
201Kb / 3P
   Multiband Multimode PA Quad-Band GSM/EDGE and Multi Mode
logo
Broadcom Corporation.
ACPM-7800 BOARDCOM-ACPM-7800 Datasheet
201Kb / 3P
   Multiband Multimode PA Quad-Band GSM/EDGE and Multi Mode
logo
Agilent(Hewlett-Packard...
ACPM-7813 HP-ACPM-7813 Datasheet
183Kb / 21P
   CDMA/AMPS Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7813 AVAGO-ACPM-7813 Datasheet
217Kb / 20P
   Dynamic bias control for low midpower Idd
logo
Broadcom Corporation.
ACPM-7813 BOARDCOM-ACPM-7813 Datasheet
205Kb / 20P
   CDMA/AMPS Power Amplifier Module
More results

Similar Description - ACPM-7868

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AP137-501 SKYWORKS-AP137-501 Datasheet
36Kb / 4P
   Quad-Band GSM Power Amplifier Module
logo
TriQuint Semiconductor
TQM7M5002 TRIQUINT-TQM7M5002 Datasheet
297Kb / 1P
   Quad-Band GSM/EDGE Polar Power Amplifier Module
logo
ANADIGICS, Inc
AWE6159R ANADIGICS-AWE6159R Datasheet
734Kb / 16P
   Quad-band GSM/GPRS/EDGE Power Amplifier Module
logo
TriQuint Semiconductor
TQM7M5003 TRIQUINT-TQM7M5003 Datasheet
444Kb / 15P
   Quad-Band GSM/EDGE Polar Power Amplifier Module
TQM7M5008 TRIQUINT-TQM7M5008 Datasheet
199Kb / 1P
   Quad-Band GSM/EDGE Polar Power Amplifier Module
logo
Fairchild Semiconductor
RMPA1850 FAIRCHILD-RMPA1850 Datasheet
120Kb / 9P
   Quad Band GSM/GPRS Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY77365 SKYWORKS-SKY77365 Datasheet
80Kb / 2P
   Power Amplifier Module for Quad-Band GSM / GPRS / EDGE
SKY77336 SKYWORKS-SKY77336 Datasheet
66Kb / 2P
   Power Amplifier Module for Quad-Band GSM/GPRS/EDGE
SKY77354 SKYWORKS-SKY77354_13 Datasheet
77Kb / 2P
   Power Amplifier Module for Quad-Band GSM / GPRS / EDGE
SKY77350-13 SKYWORKS-SKY77350-13 Datasheet
429Kb / 2P
   Power Amplifier Module for Quad-Band GSM/GPRS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com