Electronic Components Datasheet Search |
|
ACPM-7868-BLK Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED |
|
ACPM-7868-BLK Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED |
6 / 15 page 6 DCS1800/PCS1900 PA performance specifications (Continued) Parameter Condition Min Typ Max Unit Output power Noise Po > 28 dBm Rx = 1805-1880 MHz -83 dBm/100 kHz Rx = 1930-1990 MHz -83 dBm/100 kHz Harmonics Po ≤ 32.5 dBm 2 fo -10 dBm 3 – 7 fo -15 dBm Stability F<1 GHz; 8:1 VSWR -36 dBm F>2 GHz, 8:1 VSWR -30 dBm Ruggedness All load phases 10:1 Input Impedance High power mode, Ultra low power mode 2:1 Low power mode 3:1 Current under mismatch condition VSWR = 5:1, all phase angles, post PA loss = 1.5 dB, Pin = 9 dBm, Vcc = 3.7 V 2 2.5 A Forward Isolation Ven_HB = Low, Pin = -10 dBm -30 dBm Cross Isolation Spurious at LB Output, Low Band signal (fundamental) Ven_HB = High -20 5 dBm dBm * Note 1: If the dBc specification is tighter than the dBm limit, then the dBm limit shall be applied instead. ** Note 2: EDGE operation at high power mode can be extended up to 28dBm in combination with the pre-distortion scheme of transceiver. |
Similar Part No. - ACPM-7868-BLK |
|
Similar Description - ACPM-7868-BLK |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |