Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR5AS-12A Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # CR5AS-12A
Description  600V - 5A - Thyristor Medium Power Use
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CR5AS-12A Datasheet(HTML) 3 Page - Renesas Technology Corp

  CR5AS-12A_13 Datasheet HTML 1Page - Renesas Technology Corp CR5AS-12A_13 Datasheet HTML 2Page - Renesas Technology Corp CR5AS-12A_13 Datasheet HTML 3Page - Renesas Technology Corp CR5AS-12A_13 Datasheet HTML 4Page - Renesas Technology Corp CR5AS-12A_13 Datasheet HTML 5Page - Renesas Technology Corp CR5AS-12A_13 Datasheet HTML 6Page - Renesas Technology Corp CR5AS-12A_13 Datasheet HTML 7Page - Renesas Technology Corp CR5AS-12A_13 Datasheet HTML 8Page - Renesas Technology Corp CR5AS-12A_13 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CR5AS-12A
Preliminary
R07DS0332EJ0300 Rev.3.00
Page 3 of 8
Jan 23, 2013
Performance Curves
103
102
100
101
–40
0
40
80
120
160
Maximum On-State Characteristics
On-State Voltage (V)
Rated Surge On-State Current
Conduction Time (Cycles at 60Hz)
40
20
60
80
100
0
3.8
0.6
1.4
2.2
3.0
1.0
1.8
2.6
3.4
Gate Current (mA)
Gate Trigger Current vs.
Junction Temperature
Junction Temperature (°C)
Gate Characteristics
Maximum Transient Thermal
Impedance Characteristics
(Junction to case, Junction to ambient)
Time (s)
Gate Trigger Voltage vs.
Junction Temperature
Junction Temperature (°C)
Junction to ambient
Junction to case
Tc = 25°C
VFGM = 6V
VGT = 0.8V
IGT = 100µA
(Tj = 25°C)
PGM = 0.5W
VD = 6V
RL = 60
Ω
PG(AV) = 0.1W
VGD = 0.1V
IFGM = 0.3A
102
101
100
100
10−2
10−1
100
10−2
10−3
10−1
100
100
101
102
103
101
102
102
101
100
102
103
101
100
10−1
101
102
10−1
Typical Distribution
Typical Example
1.0
0.8
0.6
0.4
0.2
0
–40
0
40
80
120
160
VD = 6V
RL = 60
Ω
Typical Example


Similar Part No. - CR5AS-12A_13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR5AS-12A RENESAS-CR5AS-12A_15 Datasheet
112Kb / 9P
   600V - 5A - Thyristor Medium Power Use
More results

Similar Description - CR5AS-12A_13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR5AS-12A RENESAS-CR5AS-12A_15 Datasheet
112Kb / 9P
   600V - 5A - Thyristor Medium Power Use
CR5AS-8UE RENESAS-CR5AS-8UE_15 Datasheet
102Kb / 3P
   400V - 5A - Thyristor Medium Power Use
BCR5FM-12LB RENESAS-BCR5FM-12LB Datasheet
63Kb / 4P
   600V - 5A - Triac Medium Power Use
BCR5LM-12RB RENESAS-BCR5LM-12RB Datasheet
101Kb / 8P
   600V - 5A - Triac Medium Power Use
BCR5FM-12LB RENESAS-BCR5FM-12LB_15 Datasheet
63Kb / 4P
   600V - 5A - Triac Medium Power Use
BCR5FM-12RB RENESAS-BCR5FM-12RB_15 Datasheet
59Kb / 4P
   600V - 5A - Triac Medium Power Use
BCR5CM-12RA RENESAS-BCR5CM-12RA Datasheet
473Kb / 8P
   600V - 5A - Triac Medium Power Use
Feb. 1, 2019
BCR5CM-12LB RENESAS-BCR5CM-12LB Datasheet
132Kb / 8P
   600V - 5A - Triac Medium Power Use
BCR5FM-12RB RENESAS-BCR5FM-12RB Datasheet
59Kb / 4P
   600V - 5A - Triac Medium Power Use
BCR5CM-12RA RENESAS-BCR5CM-12RA_15 Datasheet
103Kb / 7P
   600V - 5A - Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com