Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPM-7886-TR1 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-7886-TR1
Description  TD-SCDMA Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-7886-TR1 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPM-7886-TR1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPM-7886-TR1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-7886-TR1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-7886-TR1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-7886-TR1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPM-7886-TR1 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPM-7886-TR1 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPM-7886-TR1 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPM-7886-TR1 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
Lead Free Reflow Profile General Guidelines
i. Ramp 1
Ramp to 100°C. Maximum slope for this zone is limited to
2°C/sec. Faster heating with ramp higher than 2°C may
result in excessive solder balling and slump.
ii. Preheat
Preheat setting should range from 100 to 150°C over a
period of 60 to 120 seconds depending on the charac-
teristics of the PCB components and the thermal charac-
teristics of the oven. If possible, do not prolong preheat
as it will cause excessive oxidation to occur to the solder
powder surface.
iii. Ramp 2
The time in this zone should be kept below 35 seconds
to reduce the risk of flux exhaustion. The ramp up rate
should be 2°C/sec from 150°C to re-flow at 217°C. It is
important that the flux medium retains its activity during
this phase to ensure the complete coalescence of the
solder particles during re-flow.
iv. Reflow
The peak reflow temperature is calculated by adding
~32°C to the melting point of the alloy. Lead free solder
paste melts at 218°C and peak reflow temperature is
218°C + 32°C = 250°C (±5°C). Note that total time over
218°C is critical and should typically be 60 – 150 seconds.
This period determines the appearance of the solder
joints. Excessive time above reflow may cause a dull finish
and charred of flux residues. Insufficient time above
reflow may lead to poor wetting and improperly fused
(cloudy) flux residues.
Figure 3. PCB land pattern
Figure 4. Stencil outline drawing
Figure 5. Combined PCB and stencil layouts
v. Cooling
Maximum slope for cooling is limited to 3°C/sec. More
rapid cooling may cause solder joints crack while cooling
at a slower rate will increase the likelihood of a crystalline
appearance on the solder joints (dull finish).
PCB Design Guidelines
The recommended ACPM-7886 PCB land pattern is
shown in Figure 3. The substrate is coated with solder
mask between the I/O and conductive paddle to protect
the gold pads from short circuit that is caused by solder
bleeding / bridging.
Stencil Design Guidelines
A properly designed solder screen or stencil is required
to ensure optimum amount of solder paste is deposited
onto the PCB pads. The recommended stencil layout is
shown in Figure 4. The stencil has a solder paste deposi-
tion opening that is approximately 80% of the PCB pad.
Reducing the stencil opening can potentially generate
more voids. On the other hand, stencil openings larger
than 100% will lead to excessive solder paste smear or
bridging across the I/O pads or conductive paddle to
adjacent I/O pads. Considering the fact that solder paste
thickness will directly affect the quality of the solder
joint, a good choice is to use laser cut stencil composed
of 0.100mm (4 mils) or 0.127mm (5 mils) thick stainless
steel which is capable of producing the required fine
stencil outline. The combined PCB and stencil layout is
shown in Figure 5.
(dimensions in mm)
2.1
0.375
0.55
0.375
1.68
0.64
0.64
0.44
2.1
1.68
0.55
Stencil
Opening
0.44


Similar Part No. - ACPM-7886-TR1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7886-TR1 AVAGO-ACPM-7886-TR1 Datasheet
355Kb / 14P
   TD-SCDMA Power Amplifier
More results

Similar Description - ACPM-7886-TR1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7886 AVAGO-ACPM-7886 Datasheet
355Kb / 14P
   TD-SCDMA Power Amplifier
logo
Skyworks Solutions Inc.
SKY77712 SKYWORKS-SKY77712 Datasheet
75Kb / 2P
   Power Amplifier Module for TD-SCDMA
logo
Fujitsu Component Limit...
FAR-F6KA-2G0175-D4DR FUJITSU-FAR-F6KA-2G0175-D4DR Datasheet
201Kb / 5P
   TD-SCDMA
logo
ANADIGICS, Inc
AWT6244 ANADIGICS-AWT6244 Datasheet
2Mb / 11P
   HELP3 TD-SCDMA Linear Power Amplifier Module
logo
RF Micro Devices
RF9812 RFMD-RF9812 Datasheet
181Kb / 2P
   TD-SCDMA Compliant
logo
ANADIGICS, Inc
AWT6241 ANADIGICS-AWT6241 Datasheet
2Mb / 12P
   HELP3TM UMTS/TD-SCDMA Linear Power Amplifier Module
logo
Keysight Technologies
M9079A KEYSIGHT-M9079A Datasheet
3Mb / 9P
   M9079A TD-SCDMA
logo
Agilent(Hewlett-Packard...
E6835A HP-E6835A Datasheet
224Kb / 4P
   TD-SCDMA Calibration Application
logo
EPCOS
B5140 EPCOS-B5140 Datasheet
76Kb / 8P
   SAW filter TD-SCDMA
B5062 EPCOS-B5062 Datasheet
69Kb / 7P
   SAW IF filter TD-SCDMA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com