Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR5AS-12A Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # CR5AS-12A
Description  600V - 5A - Thyristor Medium Power Use
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CR5AS-12A Datasheet(HTML) 6 Page - Renesas Technology Corp

  CR5AS-12A Datasheet HTML 1Page - Renesas Technology Corp CR5AS-12A Datasheet HTML 2Page - Renesas Technology Corp CR5AS-12A Datasheet HTML 3Page - Renesas Technology Corp CR5AS-12A Datasheet HTML 4Page - Renesas Technology Corp CR5AS-12A Datasheet HTML 5Page - Renesas Technology Corp CR5AS-12A Datasheet HTML 6Page - Renesas Technology Corp CR5AS-12A Datasheet HTML 7Page - Renesas Technology Corp CR5AS-12A Datasheet HTML 8Page - Renesas Technology Corp CR5AS-12A Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CR5AS-12A
Preliminary
R07DS0332EJ0300 Rev.3.00
Page 6 of 8
Jan 23, 2013
100
101
10−2
10−1
Holding Current vs.
Gate to Cathode Resistance
Gate to Cathode Resistance (k
Ω)
400
100
0
200
300
Tj = 25°C
Junction Temperature (°C)
Repetitive Peak Reverse Voltage vs.
Junction Temperature
160
0
80
100
120
140
40
60
20
Typical Example
Typical Example
Gate Trigger Current vs.
Gate Current Pulse Width
Gate Current Pulse Width (
μs)
–40
0
40
80
120
160
Typical Example
104
103
102
101
102
103
100
101
VD = 6V
RL = 60
Ω
Ta = 25°C


Similar Part No. - CR5AS-12A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR5AS-12A RENESAS-CR5AS-12A_15 Datasheet
112Kb / 9P
   600V - 5A - Thyristor Medium Power Use
More results

Similar Description - CR5AS-12A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR5AS-12A RENESAS-CR5AS-12A_15 Datasheet
112Kb / 9P
   600V - 5A - Thyristor Medium Power Use
CR5AS-8UE RENESAS-CR5AS-8UE_15 Datasheet
102Kb / 3P
   400V - 5A - Thyristor Medium Power Use
BCR5FM-12LB RENESAS-BCR5FM-12LB Datasheet
63Kb / 4P
   600V - 5A - Triac Medium Power Use
BCR5LM-12RB RENESAS-BCR5LM-12RB Datasheet
101Kb / 8P
   600V - 5A - Triac Medium Power Use
BCR5FM-12LB RENESAS-BCR5FM-12LB_15 Datasheet
63Kb / 4P
   600V - 5A - Triac Medium Power Use
BCR5FM-12RB RENESAS-BCR5FM-12RB_15 Datasheet
59Kb / 4P
   600V - 5A - Triac Medium Power Use
BCR5CM-12RA RENESAS-BCR5CM-12RA Datasheet
473Kb / 8P
   600V - 5A - Triac Medium Power Use
Feb. 1, 2019
BCR5CM-12LB RENESAS-BCR5CM-12LB Datasheet
132Kb / 8P
   600V - 5A - Triac Medium Power Use
BCR5FM-12RB RENESAS-BCR5FM-12RB Datasheet
59Kb / 4P
   600V - 5A - Triac Medium Power Use
BCR5CM-12RA RENESAS-BCR5CM-12RA_15 Datasheet
103Kb / 7P
   600V - 5A - Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com