Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADET-5000 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADET-5000
Description  RF Power Detector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADET-5000 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  ADET-5000 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ADET-5000 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ADET-5000 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADET-5000 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADET-5000 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADET-5000 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
0
0.5
1
1.5
2
2.5
3
Frequency (GHz)
0 dBm
-5 dBm
-10 dBm
10 dBm
5 dBm
-30° C
25° C
85° C
-30° C
25° C
85° C
0.4
0.5
0.6
0.7
0.8
0.9
1.1
1.2
-20
-15
-10
-5
0
5
10
Pin [dBm]
1
0.44
0.45
0.46
0.47
0.48
0.49
0.5
0.51
0.52
-20
-19
-18
-17
-16
-15
-14
-13
-12
-11
-10
Pin [dBm]
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
1.10
-20.0
-15.0
-10.0
-5.0
0.0
5.0
10.0
Pin (dBm)
2.0 V
2.3 V
3.0 V
100 MHz
300 MHz
700 MHz
900 MHz
1900 MHz
2600 MHz
-25
-20
-15
-10
-5
0
5
10
RF Input Power (dBm)
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
ADET-5000 Characterization Data
Figure 1. Detector Voltage vs. Input Power over temperature at 1900 MHz,
Ven = 2.2 V
Figure 2. Detector Voltage vs. Input Power over temperature at 1900 MHz,
Ven = 2.2 V
Figure 3. Detector Voltage vs. Input Power at 1900 MHz for Ven = 2.0 V – 3.0 V
Figure 4. Detector Voltage vs. Frequency (with 100 Ohm input resistor) from
-20 to -10 dBm input power.
Figure5.DetectorVoltagevs.Frequencyfrom100-2600MHzoverInputPowers,
Ven = 2.2 V
Table 1. Typical RMS Error @ 25C for various modulation schemes.
The reference modulation for the measurement was WCDMA Rel 99
Waveform
Measured
CCDF (PAR)
@ 0.1%
Composite
Typical RMS Error @ 25C (dB)
vs. WCDMA Rel 99 Modulation
Vrms for loop
control voltage
@ 0dBm
Vrms for loop
control voltage
@ 8dBm
WCDMA Rel 99
3.06
0
0
HSDPA1
3.41
0.14
0.12
HSDPA2
3.76
0.19
0.07
HSDPA3
3.86
0.2
-0.01
HSDPA3
3.96
0.11
-0.21
HSUPA Subtest 1
4.46
0
0.03
HSUPA Subtest 2
5.8
0.24
0.3
HSUPA Subtest 3
5.17
0.1
0.04
HSUPA Subtest 4
5.5
0.19
0.05
HSUPA Subtest 5
4.25
-0.02
0.3
HSUPA high PAR
6.4
0.4
0.36


Similar Part No. - ADET-5000

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
   Frequency Mixer
ADE-1 MINI-ADE-1 Datasheet
145Kb / 2P
   Frequency Mixer
ADE-1++ MINI-ADE-1+ Datasheet
231Kb / 2P
   Frequency Mixer
ADE-10H MINI-ADE-10H Datasheet
298Kb / 2P
   Frequency Mixer
ADE-10H++ MINI-ADE-10H+ Datasheet
298Kb / 2P
   Frequency Mixer
More results

Similar Description - ADET-5000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2209 MAXIM-MAX2209 Datasheet
1Mb / 5P
   RF Power Detector
Rev 0; 10/09
MAX2204 MAXIM-MAX2204 Datasheet
150Kb / 7P
   RF Power Detector
Rev 0; 4/07
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6408 AVAGO-AMMC-6408 Datasheet
589Kb / 12P
   Integrated RF power detector
AMMC-6440 AVAGO-AMMC-6440 Datasheet
226Kb / 8P
   Integrated RF power detector
logo
Texas Instruments
TRF1600 TI-TRF1600 Datasheet
349Kb / 15P
[Old version datasheet]   TRUE RMS RF POWER DETECTOR
logo
Maxim Integrated Produc...
MAX2015EVKIT MAXIM-MAX2015EVKIT Datasheet
173Kb / 5P
   Complete RF Power Detector/Controller
Rev 0; 12/03
logo
Linear Technology
LTC5507 LINER-LTC5507 Datasheet
130Kb / 8P
   100kHz to 1GHz RF Power Detector
logo
STMicroelectronics
STPAC01F1 STMICROELECTRONICS-STPAC01F1 Datasheet
87Kb / 6P
   RF DETECTOR FOR POWER AMPLIFIER CONTROL
January 2003 - Ed: 1
logo
Linear Technology
LTC5507 LINER-LTC5507_15 Datasheet
136Kb / 8P
   100kHz to 1GHz RF Power Detector
logo
Maxim Integrated Produc...
MAX2209A MAXIM-MAX2209A Datasheet
1Mb / 7P
   RF Power Detector with Shutdown Control
Rev 0; 9/10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com