Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74C00M Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # MM74C00M
Description  Quad 2-Input NAND Gate . Quad 2-Input NOR Gate . Hex Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74C00M Datasheet(HTML) 2 Page - Fairchild Semiconductor

  MM74C00M Datasheet HTML 1Page - Fairchild Semiconductor MM74C00M Datasheet HTML 2Page - Fairchild Semiconductor MM74C00M Datasheet HTML 3Page - Fairchild Semiconductor MM74C00M Datasheet HTML 4Page - Fairchild Semiconductor MM74C00M Datasheet HTML 5Page - Fairchild Semiconductor MM74C00M Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed. Except for “Operating Tempera-
ture Range” they are not meant to imply that the devices should be oper-
ated at these limits. The table of “Electrical Characteristics” provides
conditions for actual device operation.
DC Electrical Characteristics
Min/Max limits apply across the guaranteed temperature range unless otherwise noted
AC Electrical Characteristics (Note 2)
TA = 25°C, CL = 50 pF, unless otherwise specified
Note 2: AC Parameters are guaranteed by DC correlated testing.
Note 3: Capacitance is guaranteed by periodic testing.
Note 4: CPD determines the no load AC power consumption of any CMOS device. For complete explanation see Family Characteristics Application Note—
AN-90.
Voltage at Any Pin
−0.3V to V
CC + 0.3V
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Operating VCC Range
3.0V to 15V
Maximum VCC Voltage
18V
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature
(Soldering, 10 seconds)
300
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMOS TO CMOS
VIN(1)
Logical “1” Input Voltage
VCC = 5.0V
3.5
V
VCC = 10V
8.0
V
VIN(0)
Logical “0” Input Voltage
VCC = 5.0V
1.5
V
VCC = 10V
2.0
V
VOUT(1)
Logical “1” Output Voltage
VCC = 5.0V, IO = −10 µA4.5
V
VCC = 10V, IO = −10 µA9.0
V
VOUT(0)
Logical “0” Output Voltage
VCC = 5.0V, IO = 10 µA0.5
V
VCC = 10V, IO = 10 µA1.0
V
IIN(1)
Logical “1” Input Current
VCC = 15V, VIN = 15V
0.005
1.0
µA
IIN(0)
Logical “0” Input Current
VCC = 15V, VIN = 0V
−1.0
−0.005
µA
ICC
Supply Current
VCC = 15V
0.01
15
µA
LOW POWER TO CMOS
VIN(1)
Logical “1” Input Voltage
74C, VCC = 4.75V
VCC − 1.5
V
VIN(0)
Logical “0” Input Voltage
74C, VCC = 4.75V
0.8
V
VOUT(1)
Logical “1” Output Voltage
74C, VCC = 4.75V, IO = −10 µA4.4
V
VOUT(0)
Logical “0” Output Voltage
74C, VCC = 4.75V, IO = 10 µA0.4
V
CMOS TO LOW POWER
VIN(1)
Logical “1” Input Voltage
74C, VCC = 4.75V
4.0
V
VIN(0)
Logical “0” Input Voltage
74C, VCC = 4.75V
1.0
V
VOUT(1)
Logical “1” Output Voltage
74C, VCC = 4.75V, IO = −360 µA2.4
V
VOUT(0)
Logical “0” Output Voltage
74C, VCC = 4.75V, IO = 360 µA0.4
V
OUTPUT DRIVE (see Family Characteristics Data Sheet) TA = 25°C (short circuit current)
ISOURCE
Output Source Current
VCC = 5.0V, VIN(0) = 0V, VOUT = 0V
−1.75
mA
ISOURCE
Output Source Current
VCC = 10V, VIN(0) = 0V, VOUT = 0V
−8.0
mA
ISINK
Output Sink Current
VCC = 5.0V, VIN(1) = 5.0V, VOUT = VCC
1.75
mA
ISINK
Output Sink Current
VCC = 10V, VIN(1) = 10V, VOUT = VCC
8.0
mA
Symbol
Parameter
Conditions
Min
Typ
Max
Units
MM74C00, MM74C02, MM74C04
tpd0, tpd1
Propagation Delay Time to
VCC = 5.0V
50
90
ns
Logical “1” or “0”
VCC = 10V
30
60
ns
CIN
Input Capacitance
(Note 3)
6.0
pF
CPD
Power Dissipation Capacitance
Per Gate or Inverter (Note 4)
12
pF


Similar Part No. - MM74C00M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C00M FAIRCHILD-MM74C00M Datasheet
85Kb / 6P
   Quad 2-Input NAND Gate. Quad 2-Input NOR Gate. Hex Inverter
MM74C00M FAIRCHILD-MM74C00M Datasheet
89Kb / 6P
   Quad 2-Input NAND Gate
More results

Similar Description - MM74C00M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C00 FAIRCHILD-MM74C00_02 Datasheet
85Kb / 6P
   Quad 2-Input NAND Gate. Quad 2-Input NOR Gate. Hex Inverter
logo
National Semiconductor ...
MM54C00 NSC-MM54C00 Datasheet
146Kb / 6P
   Quad 2-Input NAND Gate, Quad 2-Input NOR Gate, Hex Inverter, Triple 3-Input NAND Gate, Dual 4-Input NAND Gate
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
   Quad 2-Input NOR Gate
logo
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74AC02F TOSHIBA-TC74AC02F_12 Datasheet
238Kb / 8P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74LVC02AD112 NXP-74LVC02AD112 Datasheet
164Kb / 14P
   Quad 2-input NOR gate
Rev. 8-16 November 2011
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com