Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT2E-MV Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # MCT2E-MV
Description  PHOTOTRANSISTOR OPTOCOUPLERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MCT2E-MV Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MCT2E-MV Datasheet HTML 1Page - Fairchild Semiconductor MCT2E-MV Datasheet HTML 2Page - Fairchild Semiconductor MCT2E-MV Datasheet HTML 3Page - Fairchild Semiconductor MCT2E-MV Datasheet HTML 4Page - Fairchild Semiconductor MCT2E-MV Datasheet HTML 5Page - Fairchild Semiconductor MCT2E-MV Datasheet HTML 6Page - Fairchild Semiconductor MCT2E-MV Datasheet HTML 7Page - Fairchild Semiconductor MCT2E-MV Datasheet HTML 8Page - Fairchild Semiconductor MCT2E-MV Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
6/15/05
MCT2
MCT2E
MCT210
MCT271
MCT2200
MCT2201
MCT2202
PHOTOTRANSISTOR OPTOCOUPLERS
Page 4 of 15
© 2005 Fairchild Semiconductor Corporation
** Typical values at TA = 25°C
TRANSFER CHARACTERISTICS (TA = 25°C Unless otherwise specified.)
DC Characteristic
Test Conditions
Symbol
Device
Min
Typ**
Max
Unit
Output Collector
Current
(TA = 0-70°C)
CTR
MCT210
150
%
(IF = 10 mA, VCE = 5 V)
MCT2200
20
MCT2201
100
MCT2202
63
125
(IF = 10 mA, VCE = 10 V)
MCT2
MCT2-M
MCT2E
MCT2E-M
20
MCT271
45
90
(IF = 3.2 mA to 32 mA, VCE = 0.4 V)
(TA = 0-70°C)
MCT210
50
Collector-Emitter
Saturation Voltage
(IC = 2 mA, IF = 16 mA)
VCE (SAT)
MCT2
MCT2-M
MCT2E
MCT2E-M
MCT271
0.4
V
(IC = 16 mA, IF = 32 mA, TA = 0-70°C)
MCT210
(IC = 2.5 mA, IF = 10 mA)
MCT2200
MCT2201
MCT2202
AC Characteristic
Saturated Turn-on
Time from 5 V to
0.8 V
(IF = 15 mA, VCC = 5 V, RL = 2 kΩ)
(RB = Open) (Fig. 20)
ton
MCT2
1.1
µs
MCT2E
1.1
(IF = 20 mA, VCC = 5 V, RL = 2 kΩ)
(RB = 100 kΩ) (Fig. 20)
MCT2
1.3
MCT2E
1.3
Saturated Turn-off
Time from SAT to
2.0 V
(IF = 15 mA, VCC = 5 V, RL = 2 kΩ)
(RB = Open) (Fig. 20)
toff
MCT2
50
MCT2E
50
(IF = 20 mA, VCC = 5 V, RL = 2 kΩ)
(RB = 100 kΩ) (Fig. 20)
MCT2
20
MCT2E
20
Turn-on Time
(IF = 10 mA, VCC = 10 V, RL = 100 Ω)ton
MCT2-M
MCT2E-M
2
Turn-off Time
(IF = 10 mA, VCC = 10 V, RL = 100 Ω)toff
MCT2-M
MCT2E-M
2
Rise Time
(IF = 10 mA, VCC = 10 V, RL = 100 Ω)tr
MCT2-M
MCT2E-M
2
Fall Time
(IF = 10 mA, VCC = 10 V, RL = 100 Ω)tf
MCT2-M
MCT2E-M
1.5


Similar Part No. - MCT2E-MV

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCT2E MOTOROLA-MCT2E Datasheet
267Kb / 6P
   6-Pin DIP Optoisolators Transistor Output
logo
QT Optoelectronics
MCT2E QT-MCT2E Datasheet
608Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLER
logo
Texas Instruments
MCT2E TI-MCT2E Datasheet
106Kb / 7P
[Old version datasheet]   OPTOCOUPLERS
logo
Infineon Technologies A...
MCT2E INFINEON-MCT2E Datasheet
408Kb / 6P
   Industry Standard Single Channel 6 Pin DIP Optocoupler
March 27, 2000-00
logo
ISOCOM COMPONENTS
MCT2E ISOCOM-MCT2E Datasheet
63Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
More results

Similar Description - MCT2E-MV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY17-1 FAIRCHILD-CNY17-1 Datasheet
575Kb / 14P
   Phototransistor Optocouplers
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
CNY17-1 QT-CNY17-1 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
MCT2200 QT-MCT2200 Datasheet
402Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLERS
MOC8111 QT-MOC8111 Datasheet
434Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AV1M FAIRCHILD-H11AV1M Datasheet
277Kb / 10P
   Phototransistor Optocouplers
CNY171M FAIRCHILD-CNY171M Datasheet
268Kb / 10P
   Phototransistor Optocouplers
CNY17F2M FAIRCHILD-CNY17F2M Datasheet
253Kb / 11P
   Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com