Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74C02N Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MM74C02N
Description  Quad 2-Input NAND Gate . Quad 2-Input NOR Gate . Hex Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74C02N Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MM74C02N Datasheet HTML 1Page - Fairchild Semiconductor MM74C02N Datasheet HTML 2Page - Fairchild Semiconductor MM74C02N Datasheet HTML 3Page - Fairchild Semiconductor MM74C02N Datasheet HTML 4Page - Fairchild Semiconductor MM74C02N Datasheet HTML 5Page - Fairchild Semiconductor MM74C02N Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
October 1987
Revised January 1999
© 1999 Fairchild Semiconductor Corporation
DS005877.prf
www.fairchildsemi.com
MM74C00 • MM74C02 • MM74C04
Quad 2-Input NAND Gate •
Quad 2-Input NOR Gate •
Hex Inverter
General Description
The MM74C00, MM74C02, and MM74C04 logic gates
employ complementary MOS (CMOS) to achieve wide
power supply operating range, low power consumption,
high noise immunity and symmetric controlled rise and fall
times. With features such as this the 74C logic family is
close to ideal for use in digital systems. Function and pin
out compatibility with series 74 devices minimizes design
time for those designers already familiar with the standard
74 logic family.
All inputs are protected from damage due to static dis-
charge by diode clamps to VCC and GND.
Features
s Wide supply voltage range:
3V to 15V
s Guaranteed noise margin: 1V
s High noise immunity: 0.45 VCC (typ.)
s Low power consumption: 10 nW/package (typ.)
s Low power: TTL compatibility:
Fan out of 2 driving 74L
Ordering Code:
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Connection Diagrams
Pin Assignments for DIP and SOIC
MM74C00
Top View
MM74C02
Top View
MM74C04
Top View
Order Number
Package Number
Package Description
MM74C00M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150” Narrow
MM74C00N
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
MM74C02N
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150” Narrow
MM74C04M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150” Narrow
MM74C04N
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide


Similar Part No. - MM74C02N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C02N FAIRCHILD-MM74C02N Datasheet
85Kb / 6P
   Quad 2-Input NAND Gate. Quad 2-Input NOR Gate. Hex Inverter
MM74C02N FAIRCHILD-MM74C02N Datasheet
89Kb / 6P
   Quad 2-Input NAND Gate
More results

Similar Description - MM74C02N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C00 FAIRCHILD-MM74C00_02 Datasheet
85Kb / 6P
   Quad 2-Input NAND Gate. Quad 2-Input NOR Gate. Hex Inverter
logo
National Semiconductor ...
MM54C00 NSC-MM54C00 Datasheet
146Kb / 6P
   Quad 2-Input NAND Gate, Quad 2-Input NOR Gate, Hex Inverter, Triple 3-Input NAND Gate, Dual 4-Input NAND Gate
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
   Quad 2-Input NOR Gate
logo
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74AC02F TOSHIBA-TC74AC02F_12 Datasheet
238Kb / 8P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74LVC02AD112 NXP-74LVC02AD112 Datasheet
164Kb / 14P
   Quad 2-input NOR gate
Rev. 8-16 November 2011
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com