Electronic Components Datasheet Search |
|
8-1393765-9 Datasheet(PDF) 1 Page - Tyco Electronics |
|
8-1393765-9 Datasheet(HTML) 1 Page - Tyco Electronics |
1 / 6 page General Purpose Relays Industrial Relays R10 Series Panel Plug-in Relay 08-2011, Rev. 0811 www.te.com © 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 1 Potter & Brumfield Contact ratings (continued) Type Load Cycles UL 508 P type, Au overlay Ag, bifurcated crossbar contact 2A, 120VAC, resistive 100x103 3 A, 120 VAC, resistive 6x103 3 A, 30 VDC, resistive 100x103 L type, AuPtAg, bifurcated crossbar contact 500mA, 28VDC, resistive 6x103 Mechanical endurance 10x106 ops., except W type is 1x106 ops. Coil Data Coil voltage range 3 to 115VDC 4.5mA to 20mA 6 to 115VAC Coil versions, DC coil Coil Rated Operate Coil Rated coil code voltage voltage resistance power VDC VDC Ω±10% mW V - standard DC voltage adjustment 1, 2 and 4 pole V10 3 2.25 10 900 V28 5 3.75 28 900 V52 6 4.5 52 900 V185 12 9 185 900 V700 24 18 700 900 V2.5K 48 36 2500 900 V5.8K 72 54 5800 900 V15.0K 115 86 15000 900 6 pole V6 3 2.25 6 1,500 V16 5 3.75 16 1,600 V25 6 4.5 25 1,500 V90 12 9 90 1,600 V430 24 18 430 1,400 V1.5K 48 36 1500 1,600 V3.5K 72 54 3500 1,500 V9.0K 115 86 9000 1,500 8 pole V5 3 2.25 5 1,800 V14 5 3.75 14 1,800 V20 6 4.5 20 1,800 V72 12 9 72 2,000 V350 24 18 350 1,700 V1.25K 48 36 1250 1,900 V2.8K 72 54 2800 1,900 V8.0K 115 86 8000 1,700 All figures are given for coil without preenergization, at ambient temperature +23°C. n 1 through 8 form C (CO) contact arrangement n Broad range of coil options provides sensitivity ranging from 25 to 750mW n Various contacts switch from dry circuit to 7.5 amps n Many mounting and termination options Typical applications Coin changers, audio equipment, elevators, traffic controls, ultrasonic test equipment, parking toll readers Approvals UL E29244; CSA LR15734 Technical data of approved types on request Contact Data Contact arrangement 1, 2, 3, 4, 6 and 8 Form C (CO) Rated voltage 120VAC Rated current 7.5A Contact material Ag, AgCdO, Au overlay Ag, AuPtAg Contact style Single or bifurcated crossbar Min. recommended contact load W type, AgCdO, single contact 300mA, 12VDC X type, AgCdO, single contact 300mA, 12VDC M type, AgCdO, bifurcated contact 300mA, 12VDC Y type, Ag, single contact 100mA, 12VDC Z type, Ag, bifurcated crossbar 1mA, 12VDC P type, Au overlay Ag, bifurcated crossbar dry circuit L type, AuPtAg, bifurcated crossbar dry circuit Initial contact resistance All AgCdO contact types 100mΩ All other contact materials and types 50mΩ Frequency of operation 360 ops./hr Contact ratings Type Load Cycles UL 508 W type, AgCdO, single contact 7.5A, 120VAC, resistive 7.5A, 28VDC, resistive 1/8HP, 120VAC, same polarity 1/6HP, 240VAC, same polarity X type, AgCdO, single contact 2A, 30VDC, resistive 100x103 5A, 120VAC, resistive 6x103 5A, 30VDC, resistive 100x103 1/20HP, 120VAC, same polarity 1/10HP, 240VAC, same polarity M type, AgCdO, bifurcated contact 5A, 120VAC, resistive 6x103 5A, 28VDC, resistive 6x103 Y type, Ag, single contact 2A, 120VAC 6x103 2A, 28VDC 6x103 250VA, 250VAC 30x103 125VA, 125VAC 100x103 Z type, Ag, bifurcated crossbar contact 3A, 120VAC 6x103 3A, 28VDC 6x103 2A, 30VDC 100x103 R10 R10-R R10S R10-T |
Similar Part No. - 8-1393765-9 |
|
Similar Description - 8-1393765-9 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |