Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74C154N Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MM74C154N
Description  4-Line to 16-Line Decoder/Demultiplexer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74C154N Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MM74C154N Datasheet HTML 1Page - Fairchild Semiconductor MM74C154N Datasheet HTML 2Page - Fairchild Semiconductor MM74C154N Datasheet HTML 3Page - Fairchild Semiconductor MM74C154N Datasheet HTML 4Page - Fairchild Semiconductor MM74C154N Datasheet HTML 5Page - Fairchild Semiconductor MM74C154N Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Note 1: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed. Except for “Operating Tempera-
ture Range” they are not meant to imply that the devices should be oper-
ated at these limits. The table of “Electrical Characteristics” provides
conditions for actual device operation.
DC Electrical Characteristics
Min/max limits apply across temperature range unless otherwise noted
Voltage at Any Pin
−0.3V to V
CC + 0.3V
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Maximum VCC Voltage
18V
Power Dissipation
Dual-In-Line
700 mW
Small Outline
500 mW
Operating VCC Range
3V to 15V
Lead Temperature
(Soldering, 10 seconds)
260
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMOS TO CMOS
VIN(1)
Logical “1” Input Voltage
VCC = 5.0V
3.5
V
VCC = 10V
8.0
V
VIN(0)
Logical “0” Input Voltage
VCC = 5.0V
1.5
V
VCC = 10V
2.0
V
VOUT(1)
Logical “1” Output Voltage
VCC = 5.0V, IO = −10µA4.5
V
VCC = 10V, IO = −10 µA9.0
V
VOUT(0)
Logical “0” Output Voltage
VCC = 5.0V, IO = 10µA0.5
V
VCC = 10V, IO = 10 µA1.0
V
IIN(1)
Logical “1” Input Current
VCC = 15V, VIN = 15V
0.005
1.0
µA
IIN(0)
Logical “0” Input Current
VCC = 15V, VIN = 0V
−1.0
−0.005
µA
ICC
Supply Current
VCC = 15V
0.05
300
µA
CMOS TO LPTTL INTERFACE
VIN(1)
Logical “1” Input Voltage
VCC = 4.75V
VCC − 1.5
V
VIN(0)
Logical “0” Input Voltage
VCC = 4.75V
0.8
V
VOUT(1)
Logical “1” Output Voltage
VCC = 4.75V, IO = −100 µA2.4
V
VOUT(0)
Logical “0” Output Voltage
VCC = 4.75V, IO = 360 µA0.4
V
OUTPUT DRIVE (See Family Characteristics Data Sheet) (Short Circuit Current)
ISOURCE
Output Source Current
VCC = 5.0V, VIN(0) = 0V
−1.75
mA
TA = 25°C, VOUT = 0V
ISOURCE
Output Source Current
VCC = 10V, VIN(0) = 0V
−8.0
mA
TA = 25°C, VOUT = 0V
ISINK
Output Sink Current
VCC = 5.0V, VIN(1) = 5.0V
1.75
mA
TA = 25°C, VOUT = VCC
ISINK
Output Sink Current
VCC = 10V, VIN(1) = 10V
8.0
mA
TA = 25°C, VOUT = VCC


Similar Part No. - MM74C154N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74C154 NSC-MM74C154 Datasheet
101Kb / 4P
   4-Line to 16-Line Decoder/Demultiplexer
More results

Similar Description - MM74C154N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74LS154 FAIRCHILD-DM74LS154 Datasheet
52Kb / 5P
   4-Line to 16-Line Decoder/Demultiplexer
logo
National Semiconductor ...
MM54C154 NSC-MM54C154 Datasheet
101Kb / 4P
   4-Line to 16-Line Decoder/Demultiplexer
logo
STMicroelectronics
M74HC154 STMICROELECTRONICS-M74HC154 Datasheet
170Kb / 8P
   4 TO 16 LINE DECODER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT154 PHILIPS-74HCT154 Datasheet
144Kb / 22P
   4-to-16 line decoder/demultiplexer
2004 Oct 12
74HC154 PHILIPS-74HC154 Datasheet
59Kb / 7P
   4-to-16 line decoder/demultiplexer
September 1993
74HC154 NXP-74HC154 Datasheet
138Kb / 21P
   4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
74HC_HCT154 PHILIPS-74HC_HCT154_15 Datasheet
138Kb / 21P
   4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
74LV154 PHILIPS-74LV154 Datasheet
131Kb / 12P
   4-to-16 line decoder/demultiplexer
1998 Apr 28
logo
Nexperia B.V. All right...
74HCT154 NEXPERIA-74HCT154 Datasheet
294Kb / 17P
   4-to-16 line decoder/demultiplexer
Rev. 9 - 19 August 2021
logo
Hitachi Semiconductor
HD74HC154 HITACHI-HD74HC154 Datasheet
34Kb / 7P
   4-to-16-line Decoder/Demultiplexer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com