Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74C240WM Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MM74C240WM
Description  Inverting . Non-Inverting Octal Buffer and Line Driver with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74C240WM Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MM74C240WM Datasheet HTML 1Page - Fairchild Semiconductor MM74C240WM Datasheet HTML 2Page - Fairchild Semiconductor MM74C240WM Datasheet HTML 3Page - Fairchild Semiconductor MM74C240WM Datasheet HTML 4Page - Fairchild Semiconductor MM74C240WM Datasheet HTML 5Page - Fairchild Semiconductor MM74C240WM Datasheet HTML 6Page - Fairchild Semiconductor MM74C240WM Datasheet HTML 7Page - Fairchild Semiconductor MM74C240WM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2002 Fairchild Semiconductor Corporation
DS005905
www.fairchildsemi.com
October 1987
Revised May 2002
MM74C240 • MM74C244
Inverting • Non-Inverting Octal Buffer and
Line Driver with 3-STATE Outputs
General Description
The MM74C240 and MM74C244 octal buffers and line
drivers are monolithic complementary MOS (CMOS) inte-
grated circuits with 3-STATE outputs. These outputs have
been specially designed to drive highly capacitive loads
such as bus-oriented systems. These devices have a fan
out of 6 low power Schottky loads. A high logic level on the
output disable control input G makes the outputs go into
the high impedance state.
Features
s Wide supply voltage range (3V to 15V)
s High noise immunity (0.45 VCC typ)
s Low power consumption
s High capacitive load drive capability
s 3-STATE outputs
s Input protection
s TTL compatibility
s 20-pin dual-in-line package
s High speed 25 ns (typ.) @ 10V, 50 pF (MM74C244)
Ordering Code:
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Connection Diagrams
MM74C240
(Top View)
MM74C244
(Top View)
Order Number
Package Number
Package Description
MM74C240WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
MM74C240N
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
MM74C244WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
MM74C244N
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide


Similar Part No. - MM74C240WM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74C240 NSC-MM74C240 Datasheet
142Kb / 6P
   Octal Buffers and Line Drivers with TRI-STATE Outputs
MM74C240J NSC-MM74C240J Datasheet
142Kb / 6P
   Octal Buffers and Line Drivers with TRI-STATE Outputs
MM74C240N NSC-MM74C240N Datasheet
142Kb / 6P
   Octal Buffers and Line Drivers with TRI-STATE Outputs
More results

Similar Description - MM74C240WM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74ALS540A FAIRCHILD-DM74ALS540A Datasheet
61Kb / 5P
   Octal Inverting Buffer and Line Driver with 3-STATE Outputs
logo
Toshiba Semiconductor
TC74HC540AP TOSHIBA-TC74HC540AP Datasheet
232Kb / 6P
   OCTAL BUS BUFFER INVERTING/NON-INVERTING, 3-STATE OUTPUTS
logo
ON Semiconductor
MC74VHC240 ONSEMI-MC74VHC240_11 Datasheet
133Kb / 7P
   Octal Bus Buffer/Line Driver Inverting with 3-State Outputs
May, 2011 ??Rev. 5
MC74HCT541A ONSEMI-MC74HCT541A_16 Datasheet
118Kb / 6P
   Octal 3-State Non-Inverting Buffer/Line Driver/ Line Receiver
September, 2014 ??Rev. 7
MC74HC541A ONSEMI-MC74HC541A Datasheet
127Kb / 8P
   Octal 3-State Non-Inverting Buffer/Line Driver/Line Receiver
March, 2000 ??Rev. 2
logo
NXP Semiconductors
74AHC240 NXP-74AHC240 Datasheet
478Kb / 16P
   Octal buffer/line driver; inverting; 3-state
Rev. 2-26 November 2010
logo
Nexperia B.V. All right...
74AHCT240-Q100 NEXPERIA-74AHCT240-Q100 Datasheet
805Kb / 15P
   Octal buffer/line driver; inverting 3-state
74HC540 NEXPERIA-74HC540 Datasheet
268Kb / 15P
   Octal buffer/line driver; 3-state; inverting
Rev. 6 - 19 October 2021
74AHCT240 NEXPERIA-74AHCT240 Datasheet
238Kb / 13P
   Octal buffer/line driver; inverting; 3-state
Rev. 6 - 29 June 2020
logo
NXP Semiconductors
74LV240 PHILIPS-74LV240 Datasheet
115Kb / 12P
   Octal buffer/line driver; inverting 3-State
1998 May 20
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com