Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74C374N Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # MM74C374N
Description  3-STATE Octal D-Type Latch . 3-STATE Octal D-Type Flip-Flop
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74C374N Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button MM74C374N Datasheet HTML 2Page - Fairchild Semiconductor MM74C374N Datasheet HTML 3Page - Fairchild Semiconductor MM74C374N Datasheet HTML 4Page - Fairchild Semiconductor MM74C374N Datasheet HTML 5Page - Fairchild Semiconductor MM74C374N Datasheet HTML 6Page - Fairchild Semiconductor MM74C374N Datasheet HTML 7Page - Fairchild Semiconductor MM74C374N Datasheet HTML 8Page - Fairchild Semiconductor MM74C374N Datasheet HTML 9Page - Fairchild Semiconductor MM74C374N Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.fairchildsemi.com
6
AC Electrical Characteristics (Note 7)
MM74C374, TA = 25°C, CL = 50 pF, tr = tf = 20 ns, unless otherwise noted
Note 7: AC Parameters are guaranteed by DC correlated testing.
Note 8: Capacitance is guaranteed by periodic testing.
Note 9: CPD determines the no load AC power consumption of any CMOS device. For complete explanation see Family Characteristics Application Note
AN-90.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tpd0, tpd1
Propagation Delay,
VCC = 5V, CL = 50 pF
150
300
ns
CLOCK to Output
VCC = 10V, CL = 50 pF
65
130
VCC = 5V, CL = 150 pF
180
360
VCC = 10V, CL = 150 pF
80
160
tSET-UP
Minimum Set-Up Time Data In
tHOLD = 0 ns
to CLOCK/LATCH ENABLE
VCC = 5V
70
140
ns
VCC = 10V
35
70
tPWH, tPWL Minimum CLOCK Pulse Width
VCC = 5V
70
140
ns
VCC = 10V
50
100
fMAX
Maximum CLOCK Frequency
VCC = 5V
3.5
7.0
MHz
VCC = 10V
5
10
t1H, t0H
Propagation Delay OUTPUT
RL = 10k, CL = 50 pF
DISABLE to High Impedance
VCC = 5V
105
210
ns
State (from a Logic Level)
VCC = 10V
60
120
tH1, tH0
Propagation Delay OUTPUT
RL = 10k, CL = 50 pF
DISABLE to Logic Level
VCC = 5V
105
210
ns
(from High Impedance State)
VCC = 10V
45
90
tTHL, tTLH
Transition Time
VCC = 5V, CL = 50 pF
65
130
ns
VCC = 10V, CL = 50 pF
35
70
VCC = 5V, CL = 150 pF
110
220
VCC = 10V, CL = 150 pF
70
140
tr, tf
Maximum CLOCK Rise
VCC = 5V
15
>2000
µs
and Fall Time
VCC = 10V
5
>2000
CCLK
Input Capacitance
CLOCK Input (Note 8)
7.5
10
pF
COD
Input Capacitance
OUTPUT DISABLE
7.5
10
pF
Input (Note 8)
CIN
Input Capacitance
Any Other Input (Note 8)
5
7.5
pF
COUT
Output Capacitance
High Impedance
10
15
pF
State (Note 8)
CPD
Power Dissipation Capacitance
Per Package (Note 9)
250
pF


Similar Part No. - MM74C374N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74C374 NSC-MM74C374 Datasheet
170Kb / 8P
   Octal D-Type Latch Octal D-Type Flip-Flop
More results

Similar Description - MM74C374N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HCT373 FAIRCHILD-MM74HCT373 Datasheet
108Kb / 9P
   3-STATE Octal D-Type Latch . 3-STATE Octal D-Type Flip-Flop
MM74HCT373 FAIRCHILD-MM74HCT373_05 Datasheet
122Kb / 10P
   3-STATE Octal D-Type Latch 3-STATE Octal D-Type Flip-Flop
logo
ON Semiconductor
MM74HCT573 ONSEMI-MM74HCT573 Datasheet
222Kb / 11P
   Octal D-Type Latch ??3-STATE Octal D-Type Flip-Flop
Revised May 2005
logo
Fairchild Semiconductor
MM74HCT573 FAIRCHILD-MM74HCT573_05 Datasheet
114Kb / 9P
   Octal D-Type Latch - 3-STATE Octal D-Type Flip-Flop
MM74HCT573 FAIRCHILD-MM74HCT573 Datasheet
98Kb / 8P
   Octal D-Type Latch 3-STATE Octal D-Type Flip-Flop
logo
ON Semiconductor
MM74HC374 ONSEMI-MM74HC374 Datasheet
209Kb / 10P
   3-STATE Octal D-Type Flip-Flop
Revised May 2005
logo
Integral Corp.
IN74VHCT374 INTEGRAL-IN74VHCT374 Datasheet
309Kb / 8P
   Octal D-type flip-flop (3-state)
logo
KODENSHI_AUK CORP.
KK74VHCT374 KODENSHI-KK74VHCT374 Datasheet
324Kb / 8P
   Octal D-type flip-flop (3-state)
logo
IK Semicon Co., Ltd
IN74VHCT374 IKSEMICON-IN74VHCT374 Datasheet
312Kb / 8P
   Octal D-type flip-flop (3-state)
logo
Texas Instruments
CD74AC574M TI-CD74AC574M Datasheet
1Mb / 17P
[Old version datasheet]   Octal D-Type Flip-Flop, 3-State
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com