Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74C89N Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # MM74C89N
Description  64-Bit 3-STATE Random Access Read/Write Memory
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74C89N Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MM74C89N Datasheet HTML 1Page - Fairchild Semiconductor MM74C89N Datasheet HTML 2Page - Fairchild Semiconductor MM74C89N Datasheet HTML 3Page - Fairchild Semiconductor MM74C89N Datasheet HTML 4Page - Fairchild Semiconductor MM74C89N Datasheet HTML 5Page - Fairchild Semiconductor MM74C89N Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics (Note 2)
TA = 25°C, CL = 50 pF, unless otherwise noted
Note 2: AC Parameters are guaranteed by DC correlated testing.
Note 3: Capacitance is guaranteed by periodic testing.
Note 4: CPD determines the no load AC power consumption of any CMOS device. For complete explanation see Family Characteristics application note,
AN-90.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tpd
Propagation Delay from
VCC = 5V
270
500
ns
Memory Enable
VCC = 10V
100
220
ns
tACC
Access Time from
VCC = 5V
350
650
ns
Address Input
VCC = 10V
130
280
ns
tSA
Address Setup Time
VCC = 5V
150
ns
VCC = 10V
60
ns
tHA
Address Hold Time
VCC = 5V
60
ns
VCC = 10V
40
ns
tME
Memory Enable Pulse Width
VCC = 5V
400
250
ns
VCC = 10V
150
90
ns
tSR
Write Enable Setup
VCC = 5V
0
ns
Time for a Read
VCC = 10V
0
ns
tWS
Write Enable Setup
VCC = 5V
tME
ns
Time for a Write
VCC = 10V
tME
ns
tWE
Write Enable Pulse Width
VCC = 5V, tWS = 0
300
160
ns
VCC = 10V, tWS = 0
100
60
ns
tHD
Data Input Hold Time
VCC = 5V
50
ns
VCC = 10V
25
ns
tSD
Data Input Setup
VCC = 5V
50
ns
VCC = 10V
25
ns
t1H, t0H
Propagation Delay from a Logical
VCC = 5V, CL = 5 pF, RL = 10k
180
300
ns
“1” or Logical “0” to the High
VCC = 10V, CL = 5 pF, RL = 10k
−85
120
ns
Impedance State from
Memory Enable
t1H, t0H
Propagation Delay from a Logical
VCC = 50V, CL = 5 pF, RL = 10k
180
300
ns
“1” or Logical “0” to the High
VCC = 10V, CL = 5 pF, RL = 10k
85
120
ns
Impedance State from
Write Enable
CIN
Input Capacity
Any Input (Note 3)
5
pF
COUT
Output Capacity
Any Output (Note 3)
6.5
pF
CPD
Power Dissipation Capacity
(Note 4)
230
pF


Similar Part No. - MM74C89N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74C89N NSC-MM74C89N Datasheet
130Kb / 6P
   64-Bit TRI-STATE Random Access Read/Write Memory
logo
Rochester Electronics
MM74C89N ROCHESTER-MM74C89N Datasheet
605Kb / 6P
   Random Access Read / Write Memory Wide supply voltage range 3.0V ro 15V
MM74C89N ROCHESTER-MM74C89N Datasheet
606Kb / 1P
   MILITARY TEMPERATURE SRAM in a 16-pin ceramic DIP package
More results

Similar Description - MM74C89N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C89 NSC-MM54C89 Datasheet
130Kb / 6P
   64-Bit TRI-STATE Random Access Read/Write Memory
logo
Texas Instruments
SN7489 TI-SN7489 Datasheet
265Kb / 6P
[Old version datasheet]   64-BIT RANDOM-ACCESS READ/WRITE MEMORY
MM54C200 TI1-MM54C200 Datasheet
385Kb / 8P
[Old version datasheet]   256-Bit TRI-STATE Random Access Read/Write Memory
MM54C910 TI1-MM54C910 Datasheet
394Kb / 10P
[Old version datasheet]   256-Bit TRI-STATE Random Access Read/Write Memory
logo
NXP Semiconductors
HEF4505B PHILIPS-HEF4505B Datasheet
96Kb / 8P
   64-bit, 1-bit per word random access read/write memory
January 1995
logo
Advanced Micro Devices
AM99CL641 AMD-AM99CL641 Datasheet
415Kb / 19P
   66,536x1 Static Read/Write Random-Access Memory
logo
Fairchild Semiconductor
74F189 FAIRCHILD-74F189 Datasheet
58Kb / 6P
   64-Bit Random Access Memory with 3-STATE Outputs
74F219 FAIRCHILD-74F219 Datasheet
52Kb / 6P
   64-Bit Random Access Memory with 3-STATE Outputs
74LS189 FAIRCHILD-74LS189 Datasheet
159Kb / 3P
   64-BIT RANDOM ACCESS MEMORY
logo
List of Unclassifed Man...
74LS89 ETC1-74LS89 Datasheet
142Kb / 3P
   64-Bit Random Access Memory(Open Collector)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com