Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDM-0808-500M-92 Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # LDM-0808-500M-92
Description  Solid-state Laser Pumping Medical Usage Target Designator Free-space Optical Communication
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LDM-0808-500M-92 Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  LDM-0808-500M-92 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LDM-0808-500M-92 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LDM-0808-500M-92 Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
10.08.2010
ldm_0808_500m_92.doc
2 of 3
Package Dimensons
TO5 Package (Unit:mm)


Similar Part No. - LDM-0808-500M-92

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LDM-0808-500M-X2 ROITHNER-LDM-0808-500M-X2 Datasheet
515Kb / 4P
   Solid-state Laser Pumping Medical Usage Target Designator Free-space Communication Infrared Light Sources
LDM-0808-500m-x2 ROITHNER-LDM-0808-500m-x2 Datasheet
670Kb / 4P
   High Power Infrared Laser Diode
More results

Similar Description - LDM-0808-500M-92

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LDM-0808-CMOUNT-TO3 ROITHNER-LDM-0808-CMOUNT-TO3 Datasheet
515Kb / 4P
   Solid-state Laser Pumping Medical Usage Target Designator Free-space Communication Infrared Light Sources
logo
Sensortechnics GmbH
LD80R4S-A SENSORTECHNICS-LD80R4S-A Datasheet
633Kb / 4P
   Solid State Laser Pumping
logo
Roithner LaserTechnik G...
LDS-1310-005-FW ROITHNER-LDS-1310-005-FW Datasheet
216Kb / 3P
   Optical Fiber Communication Free-space Optical Communication
LDM-0980-CMOUNT-TO3 ROITHNER-LDM-0980-CMOUNT-TO3 Datasheet
202Kb / 3P
   Pumping Medical Usage Infrared Sources for Night Viewing Information Recognition
ADL-80V03TL ROITHNER-ADL-80V03TL Datasheet
388Kb / 2P
   Pumping source for DPSS green laser Medical applications
ADL-80Y04TZ-1 ROITHNER-ADL-80Y04TZ-1 Datasheet
218Kb / 2P
   Pumping source for DPSS green laser Medical applications
logo
Mitsubishi Electric Sem...
ML7011 MITSUBISHI-ML7011 Datasheet
236Kb / 7P
   LASER DIODES FOR OPTICAL COMMUNICATION
ML520G12 MITSUBISHI-ML520G12 Datasheet
125Kb / 4P
   LASER DIODES FOR PUMPING, COSMETIC
logo
Toshiba Semiconductor
TLN227 TOSHIBA-TLN227 Datasheet
175Kb / 5P
   LEAD FREE PRODUCT FOR SPACE-OPTICAL-TRANSMISSION
TLN227 TOSHIBA-TLN227_07 Datasheet
203Kb / 5P
   LEAD FREE PRODUCT FOR SPACE-OPTICAL-TRANSMISSION
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com