Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

67-00E67-06ESX-100 Datasheet(PDF) 10 Page - Amphenol Corporation

Part # 67-00E67-06ESX-100
Description  Amphenol 67 and 165 Series Miniaturized Standard Connectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

67-00E67-06ESX-100 Datasheet(HTML) 10 Page - Amphenol Corporation

Back Button 67-00E67-06ESX-100 Datasheet HTML 2Page - Amphenol Corporation 67-00E67-06ESX-100 Datasheet HTML 3Page - Amphenol Corporation 67-00E67-06ESX-100 Datasheet HTML 4Page - Amphenol Corporation 67-00E67-06ESX-100 Datasheet HTML 5Page - Amphenol Corporation 67-00E67-06ESX-100 Datasheet HTML 6Page - Amphenol Corporation 67-00E67-06ESX-100 Datasheet HTML 7Page - Amphenol Corporation 67-00E67-06ESX-100 Datasheet HTML 8Page - Amphenol Corporation 67-00E67-06ESX-100 Datasheet HTML 9Page - Amphenol Corporation 67-00E67-06ESX-100 Datasheet HTML 10Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
8
Insert
Arrangements
Insert
Style
Plug
Receptacle
Sq. Flange
Cable
Receptacle
Potting Constructions
Plug
Receptacle
5 #20 contacts
Current Rating
(Amperes) 7.5
Pin
165-33
165-35
165-35-1002
165-33-1000
165-35-1000
Voltage rating
(Volts RMS at
sea level) 600
Socket
165-34
165-36
165-36-1003
165-34-1000
165-36-1000
9 #20 contacts
Current Rating
(Amperes) 7.5
Pin
165-13
165-15
165-15-1002
165-13-1000
165-15-1000
Voltage rating
(Volts RMS at
sea level) 500
Socket
165-14
165-16
165-16-1003
165-14-1000
165-16-1000
8 #20 contacts,
1 Shielded contact
Current Rating
(Amperes) 10.0
Pin
165-82
165-73
165-73-1001
165-82-1000
165-73-1000
Voltage rating
(Volts RMS at
sea level) 500
Socket
165-61-1008
165-83
165-83-1001
165-61
165-83-1000
12 #20 contacts
Current Rating
(Amperes) 7.5
Pin
165-9
165-11
165-11-1002
165-9-1000
165-11-1000
Voltage rating
(Volts RMS at
sea level) 500
Socket
165-10
165-12
165-12-1002
165-10-1000
165-12-1000
14 #16 contacts
Current Rating
(Amperes) 17.0
Pin
165-29
165-31
165-31-1003
165-29-1000
165-31-1000
Voltage rating
(Volts RMS at
sea level) 500
Socket
165-30
165-32
165-32-1006
165-30-1000
165-32-1000
19 #20 contacts,
1 Shielded contact
Current Rating
(Amperes) 10.0
Pin
165-86
165-84
165-84-1001
165-86-1000
165-84-1000
Voltage rating
(Volts RMS at
sea level) 500
Socket
165-62-1007
165-85
165-85-1001
165-62
165-85-1000
24 #20 contacts
Current Rating
(Amperes) 7.5
Pin
165-25
165-27
165-27-1005
165-25-1000
165-27-1000
Voltage rating
(Volts RMS at
sea level) 500
Socket
165-26
165-28
165-28-1003
165-26-1000
165-28-1000
165 Series
insert arrangements, order information
front face of insert illustrated
The following chart provides ordering information. For example, to
order a 165 Series plug with pin contacts use part number 165-33.


Similar Part No. - 67-00E67-06ESX-100

ManufacturerPart #DatasheetDescription
logo
Amphenol Industrial Pro...
67-00E AIO-67-00E Datasheet
1Mb / 10P
   Amphenol 67 Series “Minni E” environmental resistant cylindrical connectors
67-00E12-60PW-100 AIO-67-00E12-60PW-100 Datasheet
1Mb / 10P
   Amphenol 67 Series “Minni E” environmental resistant cylindrical connectors
67-00E12-60PW-106 AIO-67-00E12-60PW-106 Datasheet
1Mb / 10P
   Amphenol 67 Series “Minni E” environmental resistant cylindrical connectors
67-00E12-60PW-113 AIO-67-00E12-60PW-113 Datasheet
1Mb / 10P
   Amphenol 67 Series “Minni E” environmental resistant cylindrical connectors
67-00E12-60PX-100 AIO-67-00E12-60PX-100 Datasheet
1Mb / 10P
   Amphenol 67 Series “Minni E” environmental resistant cylindrical connectors
More results

Similar Description - 67-00E67-06ESX-100

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
165-26 AMPHENOL-165-26 Datasheet
5Mb / 10P
   Amphenol 67 and 165 Series Miniaturized Standard Connectors
4400 AMPHENOL-4400 Datasheet
1Mb / 10P
   Amphenol 67 and 165 Series Amphenol 67 and 165 Series
165-62 AMPHENOL-165-62 Datasheet
1Mb / 10P
   Miniaturized Standard Connectors
logo
Amphenol Industrial Pro...
67-06E AIO-67-06E Datasheet
1Mb / 10P
   Amphenol 67 Series “Minni E” environmental resistant cylindrical connectors
logo
Amphenol Corporation
LMD-4022-36LJ AMPHENOL-LMD-4022-36LJ Datasheet
2Mb / 12P
   Amphenol LMD and LMS Modular Connectors
MS3102E18-1S AMPHENOL-MS3102E18-1S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R28-21P AMPHENOL-MS3102R28-21P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102A14S-6S AMPHENOL-MS3102A14S-6S Datasheet
2Mb / 73P
   AMPHENOL MIL-DTL-5015 AND MIL-5015 TYPE STANDARD CYLINDRICAL CONNECTORS
MS3106E14S-2S AMPHENOL-MS3106E14S-2S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
217718 AMPHENOL-217718 Datasheet
2Mb / 38P
   Amphenol 97 Series Connectors
12-022-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com