Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDM-0808-005W-X5 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LDM-0808-005W-X5
Description  Solid-state Laser Pumping Medical Usage Target Designator Free-space Communication Infrared Light Sources
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LDM-0808-005W-X5 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LDM-0808-005W-X5 Datasheet HTML 1Page - Roithner LaserTechnik GmbH LDM-0808-005W-X5 Datasheet HTML 2Page - Roithner LaserTechnik GmbH LDM-0808-005W-X5 Datasheet HTML 3Page - Roithner LaserTechnik GmbH LDM-0808-005W-X5 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LDM-0808 Series
TECHNICAL DATA
C-mount / TO-3
High Power Infrared Laser Diode
Features
• CW Output Power: 0.3 W, 0.5 W, 1.0 W,
2.0 W, 3.0 W, 5.0 W
• Variety of Emitting Area
• High-efficiency Quantum Well Structure
• TO Package or C-Mount
Applications
• Solid-state Laser Pumping
• Medical Usage
• Target Designator
• Free-space Communication
• Infrared Light Sources
Specifications (25°C)
Type
LDM-0808-300m-x1
LDM-0808-500m-x2
LDM-0808-001W-x3
CW Output Power (W)
0.3
0.5
1.0
Peak Wavelength Δ (nm)
808±10
808±10
808±10
Spectral Width Δλ (nm)
≤2.5
≤2.5
≤2.5
Threshold Current (A)
≤0.10
≤0.13
≤0.26
Operation Current (A)
≤0.40
≤0.60
≤1.24
Operation Voltage (V)
≤2.0
≤2.0
≤2.0
Slope Efficiency (W/A)
≥1.0
≥1.0
≥1.0
Beam Divergence θ×θ(deg)
40x10
40x10
40x10
Wavelength Temperature
Coefficient (nm/°C)
0.3
0.3
0.3
Emitting Area (µm)
30x1
50x1
100x1
Series Resistance (Ω)
≤1.0
≤0.60
≤0.30
Polarization
TE
TE
TE
Package Style
9mm/TO3/C-Mount
9mm/TO3/C-Mount
TO3/C-Mount
Operating Temperature (°C)
10 … 40
10 … 40
10 … 40
Storage Temperature (°C)
-10 … 60
-10 … 60
-10 … 60
LDM-0808-002W-
Type
x5
x3
LDM-0808-003W-
x3
LDM-0808-005W-
x5
CW Output Power (W)
2.0
2.0
3.0
5.0
Peak Wavelength Δ (nm)
808±10
808±10
808±10
808±10
Spectral Width Δλ (nm)
≤2.5
≤2.5
≤2.5
≤2.5
Threshold Current (A)
≤0.50
≤0.45
≤0.55
≤0.75
Operation Current (A)
≤2.55
≤2.20
≤3.00
≤5.3
Operation Voltage (V)
≤2.0
≤2.1
≤2.1
≤2.1
Slope Efficiency (W/A)
≥1.0
≥1.1
≥1.1
≥1.1
Beam Divergence θ×θ(deg)
40x10
37x8
37x8
37x8
Wavelength Temperature
Coefficient (nm/°C)
0.3
0.3
0.3
0.3
Emitting Area (µm)
200x1
100x1
100x1
200x1
Series Resistance (Ω)
≤0.25
≤0.25
≤0.15
≤0.05
Polarization
TE
TM
TM
TM
Package Style
TO3/C-Mount TO3/C-Mount
TO3/C-Mount
TO3/C-Mount
Operating Temperature (°C)
10 … 40
10 … 40
10 … 40
10 … 40
Storage Temperature (°C)
-10 … 60
-10 … 60
-10 … 60
-10 … 60


Similar Part No. - LDM-0808-005W-X5

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LDM-0808-005W-x5 ROITHNER-LDM-0808-005W-x5 Datasheet
670Kb / 4P
   High Power Infrared Laser Diode
More results

Similar Description - LDM-0808-005W-X5

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LDM-0808-500M-92 ROITHNER-LDM-0808-500M-92 Datasheet
184Kb / 3P
   Solid-state Laser Pumping Medical Usage Target Designator Free-space Optical Communication
LDM-0980-CMOUNT-TO3 ROITHNER-LDM-0980-CMOUNT-TO3 Datasheet
202Kb / 3P
   Pumping Medical Usage Infrared Sources for Night Viewing Information Recognition
logo
Sensortechnics GmbH
LD80R4S-A SENSORTECHNICS-LD80R4S-A Datasheet
633Kb / 4P
   Solid State Laser Pumping
logo
Roithner LaserTechnik G...
PIL-1064 ROITHNER-PIL-1064 Datasheet
101Kb / 2P
   Infrared Solid State Laser Pointer
PIL-1342 ROITHNER-PIL-1342 Datasheet
101Kb / 2P
   Infrared Solid State Laser Pointer
RLTMRL-722 ROITHNER-RLTMRL-722 Datasheet
316Kb / 5P
   Infrared Diode Pumped Solid State Laser
LDS-1310-005-FW ROITHNER-LDS-1310-005-FW Datasheet
216Kb / 3P
   Optical Fiber Communication Free-space Optical Communication
ADL-80V03TL ROITHNER-ADL-80V03TL Datasheet
388Kb / 2P
   Pumping source for DPSS green laser Medical applications
ADL-80Y04TZ-1 ROITHNER-ADL-80Y04TZ-1 Datasheet
218Kb / 2P
   Pumping source for DPSS green laser Medical applications
RLTCO-1064-75W ROITHNER-RLTCO-1064-75W Datasheet
140Kb / 2P
   High Power Infrared Diode Pumped Solid State Laser
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com