Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

62GB50H Datasheet(PDF) 2 Page - Amphenol Corporation

Part # 62GB50H
Description  62 GB- Series Plugs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

62GB50H Datasheet(HTML) 2 Page - Amphenol Corporation

  62GB50H Datasheet HTML 1Page - Amphenol Corporation 62GB50H Datasheet HTML 2Page - Amphenol Corporation 62GB50H Datasheet HTML 3Page - Amphenol Corporation 62GB50H Datasheet HTML 4Page - Amphenol Corporation 62GB50H Datasheet HTML 5Page - Amphenol Corporation 62GB50H Datasheet HTML 6Page - Amphenol Corporation 62GB50H Datasheet HTML 7Page - Amphenol Corporation 62GB50H Datasheet HTML 8Page - Amphenol Corporation 62GB50H Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
62GB and
Pattern 608
New Planforms
Current:
(a)
Maximum current per individual contact (in isolation)* at ambient
temperature of 85°C
Contact size 12: 23 A
(b)
Maximum current per contact through all contacts simultaneously at
an ambient temperature of 85°C
Contact size 12: 20 A
Current:
(a)
Maximum current per
individual contact (in
isolation)* at ambient
temperature of 85°C
Contact size 8: 45 A
(b)
Maximum current per contact
through all contacts
simultaneously at an ambient
temperature of 85°C
Contact size 8: 40 A
Sea level
8500m (27,900ft)
21,340m (70,OOOft)
1013 mbar
320 mbar
44 mbar
Voltage rating
I
II
III
I
II
III
I
II
III
Working voltages **
700
1200
1500
550
650
800
330
380
450
(nominal)
d.c. or a.c. peak
Voltage proof
2100
3000
3000
1100
1300
1300
660
760
750
d.c. or a.c. peak
*
i.e. when only one contact per connector is electrically loaded.
1 mbar=102 N/m2=100 Pa
**
Establishment of electrical safety factors is the responsibility of the user


Similar Part No. - 62GB50H

ManufacturerPart #DatasheetDescription
logo
ETRI
62GP016DC13 ETRI-62GP016DC13 Datasheet
166Kb / 1P
   AC High Performance Fans
62GP016DC13 ETRI-62GP016DC13 Datasheet
169Kb / 1P
   AC High Performance Fans
62GP016DC13 ETRI-62GP016DC13_12 Datasheet
169Kb / 1P
   AC High Performance Fans
62GR116DC13 ETRI-62GR116DC13 Datasheet
174Kb / 1P
   AC High Performance Fans
62GR116DC13A ETRI-62GR116DC13A Datasheet
173Kb / 1P
   AC High Performance Fans
More results

Similar Description - 62GB50H

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
TT-201 SWITCH-TT-201 Datasheet
33Kb / 1P
   MINIATURE, DUMMY PLUGS, HOLE PLUGS
TT203 SWITCH-TT203 Datasheet
33Kb / 1P
   MINIATURE, DUMMY PLUGS, HOLE PLUGS
logo
Dubilier
DBCRJ45P88F DUBILIER-DBCRJ45P88F Datasheet
123Kb / 1P
   NETWORKING PLUGS MODULAR PLUGS - FLAT CABLE
logo
Amphenol Corporation
903-288P-52A AMPHENOL-903-288P-52A Datasheet
61Kb / 1P
   Plugs & Jacks
logo
3M Electronics
1100 3M-1100 Datasheet
303Kb / 2P
   1100 Series Disposable Ear Plugs
logo
Infineon Technologies A...
CY8C62X6 INFINEON-CY8C62X6 Datasheet
1Mb / 77P
   PSoC 62 MCU
06/22/2020 Revision J
logo
List of Unclassifed Man...
561-12BG09 ETC2-561-12BG09 Datasheet
188Kb / 2P
   Hole Plugs
561-299371 ETC2-561-299371 Datasheet
189Kb / 3P
   Hole Plugs
logo
Winchester Electronics ...
BD45000 WINCHESTER-BD45000 Datasheet
268Kb / 1P
   Modular Plugs
logo
Amphenol Corporation
031-3202 AMPHENOL-031-3202 Datasheet
53Kb / 1P
   Cable Plugs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com