Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

62GB57H Datasheet(PDF) 5 Page - Amphenol Corporation

Part # 62GB57H
Description  62 GB- Series Plugs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

62GB57H Datasheet(HTML) 5 Page - Amphenol Corporation

  62GB57H Datasheet HTML 1Page - Amphenol Corporation 62GB57H Datasheet HTML 2Page - Amphenol Corporation 62GB57H Datasheet HTML 3Page - Amphenol Corporation 62GB57H Datasheet HTML 4Page - Amphenol Corporation 62GB57H Datasheet HTML 5Page - Amphenol Corporation 62GB57H Datasheet HTML 6Page - Amphenol Corporation 62GB57H Datasheet HTML 7Page - Amphenol Corporation 62GB57H Datasheet HTML 8Page - Amphenol Corporation 62GB57H Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
Schedule of Tests
Required for Qualification
Approval
Tests
Visual Examination
Dimensions, outline mass(including
contacts) Compatability Gauging
procedure
Polarization
Engaging and separating force, connector
Contact Holding Force
Sealing (air pressure)
Sealing Hermetic
Contact Resistance
Housing (Shell) Continuity
Insulation Resistance
Voltage Proof
Soldering
Bumping
Vibration
Shock
Acceleration (Steady State)
Rapid Change of Temperature
Climatic Sequence
Flammability
Damp Heat (Steady State)
Brief Description
Engagement max: 0,90 Nm (8.0 lbf.in.) to
4,97 Nm (44 lbf.in.) according to shell size.
Separation min: 0,22 Nm (2.0 lbf.in.) to 1,58
Nm (14.0 lbf.in.) according to shell size.
0,21 N (0.047 lbf) min.size 20
0,56 N (0.126 lbf)min. size 16
Max leakage 28,53 uNm/s (1 cm3/h), 1
bar (14.5 p.s.i.) differential.
Hermetic receptacles have a max leak of 0.1 micron
cubic foot per hour (1 x 10-6Cm3/s)
5 milliohms max.
200 milliohms max. 5 milliohms max.
grounding spring styles.
5,000 Megaohms at 500 - 50 V d.c.
See page 7. Duration 1 minute
As BS 9520: 1974, Clause 1.2.6.6,
Method 2.
As BS 9520: 1974, Clause 1.2.6.1. 4,000
-10 bumps / 390m / s2 (40 gn).
As BS 9520: 1974, Clause 1.2.6.2.1. Procedure A. 10 Hz
to 5000 Hz, 0.75 mm / 10 gn.
As BS 9520: 1974, Clause 1.2.6.3. 981
m/s2 (100 g n).
As BS 9520: 1974, Clause 1.2.6.4. 490
m/s2 (50 gn).
As BS 9520: 1974, Clause 1.2.6.7. -550
C to - 1250 C.
As BS 9520: 1974, Clause 1.2.6.11.
Severity 55/125/56.
As BS 9520: 1974, Clause 1.2.6.8. Direct
flame applied, duration 1 minute.
As BS 9520: 1974, Clause 1.2.6.14.
Severity 56 days.


Similar Part No. - 62GB57H

ManufacturerPart #DatasheetDescription
logo
ETRI
62GP016DC13 ETRI-62GP016DC13 Datasheet
166Kb / 1P
   AC High Performance Fans
62GP016DC13 ETRI-62GP016DC13 Datasheet
169Kb / 1P
   AC High Performance Fans
62GP016DC13 ETRI-62GP016DC13_12 Datasheet
169Kb / 1P
   AC High Performance Fans
62GR116DC13 ETRI-62GR116DC13 Datasheet
174Kb / 1P
   AC High Performance Fans
62GR116DC13A ETRI-62GR116DC13A Datasheet
173Kb / 1P
   AC High Performance Fans
More results

Similar Description - 62GB57H

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
TT-201 SWITCH-TT-201 Datasheet
33Kb / 1P
   MINIATURE, DUMMY PLUGS, HOLE PLUGS
TT203 SWITCH-TT203 Datasheet
33Kb / 1P
   MINIATURE, DUMMY PLUGS, HOLE PLUGS
logo
Dubilier
DBCRJ45P88F DUBILIER-DBCRJ45P88F Datasheet
123Kb / 1P
   NETWORKING PLUGS MODULAR PLUGS - FLAT CABLE
logo
Amphenol Corporation
903-288P-52A AMPHENOL-903-288P-52A Datasheet
61Kb / 1P
   Plugs & Jacks
logo
3M Electronics
1100 3M-1100 Datasheet
303Kb / 2P
   1100 Series Disposable Ear Plugs
logo
Infineon Technologies A...
CY8C62X6 INFINEON-CY8C62X6 Datasheet
1Mb / 77P
   PSoC 62 MCU
06/22/2020 Revision J
logo
List of Unclassifed Man...
561-12BG09 ETC2-561-12BG09 Datasheet
188Kb / 2P
   Hole Plugs
561-299371 ETC2-561-299371 Datasheet
189Kb / 3P
   Hole Plugs
logo
Winchester Electronics ...
BD45000 WINCHESTER-BD45000 Datasheet
268Kb / 1P
   Modular Plugs
logo
Amphenol Corporation
031-3202 AMPHENOL-031-3202 Datasheet
53Kb / 1P
   Cable Plugs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com