Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80-190012-3H Datasheet(PDF) 7 Page - Amphenol Corporation

Part # 80-190012-3H
Description  Type Standard Cylindrical Connectors
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

80-190012-3H Datasheet(HTML) 7 Page - Amphenol Corporation

Back Button 80-190012-3H Datasheet HTML 3Page - Amphenol Corporation 80-190012-3H Datasheet HTML 4Page - Amphenol Corporation 80-190012-3H Datasheet HTML 5Page - Amphenol Corporation 80-190012-3H Datasheet HTML 6Page - Amphenol Corporation 80-190012-3H Datasheet HTML 7Page - Amphenol Corporation 80-190012-3H Datasheet HTML 8Page - Amphenol Corporation 80-190012-3H Datasheet HTML 9Page - Amphenol Corporation 80-190012-3H Datasheet HTML 10Page - Amphenol Corporation 80-190012-3H Datasheet HTML 11Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 73 page
background image
6
N
Z
A
Thread
B
L
V
Thread
Shell
Size
A
Thread
Class 2A
B
Min.
Full
Thread
L
±.030
N
Dia.
Max.
V
Thread
Class 2A
Z
±.040
8S
.5000-28UNEF
.406
1.390
.532
.5000-28UNEF
1.094
10S
.6250-24NEF
.406
1.468
.628
.5000-28UNEF
1.094
10SL
.6250-24NEF
.406
1.468
.755
.6250-24NEF
1.094
12S
.7500-20UNEF
.422
1.468
.755
.6250-24NEF
1.094
12
.7500-20UNEF
.656
1.843
.755
.6250-24NEF
1.532
14S
.8750-20UNEF
.391
1.468
.882
.7500-20UNEF
1.094
14
.8750-20UNEF
.625
1.843
.882
.7500-20UNEF
1.532
16S
1.0000-20UNEF
.391
1.468
1.010
.8750-20UNEF
1.094
16
1.0000-20UNEF
.625
1.843
1.010
.8750-20UNEF
1.532
18
1.1250-18NEF
.625
1.938
1.137
1.0000-20UNEF
1.532*
20
1.2500-18NEF
.625
1.844
1.264
1.1875-18NEF
1.532*
22
1.3750-18NEF
.625
1.938
1.392
1.1875-18NEF
1.532*
24
1.5000-18NEF
.625
1.969
1.519
1.4375-18NEF
1.532*
28
1.7500-18NS
.625
2.188
1.774
1.4375-18NEF
1.532*
32
2.0000-18NS
.625
2.157
1.996
1.7500-18NS
1.532*
36
2.2500-16UN
.625
2.219
2.251
2.0000-18NS
1.532*
40
2.5000-16UN
.625
2.188
2.506
2.2500-16UN
1.532*
44***
2.7500-16UN
.625
2.521
3.135
2.5000-16UN
1.782**
MS/Standard
MS3101A
cable connecting plug
To complete order number, see “how to order” pg. 70.
For solder well data, see page 67.
* Increase Z dimension by .312 for size “0” contact only.
** Increase Z dimension by .062 for size “0” contact only.
*** Available in proprietary version only.


Similar Part No. - 80-190012-3H

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
80-190012-3H AMPHENOL-80-190012-3H Datasheet
2Mb / 73P
   MS/Standard MS3106E/F straight plug
More results

Similar Description - 80-190012-3H

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS3102A14S-7S AMPHENOL-MS3102A14S-7S Datasheet
1Mb / 54P
   MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
12-020 AMPHENOL-12-020 Datasheet
2Mb / 73P
   MIL-DTL-5015 and Mil-5015 Type Standard Cylindrical Connectors
MS3102E18-1S AMPHENOL-MS3102E18-1S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R28-21P AMPHENOL-MS3102R28-21P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3101A24-10S AMPHENOL-MS3101A24-10S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 ahd MIL-5015 Type Standard Cylindrical Connectors
MS3102A14S-6S AMPHENOL-MS3102A14S-6S Datasheet
2Mb / 73P
   AMPHENOL MIL-DTL-5015 AND MIL-5015 TYPE STANDARD CYLINDRICAL CONNECTORS
MS3106E14S-2S AMPHENOL-MS3106E14S-2S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102A12S-3S AMPHENOL-MS3102A12S-3S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R20-27S AMPHENOL-MS3102R20-27S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3106A22-6S AMPHENOL-MS3106A22-6S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com