Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP01C-20-41SW003 Datasheet(PDF) 7 Page - Amphenol Corporation

Part # SP01C-20-41SW003
Description  Proprietary/MIL-C-26482, Series 1
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

SP01C-20-41SW003 Datasheet(HTML) 7 Page - Amphenol Corporation

  SP01C-20-41SW003 Datasheet HTML 1Page - Amphenol Corporation SP01C-20-41SW003 Datasheet HTML 2Page - Amphenol Corporation SP01C-20-41SW003 Datasheet HTML 3Page - Amphenol Corporation SP01C-20-41SW003 Datasheet HTML 4Page - Amphenol Corporation SP01C-20-41SW003 Datasheet HTML 5Page - Amphenol Corporation SP01C-20-41SW003 Datasheet HTML 6Page - Amphenol Corporation SP01C-20-41SW003 Datasheet HTML 7Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
58
A
B
A
B
C
A
B
C
D
A
C
B
A
C
B
A
D
C
B
E
A
F
E
D
C
B
A
F
E
DC
B
A
C
B
A
D
C
B
A
H
G
F
E
D
C
B
A
KJ
H
G
F
E
D
C
B
A
P
N
M
L
K
J
H
F
E
D
C
B
R
A
D
C
B
H
G
F
E
M
L
K
J
A
H
G
F
E
D
C
B
M
L
K
J
R
P
N
A
D
C
B
H
GF
E
M
L
K
JP
N
U
T
SR
A
D
C
B
H
G
F
E
M
L
K
J
T
S
R
P
N
U
V
Amphenol Miniature Cylindrical
insert arrangements
®
front face of pin inserts illustrated
Insert Arrangement
6-1
8-2
8-3
8-4
8-33
8-98
10-2
Service Rating
IIIIIII
Number of Contacts
1234332
Contact Size
20
20
20
20
20
20
16
Insert Arrangement
10-5
10-6
10-70
10-98
12-3
12-4
12-8
Service Rating
I
I
Coax
I
II
I
I
Number of Contacts
5616348
Contact Size
20
20
8 Coax
20
16
16
20
Insert Arrangement
12-10
12-14
12-98
14-2
14-4
14-5
14-8
Service Rating
I
I
I
IIIIII
Number of Contacts
10
14
10
2
4
5
6
2
Contact Size
20
20
20
12
12
16
20
12
Insert Arrangement
14-12
14-15
14-18
14-19
14-22
14-71
14-91HV
Service Rating
IIIIII
Number of Contacts
8
4
14
1
18
19
1
4
3
1
3
Contact Size
20
16
20
16
20
20
20
12
16
8 Coax
20
For contact legend see page 61.
A
D
C
B
E
D
A
C
B
A
C
B
A
D
B
C
Flashover
5,000 VAC (RMS)
BA
A
B
C
D
E
F
G
H
J
K
A
B
H
C
D
E
F
G
A
E
DC
B


Similar Part No. - SP01C-20-41SW003

ManufacturerPart #DatasheetDescription
logo
ABB
SP010 ABB-SP010 Datasheet
83Kb / 2P
   15MM SPIKE (BS970-080M40)
logo
List of Unclassifed Man...
SP0102BE3 ETC1-SP0102BE3 Datasheet
385Kb / 10P
   Zero Height SiSonicTM Microphone Specification
logo
Knowles Electronics
SP0102BE3 KNOWLES-SP0102BE3 Datasheet
885Kb / 10P
   Zero Height Surface Mount Silicon Microphone
logo
List of Unclassifed Man...
SP0102N ETC2-SP0102N Datasheet
261Kb / 4P
   surface mounted via standard solder reflow equipment
SP0102NC3-2 ETC2-SP0102NC3-2 Datasheet
261Kb / 4P
   surface mounted via standard solder reflow equipment
More results

Similar Description - SP01C-20-41SW003

ManufacturerPart #DatasheetDescription
logo
ITT Industries
1634325 ITT-1634325 Datasheet
191Kb / 1P
   MIL-C-26482 Series
logo
Amphenol Corporation
MS3116F-8-4P AMPHENOL-MS3116F-8-4P Datasheet
1Mb / 80P
   Meets MIL-C-26482, Series 1 Specifications
MB16A-1626P AMPHENOL-MB16A-1626P Datasheet
267Kb / 16P
   MIL-C-26482, Series 2 Connectors
logo
ITT Industries
PV76L16-26P ITT-PV76L16-26P Datasheet
539Kb / 10P
   MIL-C-26482, Series 2 Connectors
logo
Amphenol Corporation
MB16R-2295SW AMPHENOL-MB16R-2295SW Datasheet
267Kb / 16P
   MIL-C-26482, Series 2 Connectors
MS3470L12-10P AMPHENOL-MS3470L12-10P Datasheet
1Mb / 20P
   MIL-C-26482 Series 2 Connectors
logo
List of Unclassifed Man...
MIL-C-26482 ETC-MIL-C-26482 Datasheet
104Kb / 1P
   Miniature Cylindrical MIL-C-26482, Series 2
logo
Amphenol Corporation
MS3474W20-41P AMPHENOL-MS3474W20-41P Datasheet
1Mb / 20P
   AMPHENOL MIL-C-26482 SERIES 2 CONNECTORS
M39029 AMPHENOL-M39029 Datasheet
266Kb / 17P
   Amphenol /Matrix MIL-C-26482, Series 2 Connectors
logo
ITT Industries
045522-0001 ITT-045522-0001 Datasheet
36Kb / 1P
   MIL-DTL 26482 Series I & Mil Battery
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com