Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP01C-20-41SW003 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # SP01C-20-41SW003
Description  Proprietary/MIL-C-26482, Series 1
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

SP01C-20-41SW003 Datasheet(HTML) 1 Page - Amphenol Corporation

  SP01C-20-41SW003 Datasheet HTML 1Page - Amphenol Corporation SP01C-20-41SW003 Datasheet HTML 2Page - Amphenol Corporation SP01C-20-41SW003 Datasheet HTML 3Page - Amphenol Corporation SP01C-20-41SW003 Datasheet HTML 4Page - Amphenol Corporation SP01C-20-41SW003 Datasheet HTML 5Page - Amphenol Corporation SP01C-20-41SW003 Datasheet HTML 6Page - Amphenol Corporation SP01C-20-41SW003 Datasheet HTML 7Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
PT
MIL-C-26482, Series 1
Amphenol Miniature Cylindrical
Proprietary/MIL-C-26482, Series 1
PT-SE
MIL-C-26482, Series 1
SP
DESIGN CHARACTERISTICS
Medium size, widely used cylindrical
Operating voltage to 1,000 VAC (RMS) at sea level
Environment resistant
Quick positive three point bayonet lock coupling
system
Visual confirmation of complete coupling
Five key/keyway polarization
PT solder is UL Recognized under file #E115497,
Vol. 1, Section 5
CUSTOMER OPTIONS
Seven mounting styles provide optimum design
flexibility
Ten shell sizes 6 through 24
Solder or crimp front or rear release contacts
Size 20 through 12 contacts accept wire sizes 20
through 12 AWG
Various finishes provide protection in a wide variety of
corrosive and mechanical environments
- Availability of zinc cobalt* non-cadmium plating
Coaxial and thermocouple contact options
Hermetic seal (glass fused) receptacles
Double stub threaded coupling series available
Alternate positioning
Amphenol® Miniature Cylindrical connectors offer twice the
number of contacts in just half the size of a Standard connector.
These miniature connectors, are available in several series,
each with varying design characteristics and customer options
to meet cost considerations and provide maximum design flexi-
bility. Two of the Miniature Family series, MS/PT and MS/PT-SE,
are MS approved and qualified to MIL-C-26482, Series 1.
The Miniature family consists of three basic series: PT, SP and
PC. In all series, pin and socket contacts are machined from low
loss copper alloy and gold plated to eliminate contact corrosion
and provide an indefinite shelf life. All series incorporate closed
entry socket contacts. The PT, SP and PC series are provided
with factory installed solder contacts. Printed circuit board con-
tacts are available in the PT Series box mount and jam nut style
receptacles.
The PT, SP and PC series are also available with removable
crimp contacts incorporating either of two types of retention
systems. The suffix “SE” or “CE” refers to the type of retention
system employed. MS approved “SE” types utilize a spring
tower retention system, while the proprietary “CE” types utilize
a nylon wafer retention system to maintain contact position.
Hermetically sealed receptacles are available in the PT and PC
series.
Note:
Please refer to page 54 for a brief description of the Amphenol®/Matrix® MIL-C-
26482, Series 2 bayonet coupling connectors with crimp, rear insertable and
rear releasable contacts, and ask for catalog 12-071 for detailed information on
this series.
* For more information on zinc cobalt plating for connectors ask for Amphenol
Product Data Sheet #172.
®


Similar Part No. - SP01C-20-41SW003

ManufacturerPart #DatasheetDescription
logo
ABB
SP010 ABB-SP010 Datasheet
83Kb / 2P
   15MM SPIKE (BS970-080M40)
logo
List of Unclassifed Man...
SP0102BE3 ETC1-SP0102BE3 Datasheet
385Kb / 10P
   Zero Height SiSonicTM Microphone Specification
logo
Knowles Electronics
SP0102BE3 KNOWLES-SP0102BE3 Datasheet
885Kb / 10P
   Zero Height Surface Mount Silicon Microphone
logo
List of Unclassifed Man...
SP0102N ETC2-SP0102N Datasheet
261Kb / 4P
   surface mounted via standard solder reflow equipment
SP0102NC3-2 ETC2-SP0102NC3-2 Datasheet
261Kb / 4P
   surface mounted via standard solder reflow equipment
More results

Similar Description - SP01C-20-41SW003

ManufacturerPart #DatasheetDescription
logo
ITT Industries
1634325 ITT-1634325 Datasheet
191Kb / 1P
   MIL-C-26482 Series
logo
Amphenol Corporation
MS3116F-8-4P AMPHENOL-MS3116F-8-4P Datasheet
1Mb / 80P
   Meets MIL-C-26482, Series 1 Specifications
MB16A-1626P AMPHENOL-MB16A-1626P Datasheet
267Kb / 16P
   MIL-C-26482, Series 2 Connectors
logo
ITT Industries
PV76L16-26P ITT-PV76L16-26P Datasheet
539Kb / 10P
   MIL-C-26482, Series 2 Connectors
logo
Amphenol Corporation
MB16R-2295SW AMPHENOL-MB16R-2295SW Datasheet
267Kb / 16P
   MIL-C-26482, Series 2 Connectors
MS3470L12-10P AMPHENOL-MS3470L12-10P Datasheet
1Mb / 20P
   MIL-C-26482 Series 2 Connectors
logo
List of Unclassifed Man...
MIL-C-26482 ETC-MIL-C-26482 Datasheet
104Kb / 1P
   Miniature Cylindrical MIL-C-26482, Series 2
logo
Amphenol Corporation
MS3474W20-41P AMPHENOL-MS3474W20-41P Datasheet
1Mb / 20P
   AMPHENOL MIL-C-26482 SERIES 2 CONNECTORS
M39029 AMPHENOL-M39029 Datasheet
266Kb / 17P
   Amphenol /Matrix MIL-C-26482, Series 2 Connectors
logo
ITT Industries
045522-0001 ITT-045522-0001 Datasheet
36Kb / 1P
   MIL-DTL 26482 Series I & Mil Battery
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com