Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS3101C18-3SX Datasheet(PDF) 5 Page - Amphenol Corporation

Part # CS3101C18-3SX
Description  Amphenol MIL-DTL-5015 and MIL-5015
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CS3101C18-3SX Datasheet(HTML) 5 Page - Amphenol Corporation

  CS3101C18-3SX Datasheet HTML 1Page - Amphenol Corporation CS3101C18-3SX Datasheet HTML 2Page - Amphenol Corporation CS3101C18-3SX Datasheet HTML 3Page - Amphenol Corporation CS3101C18-3SX Datasheet HTML 4Page - Amphenol Corporation CS3101C18-3SX Datasheet HTML 5Page - Amphenol Corporation CS3101C18-3SX Datasheet HTML 6Page - Amphenol Corporation CS3101C18-3SX Datasheet HTML 7Page - Amphenol Corporation CS3101C18-3SX Datasheet HTML 8Page - Amphenol Corporation CS3101C18-3SX Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 73 page
background image
4
MS/Standard
MS-A and MS-C
MS-A and MS-C
MS-A and MS-C class connectors perform many of the
vital functions in powering, testing and ground support
systems. Class A applications include communications
equipment, computers and shipboard installations where
mechanical forces and physical parameters are not sub-
ject to extreme or rapid environmental changes.
Class C connectors are most frequently used on pressur-
ized bulkheads or pressure barriers at elevated altitudes
or maritime applications. Air leakage is limited to one
cubic inch per hour at a pressure differential of 30 lbs. per
square inch.
Shells:
Shell components are fabricated from high grade alumi-
num alloy. Electrically conductive cadmium plate finish
with an olive drab chromate after-treat offers corrosion
resistance.
Contacts:
Contacts are available in both solder and crimp versions.
Pins and sockets are machined from copper alloy with a
silver plated finish. Size 16 and 12 socket contacts incor-
porate a closed entry design. Refer to pages 49, 67 and
68 for additional contact information.
Inserts:
Inserts are resilient neoprene, offering high dielectric
strength, high arc resistance and resistance to vibration.
Proprietary design permits pressurization of either pin or
socket insert.
wall mounting receptacle
cable connecting plug
box mounting receptacle
straight plug
90 degree plug


Similar Part No. - CS3101C18-3SX

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
CS3101C18-5P-SR AMPHENOL-CS3101C18-5P-SR Datasheet
2Mb / 73P
   MS/Standard MS3106E/F straight plug
CS3101C18-5S-SR AMPHENOL-CS3101C18-5S-SR Datasheet
2Mb / 73P
   MS/Standard MS3106E/F straight plug
More results

Similar Description - CS3101C18-3SX

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MS3102A20-15P AMPHENOL-MS3102A20-15P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard
MS3456L10SL-3S AMPHENOL-MS3456L10SL-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3459L10SL-3S AMPHENOL-MS3459L10SL-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3456L12S-3S AMPHENOL-MS3456L12S-3S Datasheet
1,004Kb / 30P
   Amphenol MIL-DTL-5015, Matrix
MS3102A12S-3S AMPHENOL-MS3102A12S-3S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R20-27S AMPHENOL-MS3102R20-27S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3106A22-6S AMPHENOL-MS3106A22-6S Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R28-21PY AMPHENOL-MS3102R28-21PY Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3106F2222S AMPHENOL-MS3106F2222S Datasheet
1Mb / 53P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical Connectors
MS3102R14S-7P AMPHENOL-MS3102R14S-7P Datasheet
2Mb / 73P
   Amphenol MIL-DTL-5015 and MIL-5015 Type Standard Cylindrical COnnectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com