Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP01A-20-41SX003 Datasheet(PDF) 6 Page - Amphenol Corporation

Part # SP01A-20-41SX003
Description  Proprietary/MIL-C-26482, Series 1
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

SP01A-20-41SX003 Datasheet(HTML) 6 Page - Amphenol Corporation

  SP01A-20-41SX003 Datasheet HTML 1Page - Amphenol Corporation SP01A-20-41SX003 Datasheet HTML 2Page - Amphenol Corporation SP01A-20-41SX003 Datasheet HTML 3Page - Amphenol Corporation SP01A-20-41SX003 Datasheet HTML 4Page - Amphenol Corporation SP01A-20-41SX003 Datasheet HTML 5Page - Amphenol Corporation SP01A-20-41SX003 Datasheet HTML 6Page - Amphenol Corporation SP01A-20-41SX003 Datasheet HTML 7Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
18
PT, SP
To more easily illustrate ordering procedure, part number PT00A-20-
41PW(SR) is shown as follows:
PT
00
A
- 20 - 41
P
W
(SR)
1
2345678
See code below:
1. Connector Type
“PT”
designates standard olive drab, electrically conductive cad-
mium plated bayonet lock connector with solder contacts
“SP”
designates electrically non-conductive, hard anodic coated
bayonet lock connector with solder contacts and larger flange
and mounting holes for back panel mounting
“PTG” designates plug with grounding fingers
2. Shell Style
“00” designates wall mounting receptacle
“01” designates cable connecting receptacle**
“02” designates box mounting receptacle
“06” designates straight plug
“07” designates jam nut receptacle
“08” designates 90 degree plug cable support
“B”
designates thru bulkhead receptacle (pressurized)
“I”
designates solder mount receptacle (Hermetic only)
3. Service Classes
“A”
designates general duty back shell
“C”
designates pressurized receptacle
“E”
designates environmental resisting open wire seal with
grommet and nut
“J”
designates clamp assembly for moisture proofing multi-
jacketed cables, with strain relief
“P”
designates assembly with potting boot
“W”
designates clamp assembly for moisture proofing multi-
jacketed cables
“H”
designates hermetic* without interfacial seal
“Y”
designates hermetic* with interfacial seal
4. Shell Size
“20” designates shell size. Shell sizes 6 through 24 available.
5. Insert Arrangement
“20 - 41” designates insert arrangement. Refer to pages 56-61 for
insert availability.
6. Contacts
“P” designates pin contacts
“S” designates socket contacts
For ordering connectors with printed circuit board contacts, see pg. 12.
7. Insert Rotation
“W”, “X”, “Y”, “Z” designate that insert is rotated in its shell from “nor-
mal position. No letter required for normal (no rotation) position.
8. “SR” designates a strain relief clamp.
Indicate optional finishes as follows:
(003)
olive drab cadmium plate (standard on “PT”)
(005)
anodic coating - Alumilite® (standard on “SP”)
(014)
olive drab cadmium plate over nickel
(023)
electroless nickel
(024)
olive drab zinc cobalt plating
(025)
non-conductive black zinc cobalt plating
(027)
conductive black zinc cobalt plating
(424)
electroless nickel finish with strain relief
(466)
olive drab zinc cobalt plating with strain relief
(470)
non-conductive black zinc cobalt plating with strain relief
(476)
conductive black zinc cobalt plating with strain relief
(100)
Suffix added for flat eyelet pin contacts in hermetic versions
MS/PT
MIL-C-26482, Series 1
Part number MS3110E20-41PW is shown as follows:
MS
311
0
E
20 - 41
P
W
1
2345678
For Hermetic connectors part number MS3113H20Y41PW is shown as
follows:
MS
311
3
H
20 Y 41
P
W
1
234
5, 6
7
8
See code below:
1. “MS” designates Military Standard
2. Specification Number
“311” designates basic family number for MIL-C-26482, Series 1 sol-
der type
3. Shell Style
“0” designates wall mounting receptacle
“1” designates cable connecting receptacle**
“2” designates box mounting receptacle
“3” designates solder mount receptacle (hermetic only)
“4” designates jam nut receptacle
“6” designates straight plug
4. Service Class
“E” designates environmental resisting connector
“F” designates environmental resisting connectors with strain relief
“J” designates clamp assembly for moisture proofing multi-jacketed
cables, with strain relief
“P” designates potted type with potting boot
“H” designates hermetic
5. Shell Size
“20” designates shell size. Shell sizes 8 through 24 available.
6. Insert Arrangement
“20-41” designates arrangement. Refer to pages 56-61 for insert
availability.
Hermetic version
“20Y41” designates insert arrangement; specify “Y” for flat eyelet pin
contacts, or “C” for solder cup pin contacts
7. Contact Configuration
“P” designates pin contacts
“S” designates socket contacts
8. Insert Rotation
“W”, “X”, “Y”, “Z” designate that insert is rotated in its shell from “nor-
mal” position. No letter required for normal (no rotation) position.
* Hermetic connectors are supplied with tin plated shells.
**This connector style is sometimes referred to as a cable connecting “plug”.
It does, however, mate with either a straight or 90 degree plug.
PT, SP, MS/PT
how to order


Similar Part No. - SP01A-20-41SX003

ManufacturerPart #DatasheetDescription
logo
ABB
SP010 ABB-SP010 Datasheet
83Kb / 2P
   15MM SPIKE (BS970-080M40)
logo
List of Unclassifed Man...
SP0102BE3 ETC1-SP0102BE3 Datasheet
385Kb / 10P
   Zero Height SiSonicTM Microphone Specification
logo
Knowles Electronics
SP0102BE3 KNOWLES-SP0102BE3 Datasheet
885Kb / 10P
   Zero Height Surface Mount Silicon Microphone
logo
List of Unclassifed Man...
SP0102N ETC2-SP0102N Datasheet
261Kb / 4P
   surface mounted via standard solder reflow equipment
SP0102NC3-2 ETC2-SP0102NC3-2 Datasheet
261Kb / 4P
   surface mounted via standard solder reflow equipment
More results

Similar Description - SP01A-20-41SX003

ManufacturerPart #DatasheetDescription
logo
ITT Industries
1634325 ITT-1634325 Datasheet
191Kb / 1P
   MIL-C-26482 Series
logo
Amphenol Corporation
MS3116F-8-4P AMPHENOL-MS3116F-8-4P Datasheet
1Mb / 80P
   Meets MIL-C-26482, Series 1 Specifications
MB16A-1626P AMPHENOL-MB16A-1626P Datasheet
267Kb / 16P
   MIL-C-26482, Series 2 Connectors
logo
ITT Industries
PV76L16-26P ITT-PV76L16-26P Datasheet
539Kb / 10P
   MIL-C-26482, Series 2 Connectors
logo
Amphenol Corporation
MB16R-2295SW AMPHENOL-MB16R-2295SW Datasheet
267Kb / 16P
   MIL-C-26482, Series 2 Connectors
MS3470L12-10P AMPHENOL-MS3470L12-10P Datasheet
1Mb / 20P
   MIL-C-26482 Series 2 Connectors
logo
List of Unclassifed Man...
MIL-C-26482 ETC-MIL-C-26482 Datasheet
104Kb / 1P
   Miniature Cylindrical MIL-C-26482, Series 2
logo
Amphenol Corporation
MS3474W20-41P AMPHENOL-MS3474W20-41P Datasheet
1Mb / 20P
   AMPHENOL MIL-C-26482 SERIES 2 CONNECTORS
M39029 AMPHENOL-M39029 Datasheet
266Kb / 17P
   Amphenol /Matrix MIL-C-26482, Series 2 Connectors
logo
ITT Industries
045522-0001 ITT-045522-0001 Datasheet
36Kb / 1P
   MIL-DTL 26482 Series I & Mil Battery
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com