Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPF-8321-W-HB Datasheet(PDF) 1 Page - BOSER Technology Co., Ltd

Part # BPF-8321-W-HB
Description  21.5 Wide Temperature, Sunlight Readable Fanless Panel PC with Touch Screen
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

BPF-8321-W-HB Datasheet(HTML) 1 Page - BOSER Technology Co., Ltd

  BPF-8321-W-HB Datasheet HTML 1Page - BOSER Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
All specifications and photos are subject to change without notice. #201209
www.boser.com.tw
» Wide Range Operating Temp.: -30~60
oC
» Sunlight Readable
» Fanless, aluminum front panel design
» 21.5" TFT color panel display w/touch screen
» Intel® Atom™ D525/D510 processor
» VGA, Gigabit Ethernet, Audio port
» 2W Stereo Speaker
» 2 x 2.5" SATA HDD space, 1 x slim CD-ROM space
» 1 x CF, 1 x mini PCI, 1 x mini PCIe socket
» 4 x COM port, 6 x USB2.0 port, parallel port
» 12V DC IN
» Option for Wireless LAN module
LCD
- Size: 21.5"
- Max. Resolution: 1920 x 1080 pixels
- Brightness: 1000 cd/m²
- Max. Color: 16.7M colors/6-bits
- Pixel Pitch: 248.25 x 248.25 um
Touch Screen
- 21.5" resistive
SBC
- HS-8603
CPU
- Intel® Atom™ D525/D510 processor 1.8/1.6GHz
System Chipset
- Intel® Pineview/ICH8-M
System Memory
- 2 x 200-pin SO-DIMM, DDR2 800/667MHz, Max. 4GB
Display Interface:
- 1 x D-SUB 15-pin
Audio Interface
- Audio jack for MIC In, Line Out
- 2W Amplifier with Stereo Speaker
Ethernet Interface
- 1 x RJ-45 for Gigabit Ethernet
- 1 x mini PCI wireless LAN module (option)
Storage
- 2 x 2.5” SATA HDD space
- 1 x Slim CD-ROM space
- 1 x Type II CF socket
Expansion Interface
- 1 x Type III mini PCI socket
- 1 x mini PCIe socket
Watchdog Timer
- Software programmable, 1~255 sec. or 1~255 min.
H/W Status Monitor
- Monitoring temperatures, voltages status
Power
- 12V 150W DC adapter with lockable jack
- +12V DC IN (terminal block)
Operating/Storage Temperature
- -30~60°C/-30~+70°C
Certification
- FCC/CE Class A compliance
- IP65 front panel protection compliance
Dimensions
- 57.0(L) x 36.0(H) x 6.4(W) cm
Cut Out Size
- 53.4(L) x 32.4(H) cm
21.5” Wide Temperature, Sunlight Readable Fanless Panel PC with Touch Screen, Atom™ D525/D510,
2W Stereo Speaker, 4 COM, 6 USB, 12V DC IN
BPF-8321-W-HB/D525
21.5” Wide Temperature, Sunlight Readable Panel PC
w/Touch Screen, Atom™ 1.8GHz CPU, 2W Stereo
Speaker, 4 COM, 6 USB, 12V DC Adapter
BPF-8321-W-HB/D510
21.5” Wide Temperature, Sunlight Readable Panel PC
w/Touch Screen, Atom™ 1.6GHz CPU, 2W Stereo
Speaker, 4 COM, 6 USB, 12V DC Adapter
Accessory Options
Table Top Metal Stand, Memory Module, CF Module,
Wireless LAN Module, 2.5” SATA HDD, Slim CD-ROM
BPF-8321-W-HB
System
Dimensions (unit:cm)
Ordering Information
Features
57.0
53.0
10.0
0.6
2.1
3.7


Similar Part No. - BPF-8321-W-HB

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
BPF-8321-X-HB BOSER-BPF-8321-X-HB Datasheet
100Kb / 1P
   21.5 Wide Temperature, Sunlight Readable Fanless Panel PC with Touch Screen
More results

Similar Description - BPF-8321-W-HB

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
BPF-8321-X-HB BOSER-BPF-8321-X-HB Datasheet
100Kb / 1P
   21.5 Wide Temperature, Sunlight Readable Fanless Panel PC with Touch Screen
BPF-8315-W BOSER-BPF-8315-W Datasheet
65Kb / 1P
   15 Wide Temperature Fanless Panel PC with P-CAP Touch Screen, Atom D525
logo
Advantech Co., Ltd.
PPC-4211W ADVANTECH-PPC-4211W_15 Datasheet
518Kb / 2P
   21.5" Fanless Wide Screen Panel PC with Intel Core i5 Celeron Processor
logo
Axiomtek Co., Ltd.
GOT812LR-834 AXIOMTEK-GOT812LR-834 Datasheet
528Kb / 2P
   12.1 XGA TFT IP66-rated Sunlight Readable Fanless Touch Panel Computer
logo
GSR Technology Ltd
GSR-102PW GSR-GSR-102PW Datasheet
523Kb / 2P
   10.1??Wide Screen Fanless Multi-touch Panel PC with Intel짰 Celeron짰 J1900 Processor
GSR-72PW GSR-GSR-72PW Datasheet
537Kb / 3P
   7 Wide Screen Fanless Multi-touch Panel PC with Intel짰 Celeron짰 J1900 Processor
logo
BOSER Technology Co., L...
BPF-3317-Z BOSER-BPF-3317-Z Datasheet
304Kb / 1P
   17 Fanless Panel PC with Touch Screen, Atom N270, 2W Stereo Speaker
BPF-3312-Z BOSER-BPF-3312-Z Datasheet
360Kb / 1P
   12.1 Fanless Panel PC with Touch Screen, Atom N270, 2W Stereo Speaker
BPF-3319-Z BOSER-BPF-3319-Z Datasheet
301Kb / 1P
   19 Fanless Panel PC with Touch Screen, Atom N270, 2W Stereo Speaker
BPF-3217-Y BOSER-BPF-3217-Y Datasheet
733Kb / 1P
   17 Fanless Panel PC with Touch Screen, V4 Eden, 2W Stereo Speaker
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com