Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74C928N Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MM74C928N
Description  4-Digit Counters with Multiplexed
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74C928N Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MM74C928N Datasheet HTML 1Page - Fairchild Semiconductor MM74C928N Datasheet HTML 2Page - Fairchild Semiconductor MM74C928N Datasheet HTML 3Page - Fairchild Semiconductor MM74C928N Datasheet HTML 4Page - Fairchild Semiconductor MM74C928N Datasheet HTML 5Page - Fairchild Semiconductor MM74C928N Datasheet HTML 6Page - Fairchild Semiconductor MM74C928N Datasheet HTML 7Page - Fairchild Semiconductor MM74C928N Datasheet HTML 8Page - Fairchild Semiconductor MM74C928N Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
October 1987
Revised January 1999
© 1999 Fairchild Semiconductor Corporation
DS005919.prf
www.fairchildsemi.com
MM74C925 • MM74C926 • MM74C927 • MM74C928
4-Digit Counters with Multiplexed
7-Segment Output Drivers
General Description
The MM74C925, MM74C926, MM74C927 and MM74C928
CMOS counters consist of a 4-digit counter, an internal out-
put latch, NPN output sourcing drivers for a 7-segment dis-
play, and an internal multiplexing circuitry with four
multiplexing outputs. The multiplexing circuit has its own
free-running oscillator, and requires no external clock. The
counters advance on negative edge of clock. A HIGH sig-
nal on the Reset input will reset the counter to zero, and
reset the carry-out LOW. A LOW signal on the Latch
Enable input will latch the number in the counters into the
internal output latches. A HIGH signal on Display Select
input will select the number in the counter to be displayed;
a LOW level signal on the Display Select will select the
number in the output latch to be displayed.
The MM74C925 is a 4-decade counter and has Latch
Enable, Clock and Reset inputs.
The MM74C926 is like the MM74C925 except that it has a
display select and a carry-out used for cascading counters.
The carry-out signal goes HIGH at 6000, goes back LOW
at 0000.
The MM74C927 is like the MM74C926 except the second
most significant digit divides by 6 rather than 10. Thus, if
the clock input frequency is 10 Hz, the display would read
tenths of seconds and minutes (i.e., 9:59.9).
The MM74C928 is like the MM74C926 except the most sig-
nificant digit divides by 2 rather than 10 and the carry-out is
an overflow indicator which is HIGH at 2000, and it goes
back LOW only when the counter is reset. Thus, this is a
3½-digit counter.
Features
s Wide supply voltage range:
3V to 6V
s Guaranteed noise margin: 1V
s High noise immunity: 0.45 VCC (typ.)
s High segment sourcing current: 40 mA
@ VCC − 1.6V, VCC = 5V
s Internal multiplexing circuitry
Design Considerations
Segment resistors are desirable to minimize power dissipa-
tion and chip heating. The DS75492 serves as a good digit
driver when it is desired to drive bright displays. When
using this driver with a 5V supply at room temperature, the
display can be driven without segment resistors to full illu-
mination. The user must use caution in this mode however,
to prevent overheating of the device by using too high a
supply voltage or by operating at high ambient tempera-
tures.
The input protection circuitry consists of a series resistor,
and a diode to ground. Thus input signals exceeding VCC
will not be clamped. This input signal should not be allowed
to exceed 15V.
Ordering Code:
Order Number
Package Number
Package Description
MM74C925N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
MM74C926N
N18A
18-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
MM74C927N
N18A
18-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
MM74C928N
N18A
18-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide


Similar Part No. - MM74C928N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74C928 NSC-MM74C928 Datasheet
204Kb / 8P
   4-Digit Counters with Multiplexed 7-Segment Output Drivers
More results

Similar Description - MM74C928N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C925 FAIRCHILD-MM74C925_04 Datasheet
103Kb / 8P
   4-Digit Counters with Multiplexed
logo
Micro Electronics
MMC22926 MICRO-ELECTRONICS-MMC22926 Datasheet
157Kb / 5P
   4 DIGIT COUNTERS WITH MULTIPLEXED 7 SEGMENT OUTPUT DRIVERS
logo
National Semiconductor ...
MM74C925 NSC-MM74C925 Datasheet
204Kb / 8P
   4-Digit Counters with Multiplexed 7-Segment Output Drivers
ADD3701 NSC-ADD3701 Datasheet
297Kb / 10P
   3 3/4 DIGIT DVM WITH MULTIPLEXED 7-SEGMENT OUTPUT
logo
Texas Instruments
SN74LS693 TI-SN74LS693 Datasheet
532Kb / 11P
[Old version datasheet]   SYNCHRONOUS COUNTERS WITH OUTPUT REGISTERS AND MULTIPLEXED 3-STATE OUTPUTS
SN54LS696 TI1-SN54LS696_09 Datasheet
487Kb / 13P
[Old version datasheet]   SYNCHRONOUS UP/DOWN COUNTERS WITH OUTPUT REGISTERS AMD MULTIPLEXED 3-STATE OUTPUTS
logo
Maxim Integrated Produc...
ICL7135 MAXIM-ICL7135 Datasheet
624Kb / 12P
   4쩍 Digit A/D Converter with Multiplexed BCD Outputs
19-5041; Rev 0; 1987
logo
Texas Instruments
SN54LS696 TI-SN54LS696 Datasheet
274Kb / 11P
[Old version datasheet]   SYNCHRONOUS UP/DOWN COUNTERS WITH OUTPUT REGISTERS AMD MULTIPLEXED 3-STATE OUTPUTS
SN74LS698 TI-SN74LS698 Datasheet
565Kb / 10P
[Old version datasheet]   SYNCHRONOUS UP/DOWN COUNTERS WITH OUTPUT REGISTERS AND MULTIPLEXED 3-STATE OUTPUTS
logo
National Semiconductor ...
ADD3501 NSC-ADD3501 Datasheet
276Kb / 9P
   3 1/2 DIGIT DVM WITH MULTIPLEXED 7-SEGMENT OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com