Electronic Components Datasheet Search |
|
C1608C0G1H100C080AA Datasheet(PDF) 3 Page - TDK Electronics |
|
C1608C0G1H100C080AA Datasheet(HTML) 3 Page - TDK Electronics |
3 / 55 page •Allspecificationsaresubjecttochangewithoutnotice. Type: C0402 [EIA CC01005], C0603 [EIA CC0201], C1005 [EIA CC0402], C1608 [EIA CC0603], C2012 [EIA CC0805], C3216 [EIA CC1206], C3225 [EIA CC1210], C4532 [EIA CC1812], C5750 [EIA CC2220] Version A13 • General electronic equipment • Mobile communication equipment • Power supply circuit • Office automation equipment • TV, LED displays • Servers, PCs, Notebooks, Tablets Features Applications C Series General (Up to 50V) L Body Length W Body Width T Body Height B Terminal Width G Terminal Spacing Shape & Dimensions Series Name Dimensions L x W (mm) Temperature Characteristics Rated Voltage (DC) Nominal Capacitance (pF) Capacitance Tolerance Packaging Style Nominal Thickness Code Length Width Terminal C0402 0.40 ± 0.02 0.20 ± 0.02 0.07 min. C0603 0.60 ± 0.03 0.30 ± 0.03 0.10 min. C1005 1.00 ± 0.05 0.50 ± 0.05 0.10 min. C1608 1.60 ± 0.10 0.80 ± 0.10 0.20 min. C2012 2.00 ± 0.20 1.25 ± 0.20 0.20 min. C3216 3.20 ± 0.20 1.60 ± 0.20 0.20 min. C3225 3.20 ± 0.40 2.50 ± 0.30 0.20 min. C4532 4.50 ± 0.40 3.20 ± 0.40 0.20 min. C5750 5.70 ± 0.40 5.00 ± 0.40 0.20 min. *Dimension tolerance are typical values Code Tolerance B ± 0.10pF C ± 0.25pF D ± 0.50pF F ± 1% G ± 2% J ± 5% K ± 10% M ± 20% Code Style A 178” Reel, 4mm Pitch B 178” Reel, 2mm Pitch K 178” Reel, 8mm Pitch Temperature Characteristics Capacitance Change Temperature Range CH 0±60 ppm/°C -25 to +85°C C0G 0±30 ppm/°C -55 to +125°C JB ±10% -25 to +85°C X5R ±15% -55 to +85°C X6S ±22% -55 to +105°C X7R ±15% -55 to +125°C X7S ±22% -55 to +125°C Part Number Construction C • 3225 • X7R • 1H • 106 • M • 250 • A • C Code Thickness 020 0.20 mm 030 0.30 mm 050 0.50 mm 060 0.60 mm 080 0.80 mm 085 0.85 mm 115 1.15 mm 125 1.25 mm Special Reserved Code Code Description A, B, C TDK Internal Code Code Voltage (DC) 0G 4V 0J 6.3V 1A 10V 1C 16V 1E 25V 1V 35V 1H 50V Code Thickness 130 1.30 mm 160 1.60 mm 200 2.00 mm 230 2.30 mm 250 2.50 mm 280 2.80 mm 320 3.20 mm • High capacitance has been achieved through precision technologies that enable the use of multiple thinner ceramic dielectric layers. • A monolithic structure ensures superior mechanical strength and reliability. • Low ESL and excellent frequency characteristics allow for a circuit design that closely conforms to theoretical values. • Low self-heating and high ripple resistance due to low ESR. The capacitance is expressed in three digit codes and in units of pico Farads (pF). The first and second digits identify the first and second significant figures of the capacitance. The third digit identifies the multiplier. R designates a decimal point. Ex. 0R2 = 0.2pF; 103 = 10,000pF; 105 = 1,000,000pF = 1,000nF = 1μF Page 2 MULTILAYER CERAMIC CHIP CAPACITORS 003-02 / 20130710 / mlcc_commercial_general_en |
Similar Part No. - C1608C0G1H100C080AA |
|
Similar Description - C1608C0G1H100C080AA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |