Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74C926 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74C926
Description  4-Digit Counters with Multiplexed
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74C926 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74C926 Datasheet HTML 1Page - Fairchild Semiconductor 74C926 Datasheet HTML 2Page - Fairchild Semiconductor 74C926 Datasheet HTML 3Page - Fairchild Semiconductor 74C926 Datasheet HTML 4Page - Fairchild Semiconductor 74C926 Datasheet HTML 5Page - Fairchild Semiconductor 74C926 Datasheet HTML 6Page - Fairchild Semiconductor 74C926 Datasheet HTML 7Page - Fairchild Semiconductor 74C926 Datasheet HTML 8Page - Fairchild Semiconductor 74C926 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.fairchildsemi.com
2
Connection Diagrams
Pin Assignments for DIP
Top View
MM74C925
Top View
MM74C926, MM74C927, MM74C928
Functional Description
Reset
— Asynchronous, active high
Display Select — High, displays output of counter
Low, displays output of latch
Latch Enable — High, flow through condition
Low, latch condition
Clock
—Negative edge sensitive
Segment Output — Current sourcing with 40 mA @VOUT =
VCC − 1.6V (typ.) Also, sink capability = 2
LTTL loads
Digit Output — Current sourcing with 1 mA @VOUT =
1.75V. Also, sink capability
= 2 LTTL loads
Carry-Out
— 2 LTTL loads. See carry-out waveforms.
Logic Diagrams
MM74C925


Similar Part No. - 74C926

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74C922 NSC-74C922 Datasheet
218Kb / 10P
   16, 20-Key Encoder
logo
Fairchild Semiconductor
74C922 FAIRCHILD-74C922 Datasheet
114Kb / 10P
   16-Key Encoder 20-Key Encoder
logo
ABCircuits
74C922-SO ABCIRCUITS-74C922-SO Datasheet
122Kb / 5P
   Keyboard / Keypad Encoder for up to 16 switches
December 2012
logo
National Semiconductor ...
74C923 NSC-74C923 Datasheet
218Kb / 10P
   16, 20-Key Encoder
logo
Fairchild Semiconductor
74C923 FAIRCHILD-74C923 Datasheet
114Kb / 10P
   16-Key Encoder 20-Key Encoder
More results

Similar Description - 74C926

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C925 FAIRCHILD-MM74C925_04 Datasheet
103Kb / 8P
   4-Digit Counters with Multiplexed
logo
Micro Electronics
MMC22926 MICRO-ELECTRONICS-MMC22926 Datasheet
157Kb / 5P
   4 DIGIT COUNTERS WITH MULTIPLEXED 7 SEGMENT OUTPUT DRIVERS
logo
National Semiconductor ...
MM74C925 NSC-MM74C925 Datasheet
204Kb / 8P
   4-Digit Counters with Multiplexed 7-Segment Output Drivers
ADD3701 NSC-ADD3701 Datasheet
297Kb / 10P
   3 3/4 DIGIT DVM WITH MULTIPLEXED 7-SEGMENT OUTPUT
logo
Texas Instruments
SN74LS693 TI-SN74LS693 Datasheet
532Kb / 11P
[Old version datasheet]   SYNCHRONOUS COUNTERS WITH OUTPUT REGISTERS AND MULTIPLEXED 3-STATE OUTPUTS
SN54LS696 TI1-SN54LS696_09 Datasheet
487Kb / 13P
[Old version datasheet]   SYNCHRONOUS UP/DOWN COUNTERS WITH OUTPUT REGISTERS AMD MULTIPLEXED 3-STATE OUTPUTS
logo
Maxim Integrated Produc...
ICL7135 MAXIM-ICL7135 Datasheet
624Kb / 12P
   4쩍 Digit A/D Converter with Multiplexed BCD Outputs
19-5041; Rev 0; 1987
logo
Texas Instruments
SN54LS696 TI-SN54LS696 Datasheet
274Kb / 11P
[Old version datasheet]   SYNCHRONOUS UP/DOWN COUNTERS WITH OUTPUT REGISTERS AMD MULTIPLEXED 3-STATE OUTPUTS
SN74LS698 TI-SN74LS698 Datasheet
565Kb / 10P
[Old version datasheet]   SYNCHRONOUS UP/DOWN COUNTERS WITH OUTPUT REGISTERS AND MULTIPLEXED 3-STATE OUTPUTS
logo
National Semiconductor ...
ADD3501 NSC-ADD3501 Datasheet
276Kb / 9P
   3 1/2 DIGIT DVM WITH MULTIPLEXED 7-SEGMENT OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com