Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3216C0G2J101K Datasheet(PDF) 5 Page - TDK Electronics

Part # C3216C0G2J101K
Description  Multilayer Ceramic Chip Capacitors General use(Mid voltage)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C3216C0G2J101K Datasheet(HTML) 5 Page - TDK Electronics

  C3216C0G2J101K Datasheet HTML 1Page - TDK Electronics C3216C0G2J101K Datasheet HTML 2Page - TDK Electronics C3216C0G2J101K Datasheet HTML 3Page - TDK Electronics C3216C0G2J101K Datasheet HTML 4Page - TDK Electronics C3216C0G2J101K Datasheet HTML 5Page - TDK Electronics C3216C0G2J101K Datasheet HTML 6Page - TDK Electronics C3216C0G2J101K Datasheet HTML 7Page - TDK Electronics C3216C0G2J101K Datasheet HTML 8Page - TDK Electronics C3216C0G2J101K Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
(4/17)
002-01 / 20110816 / e413_c.fm
• All specifications are subject to change without notice.
Please read the precautions before using this catalog.
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
• For more information about the products of other capacitance or data, please contact us.
CAPACITANCE RANGES: CLASS 1 (TEMPERATURE COMPENSATION)
TEMPERATURE CHARACTERISTIC: C0G(0±30ppm/°C)
Capacitance
Dimension
L
×W
Thickness
T(mm)
Capacitance
tolerance
Part No.
Rated voltage Edc: 630V
Rated voltage Edc: 450V
Rated voltage Edc: 250V
Rated voltage Edc: 100V
100pF
1608
0.80±0.10
±5%
C1608C0G2E101J(080AA)
C1608C0G2A101J(080AA)
±10%
C1608C0G2E101K(080AA)
C1608C0G2A101K(080AA)
3216
0.60±0.10
±5%
C3216C0G2J101J(060AA)
±10%
C3216C0G2J101K(060AA)
120pF
1608
0.80±0.10
±5%
C1608C0G2E121J(080AA)
C1608C0G2A121J(080AA)
±10%
C1608C0G2E121K(080AA)
C1608C0G2A121K(080AA)
3216
0.60±0.10
±5%
C3216C0G2J121J(060AA)
±10%
C3216C0G2J121K(060AA)
150pF
1608
0.80±0.10
±5%
C1608C0G2E151J(080AA)
C1608C0G2A151J(080AA)
±10%
C1608C0G2E151K(080AA)
C1608C0G2A151K(080AA)
3216
0.60±0.10
±5%
C3216C0G2J151J(060AA)
±10%
C3216C0G2J151K(060AA)
180pF
1608
0.80±0.10
±5%
C1608C0G2E181J(080AA)
C1608C0G2A181J(080AA)
±10%
C1608C0G2E181K(080AA)
C1608C0G2A181K(080AA)
3216
0.60±0.10
±5%
C3216C0G2J181J(060AA)
±10%
C3216C0G2J181K(060AA)
220pF
1608
0.80±0.10
±5%
C1608C0G2E221J(080AA)
C1608C0G2A221J(080AA)
±10%
C1608C0G2E221K(080AA)
C1608C0G2A221K(080AA)
3216
0.60±0.10
±5%
C3216C0G2J221J(060AA)
±10%
C3216C0G2J221K(060AA)
270pF
1608
0.80±0.10
±5%
C1608C0G2E271J(080AA)
C1608C0G2A271J(080AA)
±10%
C1608C0G2E271K(080AA)
C1608C0G2A271K(080AA)
3216
0.60±0.10
±5%
C3216C0G2J271J(060AA)
±10%
C3216C0G2J271K(060AA)
330pF
1608
0.80±0.10
±5%
C1608C0G2E331J(080AA)
C1608C0G2A331J(080AA)
±10%
C1608C0G2E331K(080AA)
C1608C0G2A331K(080AA)
3216
0.60±0.10
±5%
C3216C0G2J331J(060AA)
±10%
C3216C0G2J331K(060AA)
390pF
1608
0.80±0.10
±5%
C1608C0G2E391J(080AA)
C1608C0G2A391J(080AA)
±10%
C1608C0G2E391K(080AA)
C1608C0G2A391K(080AA)
3216
0.60±0.10
±5%
C3216C0G2J391J(060AA)
±10%
C3216C0G2J391K(060AA)
470pF
1608
0.80±0.10
±5%
C1608C0G2E471J(080AA)
C1608C0G2A471J(080AA)
±10%
C1608C0G2E471K(080AA)
C1608C0G2A471K(080AA)
3216
0.85±0.10
±5%
C3216C0G2J471J(085AA)
±10%
C3216C0G2J471K(085AA)
560pF
1608
0.80±0.10
±5%
C1608C0G2E561J(080AA)
C1608C0G2A561J(080AA)
±10%
C1608C0G2E561K(080AA)
C1608C0G2A561K(080AA)
3216
0.85±0.10
±5%
C3216C0G2J561J(085AA)
±10%
C3216C0G2J561K(085AA)
680pF
1608
0.80±0.10
±5%
C1608C0G2E681J(080AA)
C1608C0G2A681J(080AA)
±10%
C1608C0G2E681K(080AA)
C1608C0G2A681K(080AA)
3216
0.85±0.10
±5%
C3216C0G2J681J(085AA)
±10%
C3216C0G2J681K(085AA)
820pF
1608
0.80±0.10
±5%
C1608C0G2A821J(080AA)
±10%
C1608C0G2A821K(080AA)
2012
0.60±0.10
±5%
C2012C0G2E821J(060AA)
±10%
C2012C0G2E821K(060AA)
3216
0.85±0.10
±5%
C3216C0G2J821J(085AA)
±10%
C3216C0G2J821K(085AA)
1nF
1608
0.80±0.10
±5%
C1608C0G2A102J(080AA)
±10%
C1608C0G2A102K(080AA)
2012
0.85±0.10
±5%
C2012C0G2E102J(085AA)
±10%
C2012C0G2E102K(085AA)
3216
0.85±0.10
±5%
C3216C0G2J102J(085AA)
±10%
C3216C0G2J102K(085AA)
1.2nF
1608
0.80±0.10
±5%
C1608C0G2A122J(080AA)
±10%
C1608C0G2A122K(080AA)
2012
0.85±0.10
±5%
C2012C0G2E122J(085AA)
±10%
C2012C0G2E122K(085AA)
3216
0.85±0.10
±5%
C3216C0G2J122J(085AA)
±10%
C3216C0G2J122K(085AA)
1.5nF
2012
0.60±0.10
±5%
C2012C0G2A152J(060AA)
±10%
C2012C0G2A152K(060AA)
0.85±0.10
±5%
C2012C0G2E152J(085AA)
±10%
C2012C0G2E152K(085AA)
3216
1.15±0.10
±5%
C3216C0G2J152J(115AA)
±10%
C3216C0G2J152K(115AA)


Similar Part No. - C3216C0G2J101K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3216C0G2J101K TDK-C3216C0G2J101K Datasheet
250Kb / 8P
   Ceramic Capacitors For Mid Voltage SMD
C3216C0G2J101K060AA TDK-C3216C0G2J101K060AA Datasheet
1Mb / 28P
   C Series Commercial Grade Mid Voltage (100 to 630V)
C3216C0G2J101K060AA TDK-C3216C0G2J101K060AA Datasheet
1Mb / 31P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216C0G2J101K060AA TDK-C3216C0G2J101K060AA_16 Datasheet
131Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C3216C0G2J101K060AA TDK-C3216C0G2J101K060AA_17 Datasheet
185Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C3216C0G2J101K

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3225C0G2J682J200AA TDK-C3225C0G2J682J200AA Datasheet
124Kb / 18P
   Multilayer Ceramic Chip Capacitors General use(Mid voltage)
C3216X5R1A475K TDK-C3216X5R1A475K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
C3216X7R1E475K TDK-C3216X7R1E475K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
C3216X7R1C474K TDK-C3216X7R1C474K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
CGA2B3X7R1E104K050BB TDK-CGA2B3X7R1E104K050BB Datasheet
73Kb / 8P
   Multilayer Ceramic Chip Capacitors For automobile(General use)
CK45-B3AD101KYNA TDK-CK45-B3AD101KYNA Datasheet
85Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead General use
logo
YAGEO Corporation
CC1206JRNPOABN221 YAGEO-CC1206JRNPOABN221 Datasheet
899Kb / 23P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS Mid-voltage
logo
Murata Manufacturing Co...
C02E MURATA1-C02E_V01 Datasheet
4Mb / 89P
   Chip Multilayer Ceramic Capacitors for General
Nov.27,2017
logo
TDK Electronics
CK45-R3DD102K-NR TDK-CK45-R3DD102K-NR Datasheet
84Kb / 4P
   Mid-high Voltage Ceramic Capacitors
CC45SL3JD150JYNN TDK-CC45SL3JD150JYNN Datasheet
92Kb / 5P
   Mid-high Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com