Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3216C0G2J121J Datasheet(PDF) 3 Page - TDK Electronics

Part # C3216C0G2J121J
Description  Multilayer Ceramic Chip Capacitors General use(Mid voltage)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C3216C0G2J121J Datasheet(HTML) 3 Page - TDK Electronics

  C3216C0G2J121J Datasheet HTML 1Page - TDK Electronics C3216C0G2J121J Datasheet HTML 2Page - TDK Electronics C3216C0G2J121J Datasheet HTML 3Page - TDK Electronics C3216C0G2J121J Datasheet HTML 4Page - TDK Electronics C3216C0G2J121J Datasheet HTML 5Page - TDK Electronics C3216C0G2J121J Datasheet HTML 6Page - TDK Electronics C3216C0G2J121J Datasheet HTML 7Page - TDK Electronics C3216C0G2J121J Datasheet HTML 8Page - TDK Electronics C3216C0G2J121J Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
(2/17)
002-01 / 20110816 / e413_c.fm
• All specifications are subject to change without notice.
Please read the precautions before using this catalog.
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
• For more information about the products of other capacitance or data, please contact us.
Multilayer Ceramic Chip Capacitors
General Use(Mid Voltage)
C Series
FEATURES
• A series of small SMD products with rated voltages ranging from
100V to 630V.
The series has achieved a high capacitance, and is suited for
size and thickness reduction of devices.
• A lineup with wide-ranging rated voltages that enables
selections that are suitable for needs.
APPLICATION EXAMPLES
• DC to DC converter input/output smoothing
• Snubber circuits
• Trigger circuits for strobes of cellular phones and digital still
cameras
SHAPES AND DIMENSIONS
DIMENSIONS
The dimensions of each product are described within the product
name.
Dimensions L
×W
The 4-digit number in the product name corresponds to the
dimensions of L
×W.
Refer to the table below for specific values.
Dimensions in mm
• Dimension tolerances are typical values.
Product’s Thickness T
The value in parentheses at the end of the product name
corresponds to thickness T.
Refer to the table of "CAPACITANCE RANGES" for specific values.
Conformity to RoHS Directive
Dimension code
L
W
B
1005
1.0±0.05
0.5±0.05
0.1min.
1608
1.6±0.1
0.8±0.1
0.2min.
2012
2.0±0.2
1.25±0.2
0.2min.
3216
3.2±0.2
1.6±0.2
0.2min.
3225
3.2±0.4
2.5±0.3
0.2min.
4532
4.5±0.4
3.2±0.4
0.2min.
5750
5.7±0.4
5.0±0.4
0.2min.
B
L


Similar Part No. - C3216C0G2J121J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3216C0G2J121J TDK-C3216C0G2J121J Datasheet
250Kb / 8P
   Ceramic Capacitors For Mid Voltage SMD
C3216C0G2J121J060AA TDK-C3216C0G2J121J060AA Datasheet
1Mb / 28P
   C Series Commercial Grade Mid Voltage (100 to 630V)
C3216C0G2J121J060AA TDK-C3216C0G2J121J060AA Datasheet
1Mb / 31P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216C0G2J121J060AA TDK-C3216C0G2J121J060AA_16 Datasheet
131Kb / 1P
   Commercial Grade ( Mid Voltage (100 to 630V) )
C3216C0G2J121J060AA TDK-C3216C0G2J121J060AA_17 Datasheet
185Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C3216C0G2J121J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3225C0G2J682J200AA TDK-C3225C0G2J682J200AA Datasheet
124Kb / 18P
   Multilayer Ceramic Chip Capacitors General use(Mid voltage)
C3216X5R1A475K TDK-C3216X5R1A475K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
C3216X7R1E475K TDK-C3216X7R1E475K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
C3216X7R1C474K TDK-C3216X7R1C474K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
CGA2B3X7R1E104K050BB TDK-CGA2B3X7R1E104K050BB Datasheet
73Kb / 8P
   Multilayer Ceramic Chip Capacitors For automobile(General use)
CK45-B3AD101KYNA TDK-CK45-B3AD101KYNA Datasheet
85Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead General use
logo
YAGEO Corporation
CC1206JRNPOABN221 YAGEO-CC1206JRNPOABN221 Datasheet
899Kb / 23P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS Mid-voltage
logo
Murata Manufacturing Co...
C02E MURATA1-C02E_V01 Datasheet
4Mb / 89P
   Chip Multilayer Ceramic Capacitors for General
Nov.27,2017
logo
TDK Electronics
CK45-R3DD102K-NR TDK-CK45-R3DD102K-NR Datasheet
84Kb / 4P
   Mid-high Voltage Ceramic Capacitors
CC45SL3JD150JYNN TDK-CC45SL3JD150JYNN Datasheet
92Kb / 5P
   Mid-high Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com