Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-U203 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-U203
Description  8 mm (0.31 inch) Ultra Mini Seven Segment Displays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-U203 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-U203 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-U203 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-U203 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-U203 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-U203 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-U203 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-U203 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-U203 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-U203 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Electrical/Optical Characteristics at TA = 25° C, continued
High Efficiency Red
Device
Series
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
HDSP-
U2xx
Luminous Intensity/Segment
(Digit Average) [1,2]
IV
360
980
cd
IF = 5 mA
5390
IF = 20 mA
Forward Voltage/Segment or DP
VF
2.0
2.5
V
IF = 20 mA
Peak Wavelength
PEAK
635
nm
Dominant Wavelength [3]
d
626
nm
Reverse Voltage/Segment or DP [4]
VR
3.0
30
V
IR = 100
A
Temperature Coefficient of
VF/Segment or DP
VF/°C
-2
mV/°C
Thermal Resistance LED
Juction-to-Pin
R
J-PIN
200
°C/W/Seg
Orange
Device
Series
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
HDSP-
U4xx
Luminous Intensity/Segment
(Digit Average) [1,2]
IV
360
980
cd
IF = 5 mA
5390
IF = 20 mA
Forward Voltage/Segment or DP
VF
2.0
2.5
V
IF = 20 mA
Peak Wavelength
PEAK
600
nm
Dominant Wavelength [3]
d
603
nm
Reverse Voltage/Segment or DP [4]
VR
3.0
30
V
IR = 100
A
Temperature Coefficient of
VF/Segment or DP
VF/°C
-2
mV/°C
Thermal Resistance LED
Juction-to-Pin
R
J-PIN
200
°C/W/Seg


Similar Part No. - HDSP-U203

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-U203 HP-HDSP-U203 Datasheet
375Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-U203 AVAGO-HDSP-U203 Datasheet
133Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
HDSP-U203 AVAGO-HDSP-U203 Datasheet
359Kb / 9P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-U203-00000 HP-HDSP-U203-00000 Datasheet
375Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
HDSP-U203-00000 HP-HDSP-U203-00000 Datasheet
380Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
More results

Similar Description - HDSP-U203

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-U1XX HP-HDSP-U1XX Datasheet
380Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-U1XX AVAGO-HDSP-U1XX Datasheet
133Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-U HP-HDSP-U Datasheet
375Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-UXXX AVAGO-HDSP-UXXX Datasheet
359Kb / 9P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-F15 HP-HDSP-F15 Datasheet
482Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays
HDSP-340X HP-HDSP-340X Datasheet
185Kb / 8P
   20 mm (0.8 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-F151 AVAGO-HDSP-F151 Datasheet
284Kb / 10P
   10 mm (0.40 inch) Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-5301 HP-HDSP-5301 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com