Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-U211 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-U211
Description  8 mm (0.31 inch) Ultra Mini Seven Segment Displays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-U211 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-U211 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-U211 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-U211 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-U211 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-U211 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-U211 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-U211 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-U211 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-U211 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Part Numbering System
Notes:
1. For codes not listed in the figure above, please refer to the respective data sheet or contact your nearest Avago representative for details.
2. Bin options refer to shippable bins for a part-number. Color and Intensity Bins are typically restricted to 1 bin per tube (exceptions may apply).
Please refer to respective data sheet for specific bin limit information.
5 0 8 2 - x xx x - x x x xx
HDSP - x xx x - x x x xx
Mechanical Options [1]
00: No mechanical option
36: Special dimensional tolerances
Color Bin Options [1,2]
0: No color bin limitation
Maximum Intensity Bin [1,2]
0: No maximum intensity bin limitation
Minimum Intensity Bin [1,2]
0: No minimum intensity bin limitation
Device Configuration/Color [1]
1: Common Anode
3: Common Cathode
Device Specific Configuration [1]
Refer to respective data sheet
Package [1]
U: 8 mm (0.31 inch) Ultra Mini Single Digit Seven Segment Display


Similar Part No. - HDSP-U211

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-U211 HP-HDSP-U211 Datasheet
375Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-U211 AVAGO-HDSP-U211 Datasheet
133Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
HDSP-U211 AVAGO-HDSP-U211 Datasheet
359Kb / 9P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-U211-00000 HP-HDSP-U211-00000 Datasheet
375Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
HDSP-U211-00000 HP-HDSP-U211-00000 Datasheet
380Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
More results

Similar Description - HDSP-U211

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-U1XX HP-HDSP-U1XX Datasheet
380Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-U1XX AVAGO-HDSP-U1XX Datasheet
133Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-U HP-HDSP-U Datasheet
375Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-UXXX AVAGO-HDSP-UXXX Datasheet
359Kb / 9P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-F15 HP-HDSP-F15 Datasheet
482Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays
HDSP-340X HP-HDSP-340X Datasheet
185Kb / 8P
   20 mm (0.8 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-F151 AVAGO-HDSP-F151 Datasheet
284Kb / 10P
   10 mm (0.40 inch) Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-5301 HP-HDSP-5301 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com