Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-U511 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-U511
Description  8 mm (0.31 inch) Ultra Mini Seven Segment Displays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-U511 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HDSP-U511 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-U511 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-U511 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-U511 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-U511 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-U511 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-U511 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-U511 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HDSP-U511 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
HER, Orange, Yellow, Green
Figure 9. Forward Current vs. Forward Voltage Characteristics.
Figure 10. Relative Luminous Intensity vs. DC Forward Current.
Figure 11. Relative Efficiency (Luminous Intensity per Unit Current) vs. Peak
Current.
Figure 8. Maximum Allowable DC Current vs. Ambient Temperature.
Figure 7. Maximum Tolerable Peak Current vs. Pulse Duration – Green.
tP – PULSE DURATION – s
OPERATION IN THIS
REGION REQUIRES
TEMPERATURE
OPERATING OF IDC
MAXIMUM
40
0
5
10
15
20
25
30
35
TA – AMBIENT TEMPERATURE – °C
100
20
90
80
70
60
50
40
30
120
110
50
45
HER/ORANGE
YELLOW
GREEN
R J-A = 770°C/W
0
100
80
60
40
20
2.0
3.0
4.0
1.0
VF – FORWARD VOLTAGE – V
0
5.0
YELLOW
HER/ORANGE
GREEN
15
0
10
8
6
4
2
20
25
30
510
12
IF – FORWARD CURRENT PER SEGMENT – mA
0
YELLOW
GREEN
HER/ORANGE
IPEAK – PEAK FORWARD CURRENT PER SEGMENT – mA
0.8
1.0
1.2
1.4
0
100
80
20
60
40
1.8
1.6
GREEN
HER/ORANGE
YELLOW
10
1
100
10000
10
1000
100
1
DC OPERATION
10
1
100
10000
10
1000
100
1


Similar Part No. - HDSP-U511

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-U511 HP-HDSP-U511 Datasheet
375Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-U511 AVAGO-HDSP-U511 Datasheet
133Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
HDSP-U511 AVAGO-HDSP-U511 Datasheet
359Kb / 9P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-U511-00000 HP-HDSP-U511-00000 Datasheet
380Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
HDSP-U511-00036 HP-HDSP-U511-00036 Datasheet
380Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
More results

Similar Description - HDSP-U511

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-U1XX HP-HDSP-U1XX Datasheet
380Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-U1XX AVAGO-HDSP-U1XX Datasheet
133Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-U HP-HDSP-U Datasheet
375Kb / 11P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-UXXX AVAGO-HDSP-UXXX Datasheet
359Kb / 9P
   8 mm (0.31 inch) Ultra Mini Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-F15 HP-HDSP-F15 Datasheet
482Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays
HDSP-340X HP-HDSP-340X Datasheet
185Kb / 8P
   20 mm (0.8 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-F151 AVAGO-HDSP-F151 Datasheet
284Kb / 10P
   10 mm (0.40 inch) Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-5301 HP-HDSP-5301 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com