Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F566-IQ Datasheet(PDF) 11 Page - Silicon Laboratories

Part # C8051F566-IQ
Description  Up to 200 ksps Up to 32extemal single-ended inputs VREF from on-chip VREF, extemal pin or VDD
Download  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F566-IQ Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button C8051F566-IQ Datasheet HTML 7Page - Silicon Laboratories C8051F566-IQ Datasheet HTML 8Page - Silicon Laboratories C8051F566-IQ Datasheet HTML 9Page - Silicon Laboratories C8051F566-IQ Datasheet HTML 10Page - Silicon Laboratories C8051F566-IQ Datasheet HTML 11Page - Silicon Laboratories C8051F566-IQ Datasheet HTML 12Page - Silicon Laboratories C8051F566-IQ Datasheet HTML 13Page - Silicon Laboratories C8051F566-IQ Datasheet HTML 14Page - Silicon Laboratories C8051F566-IQ Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 302 page
background image
Rev. 1.1
11
C8051F55x/56x/57x
List of Tables
Table 2.1. Product Selection Guide ......................................................................... 21
Table 3.1. Pin Definitions for the C8051F55x/56x/57x ............................................ 22
Table 4.1. QFN-40 Package Dimensions ................................................................ 28
Table 4.2. QFN-40 Landing Diagram Dimensions ................................................... 29
Table 4.3. QFP-32 Package Dimensions ................................................................ 30
Table 4.4. QFP-32 Landing Diagram Dimensions ................................................... 31
Table 4.5. QFN-32 Package Dimensions ................................................................ 32
Table 4.6. QFN-32 Landing Diagram Dimensions ................................................... 33
Table 4.7. QFN-24 Package Dimensions ................................................................ 34
Table 4.8. QFN-24 Landing Diagram Dimensions ................................................... 35
Table 5.1. Absolute Maximum Ratings .................................................................... 36
Table 5.2. Global Electrical Characteristics ............................................................. 37
Table 5.3. Port I/O DC Electrical Characteristics ..................................................... 40
Table 5.4. Reset Electrical Characteristics .............................................................. 41
Table 5.5. Flash Electrical Characteristics .............................................................. 41
Table 5.6. Internal High-Frequency Oscillator Electrical Characteristics ................. 42
Table 5.7. Clock Multiplier Electrical Specifications ................................................ 43
Table 5.8. Voltage Regulator Electrical Characteristics .......................................... 43
Table 5.9. ADC0 Electrical Characteristics .............................................................. 44
Table 5.10. Temperature Sensor Electrical Characteristics .................................... 45
Table 5.11. Voltage Reference Electrical Characteristics ....................................... 45
Table 5.12. Comparator 0 and Comparator 1 Electrical Characteristics ................. 46
Table 10.1. CIP-51 Instruction Set Summary .......................................................... 84
Table 12.1. Special Function Register (SFR) Memory Map for Pages
0x00 and 0x0F .................................................................................... 106
Table 12.2. Special Function Register (SFR) Memory Map for Page 0x0C .......... 107
Table 12.3. Special Function Registers ................................................................. 108
Table 13.1. Interrupt Summary .............................................................................. 114
Table 14.1. Flash Security Summary .................................................................... 127
Table 17.1. EMIF Pinout (C8051F568-9 and ‘F570-5) .......................................... 144
Table 17.2. AC Parameters for External Memory Interface ................................... 154
Table 19.1. Port I/O Assignment for Analog Functions ......................................... 169
Table 19.2. Port I/O Assignment for Digital Functions ........................................... 169
Table 19.3. Port I/O Assignment for External Digital Event Capture Functions .... 170
Table 20.1. Baud Rate Calculation Variable Ranges ............................................ 192
Table 20.2. Manual Baud Rate Parameters Examples ......................................... 194
Table 20.3. Autobaud Parameters Examples ........................................................ 195
Table 20.4. LIN Registers* (Indirectly Addressable) .............................................. 200
Table 21.1. Background System Information ........................................................ 210
Table 21.2. Standard CAN Registers and Reset Values ....................................... 213
Table 22.1. SMBus Clock Source Selection .......................................................... 220
Table 22.2. Minimum SDA Setup and Hold Times ................................................ 221


Similar Part No. - C8051F566-IQ

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F566-IQ SILABS-C8051F566-IQ Datasheet
1Mb / 303P
   Mixed Signal ISP Flash MCU Family
C8051F566-IQ SILABS-C8051F566-IQ Datasheet
142Kb / 5P
   This note already existed in the data sheet in the Reset Sources chapter, and it?셲 been added to additional locations to make it more prominent.
C8051F566-IQR SILABS-C8051F566-IQR Datasheet
142Kb / 5P
   This note already existed in the data sheet in the Reset Sources chapter, and it?셲 been added to additional locations to make it more prominent.
More results

Similar Description - C8051F566-IQ

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
TR0010 SSDI-TR0010 Datasheet
45Kb / 2P
   NPN (VREF) TRANSISTOR
logo
Maxim Integrated Produc...
MAX1303 MAXIM-MAX1303_12 Datasheet
509Kb / 29P
   4-Channel, ±VREF Multirange Inputs,Serial 16-Bit ADC
Rev 2; 3/12
MAX1302 MAXIM-MAX1302_12 Datasheet
625Kb / 31P
   8-Channel, ±VREF Multirange Inputs, Serial 16-Bit ADC
Rev 0; 3/12
logo
Texas Instruments
REF2025 TI-REF2025_15 Datasheet
2Mb / 32P
[Old version datasheet]   REF20xx Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
REF2025 TI1-REF2025_18 Datasheet
2Mb / 33P
[Old version datasheet]   Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
logo
Maxim Integrated Produc...
MAX1302 MAXIM-MAX1302 Datasheet
1Mb / 31P
   8-/4-Channel, VREF Multirange Inputs, Serial 16-Bit ADCs
Rev 0; 5/05
MAX1034 MAXIM-MAX1034_12 Datasheet
431Kb / 31P
   8-/4-Channel, ±VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 2; 3/12
logo
Microsemi Corporation
LX13049 MICROSEMI-LX13049 Datasheet
204Kb / 7P
   VREF @ 800mV, 1.25A, 1.0MHZ PWM
Rev. 1.1, 5/2/2007
logo
Texas Instruments
REF1925 TI-REF1925_15 Datasheet
2Mb / 31P
[Old version datasheet]   REF19xx Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
logo
Maxim Integrated Produc...
MAX20098EVKIT MAXIM-MAX20098EVKIT Datasheet
1Mb / 8P
   Output Voltage: 5V or 3.3V Fixed, or Adjustable from 1V up to 10V
Rev 4; 4/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com